Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLF6G15L-40RN Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BLF6G15L-40RN
Description  Power LDMOS transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF6G15L-40RN Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BLF6G15L-40RN_15 Datasheet HTML 3Page - NXP Semiconductors BLF6G15L-40RN_15 Datasheet HTML 4Page - NXP Semiconductors BLF6G15L-40RN_15 Datasheet HTML 5Page - NXP Semiconductors BLF6G15L-40RN_15 Datasheet HTML 6Page - NXP Semiconductors BLF6G15L-40RN_15 Datasheet HTML 7Page - NXP Semiconductors BLF6G15L-40RN_15 Datasheet HTML 8Page - NXP Semiconductors BLF6G15L-40RN_15 Datasheet HTML 9Page - NXP Semiconductors BLF6G15L-40RN_15 Datasheet HTML 10Page - NXP Semiconductors BLF6G15L-40RN_15 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
BLF6G15L-40RN_6G15LS-40RN
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 14 May 2012
7 of 12
NXP Semiconductors
BLF6G15L(S)-40RN
Power LDMOS transistor
9.
Package outline
Fig 6.
Package outline SOT1135A
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT1135A
sot1135a_po
09-10-12
09-12-14
Unit(1)
mm
max
nom
min
4.65
3.76
5.26
5.00
9.65
9.40
9.65
9.40
9.65
9.40
9.65
9.40
19.94
18.92
3.30
2.92
15.24
0.51
A
Dimensions
Note
1. millimeter dimensions are derived from the original inch dimensions.
2. dimension is measured 0.030 inch (0.76 mm) from the body.
Flanged ceramic package; 2 mounting holes; 2 leads
SOT1135A
bc
0.18
0.10
DD1
EE1
F
1.14
0.89
Hp
Q
1.70
1.45
qU1
20.45
20.19
U2
9.91
9.65
w1
0.25
w2
inches
max
nom
min
0.183
0.148
0.207
0.197
0.38
0.37
0.38
0.37
0.38
0.37
0.38
0.37
0.785
0.745
0.130
0.115
0.6
0.02
0.007
0.004
0.045
0.035
0.067
0.057
0.805
0.795
0.39
0.38
0.01
A
D
F
D1
c
E
E1
Q
B
C
A
q
U1
U2
b
2
1
3
H
p
A
B
w1
C
w2
0
5
10 mm
scale


Similar Part No. - BLF6G15L-40RN_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF6G15L-40RN NXP-BLF6G15L-40RN Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
More results

Similar Description - BLF6G15L-40RN_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF6G20-110 NXP-BLF6G20-110 Datasheet
74Kb / 9P
   Power LDMOS transistor
Rev. 01-28 January 2008
BLF7G22L-130 NXP-BLF7G22L-130 Datasheet
180Kb / 15P
   Power LDMOS transistor
Rev. 3-18 November 2010
BLF6G20-45 NXP-BLF6G20-45 Datasheet
88Kb / 12P
   Power LDMOS transistor
Rev. 02-25 August 2008
BLF6G20-110 NXP-BLF6G20-110_09 Datasheet
90Kb / 10P
   Power LDMOS transistor
Rev. 03-13 January 2009
BLF2425M7L140 NXP-BLF2425M7L140 Datasheet
299Kb / 11P
   Power LDMOS transistor
Rev. 3-6 September 2012
BLF188XR NXP-BLF188XR Datasheet
227Kb / 15P
   Power LDMOS transistor
Rev. 5-12 November 2013
BLF6G22LS-130 PHILIPS-BLF6G22LS-130_15 Datasheet
87Kb / 11P
   Power LDMOS transistor
Rev. 01-23 May 2008
BLF6G20LS-140 PHILIPS-BLF6G20LS-140_15 Datasheet
74Kb / 8P
   Power LDMOS transistor
Rev. 01-27 February 2009
BLF7G10L-250 PHILIPS-BLF7G10L-250_15 Datasheet
714Kb / 13P
   Power LDMOS transistor
Rev. 4-13 September 2012
BLA6G1011-200R PHILIPS-BLA6G1011-200R_15 Datasheet
185Kb / 13P
   Power LDMOS transistor
Rev. 5-17 March 2015
BLP8G20S-80P PHILIPS-BLP8G20S-80P_15 Datasheet
158Kb / 11P
   Power LDMOS transistor
Rev. 2-13 October 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com