Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFNG50 Datasheet(PDF) 2 Page - International Rectifier

Part # IRFNG50
Description  Simple Drive Requirements
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFNG50 Datasheet(HTML) 2 Page - International Rectifier

  IRFNG50 Datasheet HTML 1Page - International Rectifier IRFNG50 Datasheet HTML 2Page - International Rectifier IRFNG50 Datasheet HTML 3Page - International Rectifier IRFNG50 Datasheet HTML 4Page - International Rectifier IRFNG50 Datasheet HTML 5Page - International Rectifier IRFNG50 Datasheet HTML 6Page - International Rectifier IRFNG50 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
IRFNG50
2
www.irf.com
Electrical Characteristics @ Tj = 25°C (Unless Otherwise Specified)
Parameter
Min
Typ Max Units
Test Conditions
BVDSS
Drain-to-Source Breakdown Voltage
1000
V
VGS = 0V, ID = 1.0mA
∆BVDSS/∆TJ Temperature Coefficient of Breakdown
1.4
V/°C
Reference to 25°C, ID = 1.0mA
Voltage
RDS(on)
Static Drain-to-Source On-State
2.0
VGS = 10V, ID = 3.5A
Resistance
2.25
VGS = 10V, ID = 5.5A
VGS(th)
Gate Threshold Voltage
2.0
4.0
V
VDS = VGS, ID = 250µA
gfs
Forward Transconductance
5.2
S ( )VDS > 15V, IDS = 3.5A ➃
IDSS
Zero Gate Voltage Drain Current
25
VDS= 800V ,VGS=0V
250
VDS = 800V,
VGS = 0V, TJ = 125°C
IGSS
Gate-to-Source Leakage Forward
100
VGS = 20V
IGSS
Gate-to-Source Leakage Reverse
-100
VGS = -20V
Qg
Total Gate Charge
200
VGS =10V, ID =5.5A
Qgs
Gate-to-Source Charge
20
nC
VDS = 400V |
Qgd
Gate-to-Drain (‘Miller’) Charge
110
td(on)
Turn-On Delay Time
30
VDD = 400V, ID = 5.5A,
tr
Rise Time
44
VGS =10V, RG = 2.35Ω |
td(off)
Turn-Off Delay Time
210
tf
Fall Time
60
LS + LD
Total Inductance
4.0
Ciss
Input Capacitance
2400
VGS = 0V, VDS = 25V
Coss
Output Capacitance
240
pF
f = 1.0MHz
Crss
Reverse Transfer Capacitance
80
nA
nH
ns
µA
For footnotes refer to the last page
Thermal Resistance
Parameter
Min Typ Max
Units
Test Conditions
RthJC
Junction-to-Case
0.83
°C/W
Source-Drain Diode Ratings and Characteristics
Parameter
Min Typ Max Units
Test Conditions
IS
Continuous Source Current (Body Diode)
5.5
ISM
Pulse Source Current (Body Diode)
——
22
VSD
Diode Forward Voltage
1.8
V
Tj = 25°C, IS = 5.5A, VGS = 0V ➃
trr
Reverse Recovery Time
1200
nS
Tj = 25°C, IF = 5.5A, di/dt ≤ 100A/µs
QRR Reverse Recovery Charge
8.4
µC
VDD ≤ 50V ➃
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible. Turn-on speed is substantially controlled by LS + LD.
A
Measured from the center of drain
pad to center of source pad.


Similar Part No. - IRFNG50

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFNG50 IRF-IRFNG50 Datasheet
213Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=1000V, Rds(on)=2.0ohm, Id=5.5A)
More results

Similar Description - IRFNG50

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHSLNA57064 IRF-IRHSLNA57064_15 Datasheet
120Kb / 9P
   Simple Drive Requirements
IRHQ6110 IRF-IRHQ6110_15 Datasheet
264Kb / 14P
   Simple Drive Requirements
IRHQ9110 IRF-IRHQ9110_15 Datasheet
205Kb / 8P
   Simple Drive Requirements
IRHNA7264SE IRF-IRHNA7264SE_15 Datasheet
123Kb / 8P
   Simple Drive Requirements
IRHNA57163SE IRF-IRHNA57163SE_15 Datasheet
184Kb / 8P
   Simple Drive Requirements
IRHYS67230CM IRF-IRHYS67230CM_15 Datasheet
206Kb / 9P
   Simple Drive Requirements
IRHNA67164 IRF-IRHNA67164_15 Datasheet
198Kb / 9P
   Simple Drive Requirements
IRHNA67264 IRF-IRHNA67264_15 Datasheet
195Kb / 9P
   Simple Drive Requirements
IRHNA597160 IRF-IRHNA597160_15 Datasheet
185Kb / 8P
   Simple Drive Requirements
IRLF120 IRF-IRLF120_15 Datasheet
312Kb / 7P
   Simple Drive Requirements
IRLR8103VPBF IRF-IRLR8103VPBF_15 Datasheet
214Kb / 9P
   Simple Drive Requirements
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com