Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT240X Datasheet(PDF) 8 Page - Future Technology Devices International Ltd.

Part # FT240X
Description  The FT240X is a USB to parallel FIFO interface with the following advanced features
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT240X Datasheet(HTML) 8 Page - Future Technology Devices International Ltd.

Back Button FT240X Datasheet HTML 4Page - Future Technology Devices International Ltd. FT240X Datasheet HTML 5Page - Future Technology Devices International Ltd. FT240X Datasheet HTML 6Page - Future Technology Devices International Ltd. FT240X Datasheet HTML 7Page - Future Technology Devices International Ltd. FT240X Datasheet HTML 8Page - Future Technology Devices International Ltd. FT240X Datasheet HTML 9Page - Future Technology Devices International Ltd. FT240X Datasheet HTML 10Page - Future Technology Devices International Ltd. FT240X Datasheet HTML 11Page - Future Technology Devices International Ltd. FT240X Datasheet HTML 12Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
Copyright © 2013 Future Technology Devices International Limited
8
FT240X USB 8-BIT FIFO IC Datasheet
Version 1.3
Document No.: FT_000626 Clearance No.:
FTDI# 259
Pin No.
Name
Type
Description
16
RESET#
Input
Active low reset pin. This can be used by an external device to reset the
FT240X. If not required can be left unconnected, or pulled up to VCC.
10
SIWU#
Input
Active low input. May be used to flush the IC buffer back to the PC (Send
Immediate) or if the PC is in suspend mode it can be used as a Wake Up
signal.
23
CBUS5
I/O
Configurable CBUS I/O Pin. Function of this pin is configured in the
device MTP memory. See CBUS Signal Options, Table 3.9.
22
CBUS6
I/O
Configurable CBUS I/O Pin. Function of this pin is configured in the
device MTP memory. See CBUS Signal Options, Table 3.9.
Table 3.3 Miscellaneous Signal Group
Pin No.
Name
Type
Description
24
D0
I/O
FIFO Data Bus Bit 0
4
D1
I/O
FIFO Data Bus Bit 1
2
D2
I/O
FIFO Data Bus Bit 2
9
D3
I/O
FIFO Data Bus Bit 3
1
D4
I/O
FIFO Data Bus Bit 4
7
D5
I/O
FIFO Data Bus Bit 5
8
D6
I/O
FIFO Data Bus Bit 6
5
D7
I/O
FIFO Data Bus Bit 7
11
RD#
Input
Enables the current FIFO data byte on D0...D7 when low. Fetched the next FIFO
data byte (if available) from the receive FIFO buffer when RD# goes from high to
low. See Section 3.6 for timing diagram.
12
WR
Input
Writes the data byte on the D0...D7 pins into the transmit FIFO buffer when WR
goes from high to low. See Section 3.7 for timing diagram.
20
TXE#
Output
When high, do not write data into the FIFO. When low, data can be written into
the FIFO by strobing WR high, then low. During reset this signal pin is tri-state.
See Section 3.7 for timing diagram.
21
RXF#
Output
When high, do not read data from the FIFO. When low, there is data available in
the FIFO which can be read by strobing RD# low, then high again. During reset
this signal pin is tri-state. See Section 3.6 for timing diagram.
If the Remote Wakeup option is enabled in the internal MTP
memory, during USB
suspend mode (PWREN# = 1) RXF# becomes an input. This can be used to wake
up the USB host from suspend mode by strobing this pin low for a minimum of
20ms which will cause the device to request a resume on the USB bus.
Table 3.4 FIFO Interface Group (see note 2)
Notes:
When used in Input Mode, the input pins are pulled to VCCIO via internal 200kΩ resistors. These
pins can be programmed to gently pull low during USB suspend (PWREN# = “1”) by setting an
option in the internal MTP memory.


Similar Part No. - FT240X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FT240X ETC2-FT240X Datasheet
754Kb / 40P
   Future Technology Devices International Ltd
FT240XQ ETC2-FT240XQ Datasheet
1Mb / 28P
   Introducing the FT-X Series of USB2.0 Full Speed Peripheral Solutions
FT240XQ-R ETC2-FT240XQ-R Datasheet
754Kb / 40P
   Future Technology Devices International Ltd
FT240XS ETC2-FT240XS Datasheet
1Mb / 28P
   Introducing the FT-X Series of USB2.0 Full Speed Peripheral Solutions
logo
Future Technology Devic...
FT240XS-R FTDI-FT240XS-R Datasheet
754Kb / 40P
   USB 8-BIT FIFO IC
More results

Similar Description - FT240X

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT600 FTDI-FT600 Datasheet
1Mb / 29P
   The FT600/FT601 is a USB 3.0 to FIFO interface bridge chip with the following advanced features
FT232BL_BQ FTDI-FT232BL_BQ Datasheet
1Mb / 34P
   The FT232B is a USB to serial UART interface with the following advanced features
FT221X FTDI-FT221X Datasheet
984Kb / 45P
   The FT221X is a USB to FTDI?셲 proprietary FT1248 interface with the following advanced features
FT4222H FTDI-FT4222H Datasheet
1Mb / 49P
   FT4222H is a USB2.0 to Quad-SPI/I2C interface Device Controller with the following advanced features
FT234XD FTDI-FT234XD Datasheet
695Kb / 37P
   The FT234XD is a USB to serial UART interface with optimised packaging (3mm x 3mm 12 pin DFN) for smaller PCB designs and the following advanced features
logo
Xilinx, Inc
DS484 XILINX-DS484 Datasheet
189Kb / 5P
   The Split Operation has the following features:
logo
NXP Semiconductors
MC56F826XXDS NXP-MC56F826XXDS Datasheet
1Mb / 60P
   The following table is the comparsion of features among members of the family.
Rev. 0, 08/2018
logo
Altera Corporation
EP2S90F1020C4N ALTERA-EP2S90F1020C4N Datasheet
2Mb / 238P
   The Stratix II family offers the following features
logo
List of Unclassifed Man...
DLP-USB1 ETC1-DLP-USB1 Datasheet
63Kb / 6P
   USB to FIFO Parallel Interface Module
logo
Zilog, Inc.
ZRD0027PLM0ZRD ZILOG-ZRD0027PLM0ZRD Datasheet
558Kb / 24P
   This reference design features the following elements
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com