Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT600 Datasheet(PDF) 10 Page - Future Technology Devices International Ltd.

Part # FT600
Description  The FT600/FT601 is a USB 3.0 to FIFO interface bridge chip with the following advanced features
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT600 Datasheet(HTML) 10 Page - Future Technology Devices International Ltd.

Back Button FT600 Datasheet HTML 6Page - Future Technology Devices International Ltd. FT600 Datasheet HTML 7Page - Future Technology Devices International Ltd. FT600 Datasheet HTML 8Page - Future Technology Devices International Ltd. FT600 Datasheet HTML 9Page - Future Technology Devices International Ltd. FT600 Datasheet HTML 10Page - Future Technology Devices International Ltd. FT600 Datasheet HTML 11Page - Future Technology Devices International Ltd. FT600 Datasheet HTML 12Page - Future Technology Devices International Ltd. FT600 Datasheet HTML 13Page - Future Technology Devices International Ltd. FT600 Datasheet HTML 14Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
Copyright © 2015 Future Technology Devices International Limited
10
DS_FT600Q-FT601Q IC Datasheet/FT601 USB 3.0 to FIFO Bridge
Version 1.01
Document No.: FT_001118 Clearance No.: FTDI#424
When the FT600 or FT601 is configured as the 245 Synchronous FIFO bus or 1 channel in the multi-
Channel FIFO bus mode, the FIFO buffer is configured as 4 KB * 2 (double buffered) each on the RX and
TX channels.
When the FT600 or FT601 is configured as 2 channels in the multi-Channel FIFO bus mode, the FIFO
buffer is configured as 2 KB * 2 (double buffered) each on RX and TX channel.
When the FT600 or FT601 is configured as 4 channels in the multi-Channel FIFO bus mode, the FIFO
buffer is configured as 1 KB * 2 (double buffered) each on RX and TX channel.
Internal LDO Regulator.
The LDO regulator generates the +1.0V power supply for driving the internal core of the device. Not to be
used for external devices.
Reset Generator.
The integrated Reset Generator Cell provides a reliable power-on reset to the device internal circuitry at
power up. The RESET_N input pin allows an external device to reset the FT60x. Active low.
Remote Wake Up Function.
If USB is in suspend mode, and remote wake up has been enabled, driving the WAKEUP_N pin to low will
cause the FT60x device to request a resume from suspend on the USB bus. Normally this can be used to
wake up the host PC from suspend.
BCD(Battery Charge Detection) Function.
Supports Battery Charging spec revision1.2, it is optional for mapping the GPIO pin to indicate the detect
results. Refer to GPIO for the pin configuration in BCD mode,
GPIO (General purpose input and output) pins
GPOI[1:0] are multifunctional pins. The functions are configured by the chip configuration data. The
default chip configuration sets the GPIO pins as FIFO mode configuration input. At the power up, FT600
or FT601 sets the chip to 245 synchronous FIFO mode or multi-channel FIFO modes depending on the
GPIO[1:0] input, details in the table below:
GPIO1
GPIO0
Chip mode
0
0
1 channel, 245 Synchronous FIFO mode
0
1
1 channel, Multi-Channel FIFO mode
1
0
2 channel, Multi-Channel FIFO mode
1
1
4 channel, Multi-Channel FIFO mode
To enable the GPIO function, the chip configuration must be updated to set the GPIO function.
To enable the BCD mode, the chip configuration must be updated to set the BCD mode.
When the FT600 or FT601 is configured to support BCD, the GPIO pins are set to output, output changes
according to BCD detection result.
GPIO1
GPIO0
Chip mode
0
0
No USB connection or BCD detection on going.
0
1
SDP(standard downstream port) detected
1
0
CDP(Charging downstream port) detected
1
1
DCP(Dedicated charging port) detected


Similar Part No. - FT600

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
FT600 MACOM-FT600 Datasheet
132Kb / 2P
   New surface-mount fuse products for overcurrent protection of communications equipment
FT600-0500 MACOM-FT600-0500 Datasheet
132Kb / 2P
   New surface-mount fuse products for overcurrent protection of communications equipment
FT600-0500 MACOM-FT600-0500 Datasheet
323Kb / 22P
   PolySwitch Resettable Devices Telecommunications & Networking Devices
FT600-0500-2 MACOM-FT600-0500-2 Datasheet
132Kb / 2P
   New surface-mount fuse products for overcurrent protection of communications equipment
FT600-1250 MACOM-FT600-1250 Datasheet
132Kb / 2P
   New surface-mount fuse products for overcurrent protection of communications equipment
More results

Similar Description - FT600

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT240X FTDI-FT240X Datasheet
754Kb / 40P
   The FT240X is a USB to parallel FIFO interface with the following advanced features
FT232BL_BQ FTDI-FT232BL_BQ Datasheet
1Mb / 34P
   The FT232B is a USB to serial UART interface with the following advanced features
FT221X FTDI-FT221X Datasheet
984Kb / 45P
   The FT221X is a USB to FTDI?셲 proprietary FT1248 interface with the following advanced features
FT4222H FTDI-FT4222H Datasheet
1Mb / 49P
   FT4222H is a USB2.0 to Quad-SPI/I2C interface Device Controller with the following advanced features
FT234XD FTDI-FT234XD Datasheet
695Kb / 37P
   The FT234XD is a USB to serial UART interface with optimised packaging (3mm x 3mm 12 pin DFN) for smaller PCB designs and the following advanced features
logo
Xilinx, Inc
DS484 XILINX-DS484 Datasheet
189Kb / 5P
   The Split Operation has the following features:
logo
NXP Semiconductors
MC56F826XXDS NXP-MC56F826XXDS Datasheet
1Mb / 60P
   The following table is the comparsion of features among members of the family.
Rev. 0, 08/2018
logo
Future Technology Devic...
FT600Q-B-T FTDI-FT600Q-B-T Datasheet
1Mb / 33P
   USB 3.0 to FIFO Bridge
logo
Altera Corporation
EP2S90F1020C4N ALTERA-EP2S90F1020C4N Datasheet
2Mb / 238P
   The Stratix II family offers the following features
logo
Future Technology Devic...
FT602Q-T FTDI-FT602Q-T Datasheet
1Mb / 28P
   FIFO to USB 3.0 UVC Bridge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com