Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OKDH-T40-W12-001-C Datasheet(PDF) 11 Page - Murata Manufacturing Co., Ltd.

Part # OKDH-T40-W12-001-C
Description  40A Digital PoL DC-DC Converter Series
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

OKDH-T40-W12-001-C Datasheet(HTML) 11 Page - Murata Manufacturing Co., Ltd.

Back Button OKDH-T40-W12-001-C Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. OKDH-T40-W12-001-C Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. OKDH-T40-W12-001-C Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. OKDH-T40-W12-001-C Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. OKDH-T40-W12-001-C Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. OKDH-T40-W12-001-C Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. OKDH-T40-W12-001-C Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. OKDH-T40-W12-001-C Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. OKDH-T40-W12-001-C Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
Electrical Specifications, OKDX-T/40-W12-xxx-C
T
P1 = -30 to +95 °C, VI = 4.5 to 14 V, VI > VO + 1.0 V
Typical values given at: T
P1 = +25 °C, VI = 12.0 V, max IO, unless otherwise specified under Conditions.
Default configuration file, 190 10-CDA 102 0259/001.
External C
IN = 470 μF/10 mΩ, COUT = 470 μF/10 mΩ. See Operating Information section for selection of capacitor types.
Sense pins are connected to the output pins.
Characteristics
Conditions
Min
Typ
Max
Unit
V
I
Input voltage rise time
monotonic
2.4
V/ms
V
O
Output voltage without pin strap
1.2
V
Output voltage adjustment range
0.60
3.3
V
Output voltage adjustment including margining
See Note 17
0.54
3.63
V
Output voltage set-point resolution
±0.025
% Vo
Output voltage accuracy
Including line, load, temp.
See Note 14
-1
1
%
Current sharing operation
See Note 15
-2
2
%
Internal resistance +S/-S to VOUT/GND
4.7
Ω
Line regulation
V
O = 0.6 V
2
mV
V
O = 1.0 V
2
V
O = 1.8V
2
V
O = 3.3 V
2
Load regulation; I
O = 0 - 100%
V
O = 0.6 V
2
mV
V
O = 1.0 V
2
V
O = 1.8V
2
V
O = 3.3 V
2
V
Oac
Output ripple & noise
C
O = 470 μF (minimum external capacitance). See Note 11
V
O = 0.6 V
20
mVp-p
V
O = 1.0 V
25
V
O = 1.8 V
30
V
O = 3.3 V
45
I
O
Output current
See Note 18
0.001
40
A
I
S
Static input current at max I
O
V
O = 0.6 V
2.46
A
V
O = 1.0 V
3.81
V
O = 1.8 V
6.51
V
O = 3.3 V
11.61
I
lim
Current limit threshold
42
52
A
I
sc
Short circuit current
RMS, hiccup mode, See Note 3
V
O = 0.6 V
9
A
V
O = 1.0 V
8
V
O = 1.8 V
8
V
O = 3.3 V
6
Efficiency
50% of max I
O
V
O = 0.6 V
85.8
%
V
O = 1.0 V
90.5
V
O = 1.8 V
93.7
V
O = 3.3 V
95.5
max I
O
V
O = 0.6 V
81.4
%
V
O = 1.0 V
87.5
V
O = 1.8 V
92.1
V
O = 3.3 V
94.7
P
d
Power dissipation at max I
O
V
O = 0.6 V
5.48
W
V
O = 1.0 V
5.70
V
O = 1.8 V
6.12
V
O = 3.3 V
7.32
P
li
Input idling power
(no load)
Default configuration: Contin-
ues Conduction Mode, CCM
V
O = 0.6 V
0.90
W
V
O = 1.0 V
0.90
V
O = 1.8 V
1.10
V
O = 3.3 V
1.70
P
CTRL
Input standby power
Turned off with CTRL-pin
Default configuration: Monitoring
enabled, Precise timing enabled
170
mW
OKDx-T/40-W12-xxx-C
40A Digital PoL DC-DC Converter Series
MDC_OKDx-T/40-W12-xxx-C.A04 Page 11 of 38
www.murata-ps.com/support


Similar Part No. - OKDH-T40-W12-001-C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
OKDH-T MURATA-PS-OKDH-T Datasheet
1Mb / 38P
   40A Digital PoL DC-DC Converter Series
OKDH-T/40-W12-001-C MURATA-PS-OKDH-T/40-W12-001-C Datasheet
1Mb / 38P
   40A Digital PoL DC-DC Converter Series
OKDH-T/40-W12-001-C MURATA-PS-OKDH-T/40-W12-001-C Datasheet
1Mb / 38P
   40A Digital PoL DC-DC Converter Series
OKDH-T/50-W12-001-C MURATA-PS-OKDH-T/50-W12-001-C Datasheet
1Mb / 41P
   50A Digital PoL DC-DC Converter Series
OKDH-T/50-W12-002-C MURATA-PS-OKDH-T/50-W12-002-C Datasheet
1Mb / 41P
   50A Digital PoL DC-DC Converter Series
More results

Similar Description - OKDH-T40-W12-001-C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
OKDH-T MURATA-PS-OKDH-T Datasheet
1Mb / 38P
   40A Digital PoL DC-DC Converter Series
OKDX-T MURATA-PS-OKDX-T Datasheet
1Mb / 38P
   40A Digital PoL DC-DC Converter Series
logo
CUI INC
NDM1-12 CUI-NDM1-12 Datasheet
250Kb / 4P
   DIGITAL DC-DC POL CONVERTER
NDM1-25 CUI-NDM1-25 Datasheet
286Kb / 4P
   DIGITAL DC-DC POL CONVERTER
logo
Murata Power Solutions ...
OKDY-T MURATA-PS-OKDY-T Datasheet
1Mb / 41P
   50A Digital PoL DC-DC Converter Series
OKDL-T MURATA-PS-OKDL-T Datasheet
1Mb / 31P
   12A Digital PoL DC-DC Converter Series
logo
CUI INC
NDM2Z-50 CUI-NDM2Z-50 Datasheet
1Mb / 32P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM2Z-25 CUI-NDM2Z-25 Datasheet
1Mb / 32P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM3Z-90 CUI-NDM3Z-90 Datasheet
3Mb / 33P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM2Z-12HT CUI-NDM2Z-12HT Datasheet
1Mb / 14P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com