Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS12 Datasheet(PDF) 1 Page - YENYO TECHNOLOGY Co., Ltd

Part # SS12
Description  1.0A Schottky Barrier Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YENYO [YENYO TECHNOLOGY Co., Ltd]
Direct Link  http://www.yenyo.com.tw
Logo YENYO - YENYO TECHNOLOGY Co., Ltd

SS12 Datasheet(HTML) 1 Page - YENYO TECHNOLOGY Co., Ltd

  SS12 Datasheet HTML 1Page - YENYO TECHNOLOGY Co., Ltd SS12 Datasheet HTML 2Page - YENYO TECHNOLOGY Co., Ltd SS12 Datasheet HTML 3Page - YENYO TECHNOLOGY Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
 
1/3
R1,MAY-15
 
SS12 THRU SS110 
1.0A Schottky Barrier Rectifiers 
YENYO
 
1. 封裝 Package  
封裝方式 Method: SMAF 
封裝尺寸 Dimension:  如圖示 
2. 產品特色  Features 
For surface mounted applications  
Ultra thin profile package for space constrained utilization 
Package suitable for automated handling 
Metal to silicon rectifier, majority carrier conduction. 
Low power loss, high efficiency. 
High surge capacity 
High current capacity, low VF 
Meet with EU RoHS 2011/65/EU compliance  
Lead free and Green device 
3. 機械數據  Mechanical Data 
Epoxy: UL94V‐0 rated flame retardant 
Case: Epoxy, Molded 
Terminals: Solder plated solderable per MIL‐STD‐750 Method 2026 
Polarity: Color band denotes cathode end 
 
4. 極限值與電參數 Maximum Ratings & Electrical Characteristic 
Rating at 25
OC ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or 
inductive load. For capacitive load, derate current by 20%. 
 
 
Notes : 
(1) Mounted on an FR4 PCB, single‐sided copper, mini pad 
(2) Mounted on an FR4 PCB, single‐sided copper, with 48cm
2 copper pad area 
 
 
PARAMETER 
Symbol 
SS12 
SS14 
SS16 
SS110 
UNITS
Recurrent Peak Reverse Voltage 
VRRM 
20 
40 
60 
100 
Volts
RMS   voltage 
VRMS 
14 
28 
42 
70 
Volts
Maximum DC blocking voltage 
VR 
20 
40 
60 
100 
Volts
Peak Forward Surge Current 8.3ms single half sine ‐wave 
superimposed on rated load (JEDEC Method) 
IFSM 
30 
Amps
Average Forward Current 
IF(AV) 
1.0 
Amps
Operating Junction Temperature and Storage Temperature Range 
TJ,TSTG ‐55 to +150 ‐65 to +175 
O
Typical thermal resistance, Junction to Ambient (NOTE1) 
                         Junction to Lead (NOTE2) 
R0JA 
RÈJL 
150 
18 
150 
19 
OC/W
Forward Voltage at 1.0A 
VF 
0.5 
0.7 
0.8 
Volts
DC reverse current at rated 
DC blocking voltage    
TJ=25℃ 
IR 
0.2 
0.1 
0.05 
mA 
單位 Unit: millimeters


Similar Part No. - SS12

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SS12 PANJIT-SS12 Datasheet
66Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Diode Semiconductor Kor...
SS12 DSK-SS12 Datasheet
179Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
SS12 PANJIT-SS12 Datasheet
117Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
SAMYANG ELECTRONICS CO....
SS12 SAMYANG-SS12 Datasheet
739Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Won-Top Electronics
SS12 WTE-SS12 Datasheet
45Kb / 4P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results

Similar Description - SS12

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SR17 MOSPEC-SR17 Datasheet
220Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(1.0A,70-100V)
logo
SUNMATE electronic Co.,...
SM120 SUNMATE-SM120 Datasheet
155Kb / 2P
   1.0A Surface Mount Schottky Barrier Rectifiers
1N5817 SUNMATE-1N5817 Datasheet
57Kb / 2P
   1.0A Axial Leaded Schottky Barrier Rectifiers
logo
Mospec Semiconductor
SR102 MOSPEC-SR102 Datasheet
223Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(1.0A,20-60V)
SR107 MOSPEC-SR107 Datasheet
214Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(1.0A,70-100V)
SR12 MOSPEC-SR12 Datasheet
223Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(1.0A,20-60V)
logo
SUNMATE electronic Co.,...
SM5817 SUNMATE-SM5817 Datasheet
258Kb / 2P
   1.0A Surface Mount Schottky Barrier Rectifiers
logo
Mospec Semiconductor
SK17 MOSPEC-SK17 Datasheet
217Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(1.0A,70-100V)
SK12 MOSPEC-SK12 Datasheet
228Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(1.0A,20-60V)
SM17 MOSPEC-SM17 Datasheet
230Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(1.0A,20-40V)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com