Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS24A Datasheet(PDF) 1 Page - YENYO TECHNOLOGY Co., Ltd

Part # SS24A
Description  2.0A Schottky Barrier Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YENYO [YENYO TECHNOLOGY Co., Ltd]
Direct Link  http://www.yenyo.com.tw
Logo YENYO - YENYO TECHNOLOGY Co., Ltd

SS24A Datasheet(HTML) 1 Page - YENYO TECHNOLOGY Co., Ltd

  SS24A Datasheet HTML 1Page - YENYO TECHNOLOGY Co., Ltd SS24A Datasheet HTML 2Page - YENYO TECHNOLOGY Co., Ltd SS24A Datasheet HTML 3Page - YENYO TECHNOLOGY Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
 
1/3
R1,MAY-15
SS22A THRU SS210A
2.0A Schottky Barrier Rectifiers 
YENYO
1. 封裝 Package  
封裝方式 Method: SMAF 
封裝尺寸 Dimension:  如圖示 
2. 產品特色  Features 
For surface mounted applications in order to optimize board space  
High surge capacity 
Low power loss, high efficiency. 
Package suitable for Automated Handling 
Ultra Thin Profile Package for Space Constrained Utilization 
Meet with EU RoHS 2011/65/EU compliance  
Lead free and Green device 
3. 機械數據  Mechanical Data 
Epoxy: UL94V‐0 rated flame retardant 
Case: Epoxy, Molded 
Terminals: Solder plated solderable per MIL‐STD‐750 Method 2026 
Polarity: Color band denotes cathode end 
 
4. 極限值與電參數 Maximum Ratings & Electrical Characteristic 
Rating at 25
OC ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or 
inductive load. For capacitive load, derate current by 20%. 
 
 
Notes: 
(1) Mounted on 48cm
2 FR‐4 PCB. 
 
 
 
PARAMETER 
Symbol 
SS22A 
SS24A 
SS26A 
SS210A 
UNITS
Recurrent Peak Reverse Voltage 
VRRM 
20 
40 
60 
100 
Volts 
RMS Voltage 
VRMS 
14 
28 
42 
70 
Volts 
DC Blocking Voltage 
VR 
20 
40 
60 
100 
Volts 
Average Forward Current 
IF(AV) 
2.0 
Amps
Peak Forward Surge Current 8.3ms single half sine ‐wave 
superimposed on rated load (JEDEC Method) 
IFSM 
50 
Amps
Forward Voltage at 2.0A 
VF 
0.5 
0.7 
0.8 
Volts 
DC Reverse Current at Rated 
DC Blocking Voltage              
IR 
0.1 
0.05 
mA 
Typical Thermal Resistance, Junction to Lead (NOTE1) 
                   Junction to Ambient (NOTE1) 
R0JL 
RÈJA 
20 
83 
20 
150 
OC/W
Operating Junction Temperature and Storage Temperature Range
TJ, TSTG   ‐55 to +150 
O
單位 Unit: millimeters
   TJ=25°C
 


Similar Part No. - SS24A

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
SS24A SSE-SS24A Datasheet
16Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Nanjing International G...
SS24A DGNJDZ-SS24A Datasheet
160Kb / 2P
   2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
SS24A HY-SS24A Datasheet
398Kb / 3P
   Surface Mount Schottky Barrier Recitifiers
logo
Galaxy Semi-Conductor H...
SS24A BILIN-SS24A Datasheet
168Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Diode Semiconductor Kor...
SS24A DSK-SS24A Datasheet
188Kb / 2P
   SURFACE MOUNT SCHOTTKY
More results

Similar Description - SS24A

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SR220 LUGUANG-SR220 Datasheet
609Kb / 2P
   2.0A Schottky Barrier Rectifiers
SR2200 LUGUANG-SR2200 Datasheet
1Mb / 2P
   2.0A Schottky Barrier Rectifiers
logo
Mospec Semiconductor
SR207 MOSPEC-SR207 Datasheet
217Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(2.0A,70-100V)
logo
SUNMATE electronic Co.,...
SD101AW SUNMATE-SD101AW Datasheet
125Kb / 2P
   2.0A Surface Mount Schottky Barrier Rectifiers
logo
Mospec Semiconductor
SR27 MOSPEC-SR27 Datasheet
226Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(2.0A,70-100V)
SR202 MOSPEC-SR202 Datasheet
222Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(2.0A,20-60V)
SR22 MOSPEC-SR22 Datasheet
224Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(2.0A,20-60V)
logo
SHIKUES Electronics
SKM240-MST SKTECHNOLGY-SKM240-MST Datasheet
476Kb / 3P
   2.0A Surface Mount Schottky Barrier Rectifiers - 40V-60V
logo
Formosa MS
LFM220-L FORMOSA-LFM220-L Datasheet
163Kb / 7P
   2.0A Surface Mount Schottky Barrier Rectifiers-20V-40V
logo
Weitron Technology
SL22M WEITRON-SL22M Datasheet
97Kb / 3P
   2.0A Surface Mount Schottky Barrier Rectifiers - 20V-40V
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com