Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GMA12IB75 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # GMA12IB75
Description  1.2inch 5x7 Dot Matrix
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GMA12IB75 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  GMA12IB75 Datasheet HTML 1Page - List of Unclassifed Manufacturers GMA12IB75 Datasheet HTML 2Page - List of Unclassifed Manufacturers GMA12IB75 Datasheet HTML 3Page - List of Unclassifed Manufacturers GMA12IB75 Datasheet HTML 4Page - List of Unclassifed Manufacturers GMA12IB75 Datasheet HTML 5Page - List of Unclassifed Manufacturers GMA12IB75 Datasheet HTML 6Page - List of Unclassifed Manufacturers GMA12IB75 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
GMZ12XX75_series
1.2” 5x7 Dot Matrix
Product: GMZ12XX75 series
Date: 07/13/2011
Page 6 of 7
Version# 1.1
Solder Profile:
Ordering Information:
Product
Spec Range
Quantity per tube
CC
CA
GMC12IB75
GMA12IB75
Iv=160mcd typ. @ IF=20mA
TBD
GMC12IG75
GMA12IG75
Iv=200mcd typ. @ IF=20mA
TBD
GMC12R75
GMA12R75
Iv=60mcd typ. @ IF=20mA
TBD
GMC12Y75
GMA12Y75
Iv=35mcd typ. @ IF=20mA
TBD
GMC12AG75
GMA12AG75
Iv=25mcd typ. @ IF=20mA
TBD


Similar Part No. - GMA12IB75

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GMA12IB75 ETC2-GMA12IB75 Datasheet
285Kb / 7P
    5x7 Dot Matrix
More results

Similar Description - GMA12IB75

ManufacturerPart #DatasheetDescription
logo
China Semiconductor Cor...
CSM-57131G CHINASEMI-CSM-57131G Datasheet
224Kb / 6P
   1.2Inch Dot-Matrix Display
CSM-57131T9 CHINASEMI-CSM-57131T9 Datasheet
226Kb / 6P
   1.2Inch Dot-Matrix Display
CSM-57131A9 CHINASEMI-CSM-57131A9 Datasheet
226Kb / 6P
   1.2Inch Dot-Matrix Display
CSM-57131E CHINASEMI-CSM-57131E Datasheet
225Kb / 6P
   1.2Inch Dot-Matrix Display
CSM-57131S CHINASEMI-CSM-57131S Datasheet
224Kb / 6P
   1.2Inch Dot-Matrix Display
CSM-57131M9 CHINASEMI-CSM-57131M9 Datasheet
224Kb / 6P
   1.2Inch Dot-Matrix Display
logo
List of Unclassifed Man...
GMC12IB75 ETC2-GMC12IB75 Datasheet
285Kb / 7P
    5x7 Dot Matrix
GMC07IB75 ETC2-GMC07IB75 Datasheet
283Kb / 7P
    5x7 Dot Matrix
logo
LIGITEK electronics co....
LMD5711-2CSR-XX LIGITEK-LMD5711-2CSR-XX Datasheet
138Kb / 8P
   DOT MATRIX LED DISPLAY(1.2Inch)
LMD5711-2CSR-XX-PF LIGITEK-LMD5711-2CSR-XX-PF Datasheet
150Kb / 9P
   DOT MATRIX LED DISPLAY(1.2Inch)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com