Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F1DS Datasheet(PDF) 4 Page - GOOD-ARK Electronics

Part # F1DS
Description  Surface Mount Glass Passivated Standard Rectifier Reverse Voltage 50~1000V Forward Current 1A
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

F1DS Datasheet(HTML) 4 Page - GOOD-ARK Electronics

  F1DS_15 Datasheet HTML 1Page - GOOD-ARK Electronics F1DS_15 Datasheet HTML 2Page - GOOD-ARK Electronics F1DS_15 Datasheet HTML 3Page - GOOD-ARK Electronics F1DS_15 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
F1DS thru F7DS
Surface Mount Glass Passivated Standard Rectifier
Reverse Voltage 50~1000V Forward Current 1A
www.goodark.com
4/4
2014.03-Rev.A
Disclaimers
These materials are intended as a reference to assist our customers in the selection of the
Suzhou Good-Ark product best suited to the customer ’ s application; they do not convey
any license under any intellectual property rights or any other rights belonging to Suzhou
any license under any intellectual property rights, or any other rights, belonging to Suzhou
Good-Ark Electronics Co., Ltd.or a third party.
Suzhou Good-Ark Electronics Co., Ltd. assumes no responsibility for any damage, or
infringement of any third-party ’ s rights, originating in the use of any product data,
diagrams, charts, programs, algorithms, or circuit application examples contained in these
materials.
All information contained in these materials, including product data, diagrams, charts,
programs and algorithms represents information on products at the time of publication of
these materials, and are subject to change by Suzhou Good-Ark Electronics Co., Ltd.
without notice due to product improvements or other reasons. It is therefore recommended
that customers contact Suzhou Good-Ark Electronics Co., Ltd. or an authorized Suzhou
Good Ark Electronics Co
Ltd for the latest product information before purchasing a
Good-Ark Electronics Co., Ltd. for the latest product information before purchasing a
product listed herein. The information described here may contain technical inaccuracies
or typographical errors. Suzhou Good-Ark Electronics Co., Ltd. assumes no responsibility
for any damage, liability, or other loss rising from these inaccuracies or errors. Please also
pay attention to information published by Suzhou Good-Ark Electronics Co., Ltd. by
various means, including our website home page.
(http://www.goodark.com)
(http://www.goodark.com)
When using any or all of the information contained in these materials, including product
data, diagrams, charts, programs, and algorithms, Please be sure to evaluate all
information as a total system before making a final decision on the applicability of the
information and products. Suzhou Good-Ark Electronics Co., Ltd. assumes no
responsibility for any damage, liability or other loss resulting from the information
ti
d h
i
contained herein.
The prior written approval of Suzhou Good-Ark Electronics Co., Ltd. is necessary to reprint
or reproduce in whole or in part these materials.
Please contact Suzhou Good-Ark Electronics Co., Ltd. or an authorized distributor for
further details on these materials or the products contained herein.
further details on these materials or the products contained herein.
www.goodark.com
4/4
2014.03-Rev.A


Similar Part No. - F1DS_15

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
F1DS GOOD-ARK-F1DS Datasheet
201Kb / 4P
   Surface Mount Glass Passivated Standard Rectifier
More results

Similar Description - F1DS_15

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
A1 GOOD-ARK-A1_15 Datasheet
210Kb / 4P
   Surface Mount Glass Passivated Standard Rectifier Reverse Voltage 50~1000V Forward Current 1A
SGP1A GOOD-ARK-SGP1A Datasheet
221Kb / 4P
   Surface Mount Glass Passivated Standard Rectifier Reverse Voltage 50~1000V Forward Current 1A
SGP1A GOOD-ARK-SGP1A_15 Datasheet
221Kb / 4P
   Surface Mount Glass Passivated Standard Rectifier Reverse Voltage 50~1000V Forward Current 1A
F1A GOOD-ARK-F1A_15 Datasheet
226Kb / 4P
   Surface Mount Glass Passivated Standard Rectifier Reverse Voltage 50~1000V Forward Current 1A
V1 GOOD-ARK-V1 Datasheet
156Kb / 4P
   Surface Mount Glass Passivated Standard Rectifier Reverse Voltage 50~1000V Forward Current 1A
M1 GOOD-ARK-M1 Datasheet
156Kb / 4P
   Surface Mount Glass Passivated Standard Rectifier Reverse Voltage 50~1000V Forward Current 1A
L1A GOOD-ARK-L1A_15 Datasheet
189Kb / 4P
   Surface Mount Glass Passivated Rectifier Reverse Voltage 50~1000V Forward Current 1A
L2A1 GOOD-ARK-L2A1_15 Datasheet
233Kb / 4P
   Surface Mount Glass Passivated Standard Rectifier Reverse Voltage 50~1000V Forward Current 2A
FH1 GOOD-ARK-FH1_15 Datasheet
211Kb / 4P
   Surface Mount Glass Passivated High Efficiency Rectifier Reverse Voltage 50~1000V Forward Current 1A
LH1 GOOD-ARK-LH1_15 Datasheet
188Kb / 4P
   Surface Mount Glass Passivated High Efficiency Rectifier Reverse Voltage 50~1000V Forward Current 1A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com