Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRG4MC50U Datasheet(PDF) 1 Page - International Rectifier

Part # IRG4MC50U
Description  Simple Drive Requirements
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4MC50U Datasheet(HTML) 1 Page - International Rectifier

  IRG4MC50U Datasheet HTML 1Page - International Rectifier IRG4MC50U Datasheet HTML 2Page - International Rectifier IRG4MC50U Datasheet HTML 3Page - International Rectifier IRG4MC50U Datasheet HTML 4Page - International Rectifier IRG4MC50U Datasheet HTML 5Page - International Rectifier IRG4MC50U Datasheet HTML 6Page - International Rectifier IRG4MC50U Datasheet HTML 7Page - International Rectifier IRG4MC50U Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
IRG4MC50U
INSULATED GATE BIPOLAR TRANSISTOR
E
C
G
n-channel
Features
Benefits
VCES = 600V
VCE(on) max = 2.25V
@VGE = 15V, IC = 27A
Parameter
Max.
Units
VCES
Collector-to-Emitter Breakdown Voltage
600
V
IC @ TC = 25°C
Continuous Collector Current
35*
IC @ TC = 100°C
Continuous Collector Current
27
A
ICM
Pulsed Collector Current ➀
140
ILM
Clamped Inductive Load Current ➁
140
VGE
Gate-to-Emitter Voltage
± 20
V
PD @ TC = 25°C
Maximum Power Dissipation
150
W
PD @ TC = 100°C
Maximum Power Dissipation
60
TJ
Operating Junction and
-55 to + 150
TSTG
Storage Temperature Range
°C
Lead Temperature
300 (0.063in./1.6mm from case for 10s)
Weight
9.3 (typical)
g
Absolute Maximum Ratings
02/08/02
www.irf.com
1
UltraFast Speed IGBT
• Electrically Isolated and Hermetically Sealed
• Simple Drive Requirements
• Latch-proof
• Fast Speed operation 3 kHz - 8 kHz
• High operating frequency
• Switching-loss rating includes all "tail" losses
• Ceramic eyelets
• Generation 4 IGBT's offer highest efficiency available
• IGBT's optimized for specified application conditions
• Designed to be a "drop-in" replacement for equivalent
IR Hi-Rel Generation 3 IGBT's
Insulated Gate Bipolar Transistors (IGBTs) from International Rectifier have
higher usable current densities than comparable bipolar transistors, while at
the same time having simpler gate-drive requirements of the familiar power
MOSFET. They provide substantial benefits to a host of high-voltage, high-
current applications.
TO-254AA
Thermal Resistance
Parameter
Min Typ Max
Units
Test Conditions
RthJC
Junction-to-Case
0.83
°C/W
PD -94273A


Similar Part No. - IRG4MC50U

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4MC50U IRF-IRG4MC50U Datasheet
149Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR
More results

Similar Description - IRG4MC50U

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHSLNA57064 IRF-IRHSLNA57064_15 Datasheet
120Kb / 9P
   Simple Drive Requirements
IRHQ6110 IRF-IRHQ6110_15 Datasheet
264Kb / 14P
   Simple Drive Requirements
IRHQ9110 IRF-IRHQ9110_15 Datasheet
205Kb / 8P
   Simple Drive Requirements
IRHNA7264SE IRF-IRHNA7264SE_15 Datasheet
123Kb / 8P
   Simple Drive Requirements
IRHNA57163SE IRF-IRHNA57163SE_15 Datasheet
184Kb / 8P
   Simple Drive Requirements
IRHYS67230CM IRF-IRHYS67230CM_15 Datasheet
206Kb / 9P
   Simple Drive Requirements
IRHNA67164 IRF-IRHNA67164_15 Datasheet
198Kb / 9P
   Simple Drive Requirements
IRHNA67264 IRF-IRHNA67264_15 Datasheet
195Kb / 9P
   Simple Drive Requirements
IRHNA597160 IRF-IRHNA597160_15 Datasheet
185Kb / 8P
   Simple Drive Requirements
IRLF120 IRF-IRLF120_15 Datasheet
312Kb / 7P
   Simple Drive Requirements
IRLR8103VPBF IRF-IRLR8103VPBF_15 Datasheet
214Kb / 9P
   Simple Drive Requirements
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com