Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLF7G27L-90P Datasheet(PDF) 10 Page - NXP Semiconductors

Part # BLF7G27L-90P
Description  Power LDMOS transistor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF7G27L-90P Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button BLF7G27L-90P_15 Datasheet HTML 6Page - NXP Semiconductors BLF7G27L-90P_15 Datasheet HTML 7Page - NXP Semiconductors BLF7G27L-90P_15 Datasheet HTML 8Page - NXP Semiconductors BLF7G27L-90P_15 Datasheet HTML 9Page - NXP Semiconductors BLF7G27L-90P_15 Datasheet HTML 10Page - NXP Semiconductors BLF7G27L-90P_15 Datasheet HTML 11Page - NXP Semiconductors BLF7G27L-90P_15 Datasheet HTML 12Page - NXP Semiconductors BLF7G27L-90P_15 Datasheet HTML 13Page - NXP Semiconductors BLF7G27L-90P_15 Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
BLF7G27L-90P_BLF7G27LS-90P
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 10 November 2011
10 of 14
NXP Semiconductors
BLF7G27L-90P; BLF7G27LS-90P
Power LDMOS transistor
Fig 16. Package outline SOT1121B
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT1121B
sot1121b_po
09-10-12
09-12-14
Unit(1)
mm
max
nom
min
4.75
3.45
3.94
3.68
0.18
0.08
20.02
19.61
19.96
19.66
9.53
9.27
1.14
0.89
19.94
18.92
9.91
9.65
A
Dimensions
Note
1. millimeter dimensions are derived from the original inch dimensions.
2. dimension is measured 0.030 inch (0.76 mm) from the body.
Earless flanged LDMOST ceramic package; 4 leads
SOT1121B
bc
D
D1
EE1
9.53
9.27
FH
H1
12.83
12.57
Q
1.70
1.45
U1
20.70
20.45
U2
inches
max
nom
min
0.187
0.136
0.155
0.145
0.007
0.003
8.89
e
0.35
0.788
0.772
0.786
0.774
0.375
0.365
0.045
0.035
0.785
0.745
0.39
0.38
0.375
0.365
0.505
0.495
0.067
0.057
0.815
0.805
0.25
0.01
0.51
0.02
w2
w3
0
5
10 mm
scale
D
H1
U1
A
F
D1
D
E1
U2
H
w3
D
w2
Q
E
c
5
2
1
4
3
e
b


Similar Part No. - BLF7G27L-90P_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF7G27L-90P NXP-BLF7G27L-90P Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
More results

Similar Description - BLF7G27L-90P_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF6G20-110 NXP-BLF6G20-110 Datasheet
74Kb / 9P
   Power LDMOS transistor
Rev. 01-28 January 2008
BLF7G22L-130 NXP-BLF7G22L-130 Datasheet
180Kb / 15P
   Power LDMOS transistor
Rev. 3-18 November 2010
BLF6G20-45 NXP-BLF6G20-45 Datasheet
88Kb / 12P
   Power LDMOS transistor
Rev. 02-25 August 2008
BLF6G20-110 NXP-BLF6G20-110_09 Datasheet
90Kb / 10P
   Power LDMOS transistor
Rev. 03-13 January 2009
BLF2425M7L140 NXP-BLF2425M7L140 Datasheet
299Kb / 11P
   Power LDMOS transistor
Rev. 3-6 September 2012
BLF188XR NXP-BLF188XR Datasheet
227Kb / 15P
   Power LDMOS transistor
Rev. 5-12 November 2013
BLF6G22LS-130 PHILIPS-BLF6G22LS-130_15 Datasheet
87Kb / 11P
   Power LDMOS transistor
Rev. 01-23 May 2008
BLF6G20LS-140 PHILIPS-BLF6G20LS-140_15 Datasheet
74Kb / 8P
   Power LDMOS transistor
Rev. 01-27 February 2009
BLF7G10L-250 PHILIPS-BLF7G10L-250_15 Datasheet
714Kb / 13P
   Power LDMOS transistor
Rev. 4-13 September 2012
BLA6G1011-200R PHILIPS-BLA6G1011-200R_15 Datasheet
185Kb / 13P
   Power LDMOS transistor
Rev. 5-17 March 2015
BLP8G20S-80P PHILIPS-BLP8G20S-80P_15 Datasheet
158Kb / 11P
   Power LDMOS transistor
Rev. 2-13 October 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com