Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLF7G27L-140 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BLF7G27L-140
Description  Power LDMOS transistor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF7G27L-140 Datasheet(HTML) 3 Page - NXP Semiconductors

  BLF7G27L-140_15 Datasheet HTML 1Page - NXP Semiconductors BLF7G27L-140_15 Datasheet HTML 2Page - NXP Semiconductors BLF7G27L-140_15 Datasheet HTML 3Page - NXP Semiconductors BLF7G27L-140_15 Datasheet HTML 4Page - NXP Semiconductors BLF7G27L-140_15 Datasheet HTML 5Page - NXP Semiconductors BLF7G27L-140_15 Datasheet HTML 6Page - NXP Semiconductors BLF7G27L-140_15 Datasheet HTML 7Page - NXP Semiconductors BLF7G27L-140_15 Datasheet HTML 8Page - NXP Semiconductors BLF7G27L-140_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
BLF7G27L-140_7G27LS-140
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 22 July 2011
3 of 14
NXP Semiconductors
BLF7G27L-140; BLF7G27LS-140
Power LDMOS transistor
6.
Characteristics
7.
Test information
Remark: All testing performed in a class-AB production test circuit.
7.1 Ruggedness in class-AB operation
The BLF7G27L-140 and BLF7G27LS-140 are capable of withstanding a load mismatch
corresponding to VSWR = 10 : 1 through all phases under the following conditions:
VDS =28V; IDq =1300mA; PL = 140 W (CW); f = 2500 MHz.
Table 6.
Characteristics
Tj = 25 C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max Unit
V(BR)DSS drain-source breakdown voltage
VGS =0V; ID =1 mA
65
-
-
V
VGS(th)
gate-source threshold voltage
VDS =10 V; ID = 216 mA
1.5
1.8
2.3
V
IDSS
drain leakage current
VGS =0V; VDS =28V
-
-
5
A
IDSX
drain cut-off current
VGS =VGS(th) +3.75 V;
VDS =10V
34.2
40.5 -
A
IGSS
gate leakage current
VGS =11 V; VDS = 0 V
-
-
500
nA
gfs
forward transconductance
VDS =10V; ID = 216 mA
-
1.87 -
S
RDS(on)
drain-source on-state resistance
VGS =VGS(th) + 3.75 V;
ID =7.56A
-0.07 -
Table 7.
Functional test information
Mode of operation: 1-carrier N-CDMA, single carrier IS-95 with pilot, paging, sync and 6 traffic
channels (Walsh codes 8 - 13). PAR = 9.7 dB at 0.01 % probability on the CCDF, channel bandwidth
is 1.2288 MHz; f1 = 2500 MHz; f2 = 2700 MHz; RF performance at VDS =28V; IDq =1300mA;
Tcase =25 C; unless otherwise specified.
Symbol
Parameter
Conditions
Min Typ Max
Unit
PL(AV)
average output power
-
30
-
W
Gp
power gain
15.3 16.5 -
dB
RLin
input return loss
-
10 -
dB
D
drain efficiency
19
22
-
%
ACPR885k
adjacent channel power ratio (885 kHz)
44 48 -
dBc


Similar Part No. - BLF7G27L-140_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF7G27L-140 NXP-BLF7G27L-140 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
More results

Similar Description - BLF7G27L-140_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF6G20-110 NXP-BLF6G20-110 Datasheet
74Kb / 9P
   Power LDMOS transistor
Rev. 01-28 January 2008
BLF7G22L-130 NXP-BLF7G22L-130 Datasheet
180Kb / 15P
   Power LDMOS transistor
Rev. 3-18 November 2010
BLF6G20-45 NXP-BLF6G20-45 Datasheet
88Kb / 12P
   Power LDMOS transistor
Rev. 02-25 August 2008
BLF6G20-110 NXP-BLF6G20-110_09 Datasheet
90Kb / 10P
   Power LDMOS transistor
Rev. 03-13 January 2009
BLF2425M7L140 NXP-BLF2425M7L140 Datasheet
299Kb / 11P
   Power LDMOS transistor
Rev. 3-6 September 2012
BLF188XR NXP-BLF188XR Datasheet
227Kb / 15P
   Power LDMOS transistor
Rev. 5-12 November 2013
BLF6G22LS-130 PHILIPS-BLF6G22LS-130_15 Datasheet
87Kb / 11P
   Power LDMOS transistor
Rev. 01-23 May 2008
BLF6G20LS-140 PHILIPS-BLF6G20LS-140_15 Datasheet
74Kb / 8P
   Power LDMOS transistor
Rev. 01-27 February 2009
BLF7G10L-250 PHILIPS-BLF7G10L-250_15 Datasheet
714Kb / 13P
   Power LDMOS transistor
Rev. 4-13 September 2012
BLA6G1011-200R PHILIPS-BLA6G1011-200R_15 Datasheet
185Kb / 13P
   Power LDMOS transistor
Rev. 5-17 March 2015
BLP8G20S-80P PHILIPS-BLP8G20S-80P_15 Datasheet
158Kb / 11P
   Power LDMOS transistor
Rev. 2-13 October 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com