Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

8705I Datasheet(PDF) 3 Page - Integrated Device Technology

Part # 8705I
Description  Output frequency range
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

8705I Datasheet(HTML) 3 Page - Integrated Device Technology

  8705I Datasheet HTML 1Page - Integrated Device Technology 8705I Datasheet HTML 2Page - Integrated Device Technology 8705I Datasheet HTML 3Page - Integrated Device Technology 8705I Datasheet HTML 4Page - Integrated Device Technology 8705I Datasheet HTML 5Page - Integrated Device Technology 8705I Datasheet HTML 6Page - Integrated Device Technology 8705I Datasheet HTML 7Page - Integrated Device Technology 8705I Datasheet HTML 8Page - Integrated Device Technology 8705I Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
REVISION E 7/13/15
8705I DATA SHEET
3
Zero Delay, Differential-to-LVCMOS/
LVTTL Clock Generator
TABLE 3A. PLL ENABLE FUNCTION TABLE
TABLE 3B. PLL BYPASS FUNCTION TABLE
Inputs
Outputs
PLL_SEL = 0
PLL Bypass Mode
SEL3
SEL2
SEL1
SEL0
Q0:Q7
0
000
÷ 8
0
001
÷ 8
0
010
÷ 8
0
0
1
1
÷ 16
0
1
0
0
÷ 16
0
1
0
1
÷ 16
0
1
1
0
÷ 32
0
1
1
1
÷ 32
1
0
0
0
÷ 64
1
0
0
1
÷ 128
1
010
÷ 4
1
011
÷ 4
1
100
÷ 8
1
101
÷ 2
1
110
÷ 4
1
111
÷ 2
Inputs
Outputs
PLL_SEL = 1
PLL Enable Mode
SEL3
SEL2
SEL1
SEL0
Reference Frequency Range (MHz)
Q0:Q7
0
0
0
0
125 - 250
÷ 1
0
0
0
1
62.5 - 125
÷ 1
0
0
1
0
31.25 - 62.5
÷ 1
0
0
1
1
15.625 -31.25
÷ 1
0
1
0
0
125 - 250
÷ 2
0
1
0
1
62.5 - 125
÷ 2
0
1
1
0
31.25 - 62.5
÷ 2
0
1
1
1
125 - 250
÷ 4
1
0
0
0
62.5 - 125
÷ 4
1
0
0
1
125 - 250
÷ 8
1
0
1
0
62.5 - 125
x 2
1
0
1
1
31.25 - 62.5
x 2
1
1
0
0
15.625 - 31.25
x 2
1
1
0
1
31.25 - 62.5
x 4
1
1
1
0
15.625 - 31.25
x 4
1
1
1
1
15.625 - 31.25
x 8


Similar Part No. - 8705I

ManufacturerPart #DatasheetDescription
Renesas Technology Corp
Renesas Technology Corp
8705I RENESAS-8705I Datasheet
478Kb / 19P
   Zero Delay, Differential-to-LVCMOS/ LVTTL Clock Generator
REVISION E 7/13/15
More results

Similar Description - 8705I

ManufacturerPart #DatasheetDescription
Integrated Device Technology
Integrated Device Techn...
ICS8745BI-21 IDT-ICS8745BI-21 Datasheet
898Kb / 21P
   Output frequency range
86004 IDT-86004 Datasheet
219Kb / 13P
   Output frequency range
87002-02 IDT-87002-02 Datasheet
312Kb / 16P
   Output frequency range
ICS8714004I IDT-ICS8714004I Datasheet
443Kb / 31P
   Output frequency range
ICS87004I IDT-ICS87004I Datasheet
765Kb / 15P
   Output frequency range
ICS8714008I IDT-ICS8714008I Datasheet
461Kb / 34P
   Output frequency range
Analog Devices
Analog Devices
HMC1161 AD-HMC1161 Datasheet
327Kb / 12P
   Dual output frequency range
HMC1165 AD-HMC1165 Datasheet
375Kb / 12P
   Dual output frequency range
Kyocera Kinseki Corpotation
Kyocera Kinseki Corpota...
TCXO-170 KSS-TCXO-170 Datasheet
137Kb / 1P
   Output 50廓 Wide frequency range
Integrated Device Technology
Integrated Device Techn...
XUH IDT-XUH Datasheet
255Kb / 12P
   Frequency range
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com