Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

8705I Datasheet(PDF) 5 Page - Integrated Device Technology

Part # 8705I
Description  Output frequency range
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

8705I Datasheet(HTML) 5 Page - Integrated Device Technology

  8705I Datasheet HTML 1Page - Integrated Device Technology 8705I Datasheet HTML 2Page - Integrated Device Technology 8705I Datasheet HTML 3Page - Integrated Device Technology 8705I Datasheet HTML 4Page - Integrated Device Technology 8705I Datasheet HTML 5Page - Integrated Device Technology 8705I Datasheet HTML 6Page - Integrated Device Technology 8705I Datasheet HTML 7Page - Integrated Device Technology 8705I Datasheet HTML 8Page - Integrated Device Technology 8705I Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
REVISION E 7/13/15
8705I DATA SHEET
5
Zero Delay, Differential-to-LVCMOS/
LVTTL Clock Generator
TABLE 5A. AC CHARACTERISTICS, V
DD = VDDA = VDDO = 3.3V±5%, TA = -40°C
TO
85°C
TABLE 4C. DIFFERENTIAL DC CHARACTERISTICS, V
DD = VDDA = VDDO = 3.3V±5%, TA = -40°C
TO
85°C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
f
MAX
Output Frequency
15.625
250
MHz
tp
LH
Propagation Delay,
Low-to-High; NOTE 1
CLK0
PLL_SEL = 0V,
f
≤ 250MHz, Qx ÷ 2
57
ns
CLK1, nCLK1
PLL_SEL = 0V,
f
≤ 250MHz, Qx ÷ 2
5
7.3
ns
t(Ø)
Static Phase Offset;
NOTE 2, 4
CLK0
PLL_SEL = 3.3V,
fREF
≤ 200MHz, Qx ÷ 1
-100
25
150
ps
CLK1, nCLK1
PLL_SEL = 3.3V,
fREF
≤ 167MHz, Qx ÷ 1
-15
+135
285
ps
PLL_SEL = 3.3V,
fREF = 200MHz, Qx ÷ 1
-50
+100
250
ps
tsk(o)
Output Skew;
NOTE 3, 4
CLK0
PLL_SEL = 0V
65
ps
CLK1, nCLK1
PLL_SEL = 0V
55
ps
tjit(cc)
Cycle-to-Cycle Jitter; NOTE 4
f
OUT > 40MHz
45
ps
t
L
PLL Lock Time
1mS
t
R
Output Rise Time
400
950
ps
t
F
Output Fall Time
400
950
ps
odc
Output Duty Cycle
43
57
%
All parameters measured at f
MAX unless noted otherwise.
NOTE 1: Measured from the differential input crossing point to the output at V
DDO/2.
NOTE 2: Defined as the time difference between the input reference clock and the average feedback input signal
when the PLL is locked and the input reference frequency is stable.
NOTE 3: Defined as skew between outputs at the same supply voltages and with equal load conditions.
Measured at V
DDO/2.
NOTE 4: This parameter is defined in accordance with JEDEC Standard 65.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
I
IH
Input High Current
CLK1
V
DD = VIN = 3.465V
150
µA
nCLK1
V
DD = VIN = 3.465V
5
µA
I
IL
Input Low Current
CLK1
V
DD = 3.465V, VIN = 0V
-5
µA
nCLK1
V
DD = 3.465V, VIN = 0V
-150
µA
V
PP
Peak-to-Peak Input Voltage
0.15
1.3
V
V
CMR
Common Mode Input Voltage;
NOTE 1, 2
GND + 0.5
V
DD - 0.85
V
NOTE 1: Common mode voltage is defined as V
IH.
NOTE 2: For single ended applications, the maximum input voltage for CLK1, nCLK1 is V
DD + 0.3V.


Similar Part No. - 8705I

ManufacturerPart #DatasheetDescription
Renesas Technology Corp
Renesas Technology Corp
8705I RENESAS-8705I Datasheet
478Kb / 19P
   Zero Delay, Differential-to-LVCMOS/ LVTTL Clock Generator
REVISION E 7/13/15
More results

Similar Description - 8705I

ManufacturerPart #DatasheetDescription
Integrated Device Technology
Integrated Device Techn...
ICS8745BI-21 IDT-ICS8745BI-21 Datasheet
898Kb / 21P
   Output frequency range
86004 IDT-86004 Datasheet
219Kb / 13P
   Output frequency range
87002-02 IDT-87002-02 Datasheet
312Kb / 16P
   Output frequency range
ICS8714004I IDT-ICS8714004I Datasheet
443Kb / 31P
   Output frequency range
ICS87004I IDT-ICS87004I Datasheet
765Kb / 15P
   Output frequency range
ICS8714008I IDT-ICS8714008I Datasheet
461Kb / 34P
   Output frequency range
Analog Devices
Analog Devices
HMC1161 AD-HMC1161 Datasheet
327Kb / 12P
   Dual output frequency range
HMC1165 AD-HMC1165 Datasheet
375Kb / 12P
   Dual output frequency range
Kyocera Kinseki Corpotation
Kyocera Kinseki Corpota...
TCXO-170 KSS-TCXO-170 Datasheet
137Kb / 1P
   Output 50廓 Wide frequency range
Integrated Device Technology
Integrated Device Techn...
XUH IDT-XUH Datasheet
255Kb / 12P
   Frequency range
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com