Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

8705I Datasheet(PDF) 6 Page - Integrated Device Technology

Part # 8705I
Description  Output frequency range
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

8705I Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button 8705I Datasheet HTML 2Page - Integrated Device Technology 8705I Datasheet HTML 3Page - Integrated Device Technology 8705I Datasheet HTML 4Page - Integrated Device Technology 8705I Datasheet HTML 5Page - Integrated Device Technology 8705I Datasheet HTML 6Page - Integrated Device Technology 8705I Datasheet HTML 7Page - Integrated Device Technology 8705I Datasheet HTML 8Page - Integrated Device Technology 8705I Datasheet HTML 9Page - Integrated Device Technology 8705I Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Zero Delay, Differential-to-LVCMOS/
LVTTL Clock Generator
8705I DATA SHEET
6
REVISION E 7/13/15
TABLE 4D. POWER SUPPLY DC CHARACTERISTICS, V
DD = VDDA = VDDO = 2.5V±5%, TA = -40°C
TO
85°C
TABLE 4F. DIFFERENTIAL DC CHARACTERISTICS, V
DD = VDDA = VDDO = 2.5V±5%, TA = -40°C
TO
85°C
TABLE 4E. LVCMOS / LVTTL DC CHARACTERISTICS, V
DD = VDDA = VDDO = 2.5V±5%, TA = -40°C
TO
85°C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
V
DD
Core Supply Voltage
2.375
2.5
2.625
V
V
DDA
Analog Supply Voltage
2.375
2.5
2.625
V
V
DDO
Output Supply Voltage
2.375
2.5
2.625
V
I
DD
Power Supply Current
90
mA
I
DDA
Analog Supply Current
15
mA
I
DDO
Output Supply Current
20
mA
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
V
IH
Input
High Voltage
PLL_SEL, CLK_SEL,
SEL0, SEL1, SEL2, SEL3,
FB_IN, MR
2V
DD + 0.3
V
CLK0
2
V
DD + 0.3
V
V
IL
Input
Low Voltage
PLL_SEL, CLK_SEL,
SEL0, SEL1, SEL2, SEL3,
FB_IN, MR
-0.3
0.8
V
CLK0
-0.3
1.3
V
I
IH
Input
High Current
CLK0, CLK_SEL
MR, FB_IN,
SEL0, SEL1, SEL2, SEL3
V
DD = VIN = 2.625V
150
µA
PLL_SEL
V
DD = VIN = 2.625V
5
µA
I
IL
Input
Low Current
CLK0, CLK_SEL
MR, FB_IN,
SEL0, SEL1, SEL2, SEL3
V
DD = 2.625V, VIN = 0V
-5
µA
PLL_SEL
V
DD = 2.625V, VIN = 0V
-150
µA
V
OH
Output High Voltage; NOTE 1
1.8
V
V
OL
Output Low Voltage; NOTE 1
0.5
V
NOTE 1: Outputs terminated with 50
Ω to V
DDO/2. In the Parameter Measurement Information section,
see “2.5V Output Load Test Circuit” figure.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
I
IH
Input High Current
CLK1
V
DD = VIN = 2.625V
150
µA
nCLK1
V
DD = VIN = 2.625V
5
µA
I
IL
Input Low Current
CLK1
V
DD = 2.625V, VIN = 0V
-5
µA
nCLK1
V
DD = 2.625V, VIN = 0V
-150
µA
V
PP
Peak-to-Peak Input Voltage
0.15
1.3
V
V
CMR
Common Mode Input Voltage;
NOTE 1, 2
GND + 0.5
V
DD - 0.85
V
NOTE 1: Common mode voltage is defined as V
IH.
NOTE 2: For single ended applications, the maximum input voltage for CLK1, nCLK1 is V
DD + 0.3V.


Similar Part No. - 8705I

ManufacturerPart #DatasheetDescription
Renesas Technology Corp
Renesas Technology Corp
8705I RENESAS-8705I Datasheet
478Kb / 19P
   Zero Delay, Differential-to-LVCMOS/ LVTTL Clock Generator
REVISION E 7/13/15
More results

Similar Description - 8705I

ManufacturerPart #DatasheetDescription
Integrated Device Technology
Integrated Device Techn...
ICS8745BI-21 IDT-ICS8745BI-21 Datasheet
898Kb / 21P
   Output frequency range
86004 IDT-86004 Datasheet
219Kb / 13P
   Output frequency range
87002-02 IDT-87002-02 Datasheet
312Kb / 16P
   Output frequency range
ICS8714004I IDT-ICS8714004I Datasheet
443Kb / 31P
   Output frequency range
ICS87004I IDT-ICS87004I Datasheet
765Kb / 15P
   Output frequency range
ICS8714008I IDT-ICS8714008I Datasheet
461Kb / 34P
   Output frequency range
Analog Devices
Analog Devices
HMC1161 AD-HMC1161 Datasheet
327Kb / 12P
   Dual output frequency range
HMC1165 AD-HMC1165 Datasheet
375Kb / 12P
   Dual output frequency range
Kyocera Kinseki Corpotation
Kyocera Kinseki Corpota...
TCXO-170 KSS-TCXO-170 Datasheet
137Kb / 1P
   Output 50廓 Wide frequency range
Integrated Device Technology
Integrated Device Techn...
XUH IDT-XUH Datasheet
255Kb / 12P
   Frequency range
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com