Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

8705I Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 8705I
Description  Output frequency range
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

8705I Datasheet(HTML) 1 Page - Integrated Device Technology

  8705I Datasheet HTML 1Page - Integrated Device Technology 8705I Datasheet HTML 2Page - Integrated Device Technology 8705I Datasheet HTML 3Page - Integrated Device Technology 8705I Datasheet HTML 4Page - Integrated Device Technology 8705I Datasheet HTML 5Page - Integrated Device Technology 8705I Datasheet HTML 6Page - Integrated Device Technology 8705I Datasheet HTML 7Page - Integrated Device Technology 8705I Datasheet HTML 8Page - Integrated Device Technology 8705I Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Zero Delay, Differential-to-LVCMOS/
LVTTL Clock Generator
8705I
DATA SHEET
Not Recommend for New Designs
8705I REVISION E 7/13/15
1
©2015 Integrated Device Technology, Inc.
GENERAL DESCRIPTION
The 8705I is a highly versatile 1:8 Differential-to-LVCMOS/
LVTTL Clock Generator. The 8705I has two selectable clock
inputs. The CLK1, nCLK1 pair can accept most standard
differential input levels. The single ended CLK0 input accepts
LVCMOS or LVTTL input levels.The 8705I has a fully integrated
PLL and can be configured as zero delay buffer, multiplier
or divider and has an input and output frequency range of
15.625MHz to 250MHz. The reference divider, feedback divider
and output divider are each programmable, thereby allowing for
the following output-to-input frequency ratios: 8:1, 4:1, 2:1, 1:1,
1:2, 1:4, 1:8.The external feedback allows the device to achieve
“zero delay” between the input clock and the output clocks. The
PLL_SEL pin can be used to bypass the PLL for system test and
debug purposes. In bypass mode, the reference clock is routed
around the PLL and into the internal output dividers.
FEATURES
• Eight LVCMOS/LVTTL outputs, 7
Ω typical output impedance
• Selectable CLK1, nCLK1 or LVCMOS/LVTTL clock inputs
• CLK1, nCLK1 pair can accept the following differential
input levels: LVPECL, LVDS, LVHSTL, HCSL, SSTL
• CLK0 input accepts LVCMOS or LVTTL input levels
• Output frequency range: 15.625MHz to 250MHz
• Input frequency range: 15.625MHz to 250MHz
• VCO range: 250MHz to 500MHz
• External feedback for “zero delay” clock regeneration
with configurable frequencies
• Programmable dividers allow for the following output-to-input
frequency ratios: 8:1, 4:1, 2:1, 1:1, 1:2, 1:4, 1:8
• Fully integrated PLL
• Cycle-to-cycle jitter: 45ps (maximum)
• Output skew: CLK0, 65ps (maximum)
CLK1, nCLK1, 55ps (maximum)
• Static Phase Offset: 25 ±125ps (maximum), CLK0
• Full 3.3V or 2.5V operating supply
• Lead-Free package available
• -40°C to 85°C ambient operating temperature
• Not Recommended for New Designs
For new designs, contact IDT.
BLOCK DIAGRAM
PIN ASSIGNMENT
32-Lead LQFP
7mm x 7mm x 1.4 mm
Y Package
Top View


Similar Part No. - 8705I

ManufacturerPart #DatasheetDescription
Renesas Technology Corp
Renesas Technology Corp
8705I RENESAS-8705I Datasheet
478Kb / 19P
   Zero Delay, Differential-to-LVCMOS/ LVTTL Clock Generator
REVISION E 7/13/15
More results

Similar Description - 8705I

ManufacturerPart #DatasheetDescription
Integrated Device Technology
Integrated Device Techn...
ICS8745BI-21 IDT-ICS8745BI-21 Datasheet
898Kb / 21P
   Output frequency range
86004 IDT-86004 Datasheet
219Kb / 13P
   Output frequency range
87002-02 IDT-87002-02 Datasheet
312Kb / 16P
   Output frequency range
ICS8714004I IDT-ICS8714004I Datasheet
443Kb / 31P
   Output frequency range
ICS87004I IDT-ICS87004I Datasheet
765Kb / 15P
   Output frequency range
ICS8714008I IDT-ICS8714008I Datasheet
461Kb / 34P
   Output frequency range
Analog Devices
Analog Devices
HMC1161 AD-HMC1161 Datasheet
327Kb / 12P
   Dual output frequency range
HMC1165 AD-HMC1165 Datasheet
375Kb / 12P
   Dual output frequency range
Kyocera Kinseki Corpotation
Kyocera Kinseki Corpota...
TCXO-170 KSS-TCXO-170 Datasheet
137Kb / 1P
   Output 50廓 Wide frequency range
Integrated Device Technology
Integrated Device Techn...
XUH IDT-XUH Datasheet
255Kb / 12P
   Frequency range
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com