Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

87002-02 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 87002-02
Description  Output frequency range
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

87002-02 Datasheet(HTML) 2 Page - Integrated Device Technology

  87002-02 Datasheet HTML 1Page - Integrated Device Technology 87002-02 Datasheet HTML 2Page - Integrated Device Technology 87002-02 Datasheet HTML 3Page - Integrated Device Technology 87002-02 Datasheet HTML 4Page - Integrated Device Technology 87002-02 Datasheet HTML 5Page - Integrated Device Technology 87002-02 Datasheet HTML 6Page - Integrated Device Technology 87002-02 Datasheet HTML 7Page - Integrated Device Technology 87002-02 Datasheet HTML 8Page - Integrated Device Technology 87002-02 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
1:2, DIFFERENTIAL-TO-LVCMOS/LVTTL ZERO DELAY CLOCK
GENERATOR
2
Rev C 7/13/15
87002-02 DATA SHEET
Table 1. Pin Descriptions
NOTE: Pullup and Pulldown refer to internal input resistors. See Table 2, Pin Characteristics, for typical values.
Table 2. Pin Characteristics
Number
Name
Type
Description
1, 11, 18
GND
Power
Power supply ground.
2, 19
Q0, Q1
Output
Single-ended clock outputs. 7
typical output impedance.
LVCMOS/LVTTL interface levels.
3, 17, 20
VDDO
Power
Output supply pins.
4, 5,
6, 7
SEL0, SEL1,
SEL2, SEL3
Input
Pulldown
Determines output divider values in Table 3. LVCMOS / LVTTL interface levels.
8VDD
Power
Core supply pin.
9
CLK
Input
Pulldown
Non-inverting differential clock input.
10
nCLK
Input
Pullup/
Pulldown
Inverting differential clock input. VDD/2 default when left floating.
12
VDDA
Power
Analog supply pin.
13
PLL_SEL
Input
Pullup
PLL select. Selects between the PLL and reference clock as the input to the
dividers. When LOW, selects reference clock (PLL Bypass). When HIGH, selects
PLL (PLL enabled). LVCMOS/LVTTL interface levels.
14
FB_IN
Input
Pulldown
Feedback input to phase detector for regenerating clocks with “Zero Delay.”
Connect to one of the outputs. LVCMOS/LVTTL interface levels.
15
MR
Input
Pulldown
Active HIGH Master Reset. When logic HIGH, the internal dividers are reset causing
the outputs to go low. When logic LOW, the internal dividers and the outputs are
enabled. LVCMOS / LVTTL interface levels.
16
nc
Unused
No connect.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
CIN
Input Capacitance
4pF
RPULLUP
Input Pullup Resistor
51
k
RPULLDOWN
Input Pulldown Resistor
51
k
CPD
Power Dissipation
Capacitance (per output)
VDD, VDDA, VDDO = 3.465V
23
pF
VDD, VDDA, VDDO = 2.625V
17
pF
ROUT
Output Impedance
5
7
12


Similar Part No. - 87002-02

ManufacturerPart #DatasheetDescription
Renesas Technology Corp
Renesas Technology Corp
87002-02 RENESAS-87002-02 Datasheet
506Kb / 17P
   1:2, Differential-to-LVCMOS/LVTTL Zero 1:2, Differential-to-LVCMOS/LVTTL Zero
Rev C 7/13/15
More results

Similar Description - 87002-02

ManufacturerPart #DatasheetDescription
Integrated Device Technology
Integrated Device Techn...
ICS8745BI-21 IDT-ICS8745BI-21 Datasheet
898Kb / 21P
   Output frequency range
8705I IDT-8705I Datasheet
276Kb / 18P
   Output frequency range
86004 IDT-86004 Datasheet
219Kb / 13P
   Output frequency range
ICS8714004I IDT-ICS8714004I Datasheet
443Kb / 31P
   Output frequency range
ICS87004I IDT-ICS87004I Datasheet
765Kb / 15P
   Output frequency range
ICS8714008I IDT-ICS8714008I Datasheet
461Kb / 34P
   Output frequency range
Analog Devices
Analog Devices
HMC1161 AD-HMC1161 Datasheet
327Kb / 12P
   Dual output frequency range
HMC1165 AD-HMC1165 Datasheet
375Kb / 12P
   Dual output frequency range
Kyocera Kinseki Corpotation
Kyocera Kinseki Corpota...
TCXO-170 KSS-TCXO-170 Datasheet
137Kb / 1P
   Output 50廓 Wide frequency range
Integrated Device Technology
Integrated Device Techn...
XUH IDT-XUH Datasheet
255Kb / 12P
   Frequency range
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com