Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

87002-02 Datasheet(PDF) 6 Page - Integrated Device Technology

Part # 87002-02
Description  Output frequency range
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

87002-02 Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button 87002-02 Datasheet HTML 2Page - Integrated Device Technology 87002-02 Datasheet HTML 3Page - Integrated Device Technology 87002-02 Datasheet HTML 4Page - Integrated Device Technology 87002-02 Datasheet HTML 5Page - Integrated Device Technology 87002-02 Datasheet HTML 6Page - Integrated Device Technology 87002-02 Datasheet HTML 7Page - Integrated Device Technology 87002-02 Datasheet HTML 8Page - Integrated Device Technology 87002-02 Datasheet HTML 9Page - Integrated Device Technology 87002-02 Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Rev C 7/13/15
6
1:2, DIFFERENTIAL-TO-LVCMOS/LVTTL ZERO DELAY CLOCK
GENERATOR
87002-02 DATA SHEET
Table 4C. LVCMOS/LVTTL DC Characteristics, VDD = VDDA = VDDO = 3.3V ± 5% or 2.5V ± 5%, TA = 0°C to 70°C
NOTE 1: Outputs terminated with 50
to V
DDO/2. In the Parameter Measurement Information Section, see Output Load Test Circuit Diagrams.
Table 4D. Differential DC Characteristics, VDD = VDDA = VDDO = 3.3V ± 5% or 2.5V ± 5%, TA = 0°C to 70°C
NOTE 1: VIL should not be less than -0.3V.
NOTE 2: Common mode input voltage is defined as VIH.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VIH
Input High Voltage
VDD = 3.3V
2
VDD + 0.3
V
VDD = 2.5V
1.7
VDD + 0.3
V
VIL
Input Low Voltage
VDD = 3.3V
-0.3
0.8
V
VDD = 2.5V
-0.3
0.7
V
IIH
Input High Current
FB_IN,
SEL[0:3], MR
VDD = VIN = 3.465V or 2.625V
150
µA
PLL_SEL
VDD = VIN = 3.465V or 2.625V
5
µA
IIL
Input Low Current
FB_IN,
SEL[0:3], MR
VDD = 3.465V or 2.625V,
VIN = 0V
-5
µA
PLL_SEL
VDD = 3.465V or 2.625V,
VIN = 0V
-150
µA
VOH
Output High Voltage; NOTE 1
VDDO = 3.465V
2.6
V
VDDO = 2.625V
1.8
V
VOL
Output Low Voltage; NOTE 1
VDDO = 3.465V or 2.625V
0.5
V
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
IIH
Input High Current
CLK
VDD = VIN = 3.465V or 2.625V
150
µA
nCLK
VDD = VIN = 3.465V or 2.625V
150
µA
IIL
Input Low Current
CLK
VDD = 3.465V or 2.625V, VIN = 0V
-5
µA
nCLK
VDD = 3.465V or 2.625V, VIN = 0V
-150
µA
VPP
Peak-to-Peak Voltage; NOTE 1
0.15
1.3
V
VCMR
Common Mode Input Voltage;
NOTE 1, 2
GND + 0.5
VDD – 0.85
V


Similar Part No. - 87002-02

ManufacturerPart #DatasheetDescription
Renesas Technology Corp
Renesas Technology Corp
87002-02 RENESAS-87002-02 Datasheet
506Kb / 17P
   1:2, Differential-to-LVCMOS/LVTTL Zero 1:2, Differential-to-LVCMOS/LVTTL Zero
Rev C 7/13/15
More results

Similar Description - 87002-02

ManufacturerPart #DatasheetDescription
Integrated Device Technology
Integrated Device Techn...
ICS8745BI-21 IDT-ICS8745BI-21 Datasheet
898Kb / 21P
   Output frequency range
8705I IDT-8705I Datasheet
276Kb / 18P
   Output frequency range
86004 IDT-86004 Datasheet
219Kb / 13P
   Output frequency range
ICS8714004I IDT-ICS8714004I Datasheet
443Kb / 31P
   Output frequency range
ICS87004I IDT-ICS87004I Datasheet
765Kb / 15P
   Output frequency range
ICS8714008I IDT-ICS8714008I Datasheet
461Kb / 34P
   Output frequency range
Analog Devices
Analog Devices
HMC1161 AD-HMC1161 Datasheet
327Kb / 12P
   Dual output frequency range
HMC1165 AD-HMC1165 Datasheet
375Kb / 12P
   Dual output frequency range
Kyocera Kinseki Corpotation
Kyocera Kinseki Corpota...
TCXO-170 KSS-TCXO-170 Datasheet
137Kb / 1P
   Output 50廓 Wide frequency range
Integrated Device Technology
Integrated Device Techn...
XUH IDT-XUH Datasheet
255Kb / 12P
   Frequency range
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com