Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

87002-02 Datasheet(PDF) 7 Page - Integrated Device Technology

Part # 87002-02
Description  Output frequency range
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

87002-02 Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button 87002-02 Datasheet HTML 3Page - Integrated Device Technology 87002-02 Datasheet HTML 4Page - Integrated Device Technology 87002-02 Datasheet HTML 5Page - Integrated Device Technology 87002-02 Datasheet HTML 6Page - Integrated Device Technology 87002-02 Datasheet HTML 7Page - Integrated Device Technology 87002-02 Datasheet HTML 8Page - Integrated Device Technology 87002-02 Datasheet HTML 9Page - Integrated Device Technology 87002-02 Datasheet HTML 10Page - Integrated Device Technology 87002-02 Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
1:2, DIFFERENTIAL-TO-LVCMOS/LVTTL ZERO DELAY CLOCK
GENERATOR
7
Rev C 7/13/15
87002-02 DATA SHEET
AC Electrical Characteristics
Table 5A. AC Characteristics, VDD = VDDA = VDDO = 3.3V ± 5%, TA = 0°C to 70°C
NOTE: Electrical parameters are guaranteed over the specified ambient operating temperature range, which is established when the device is
mounted in a test socket with maintained transverse airflow greater than 500 lfpm. The device will meet specifications after thermal equilibrium
has been reached under these conditions.
NOTE 1: Measured from the differential input crossing point to the output at VDDO/2.
NOTE 2: Defined as the time difference between the input reference clock and the average feedback input signal, when the PLL is locked and
the input reference frequency is stable.
NOTE 3: Defined as skew between outputs at the same supply voltage and with equal load conditions. Measured at VDDO/2.
NOTE 4: This parameter is defined in accordance with JEDEC Standard 65.
Table 5B. AC Characteristics, VDD = VDDA = VDDO = 2.5V ± 5%, TA = 0°C to 70°C
NOTE: Electrical parameters are guaranteed over the specified ambient operating temperature range, which is established when the device is
mounted in a test socket with maintained transverse airflow greater than 500 lfpm. The device will meet specifications after thermal equilibrium
has been reached under these conditions.
NOTE 1: Measured from the differential input crossing point to the output at VDDO/2.
NOTE 2: Defined as the time difference between the input reference clock and the average feedback input signal, when the PLL is locked and
the input reference frequency is stable.
NOTE 3: Defined as skew between outputs at the same supply voltage and with equal load conditions. Measured at VDDO/2.
NOTE 4: This parameter is defined in accordance with JEDEC Standard 65.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
fMAX
Output Frequency
15.625
250
MHz
tPD
Propagation Delay; NOTE 1
PLL_SEL = 0V, f
 250MHz,
Qx ÷ 2
4.8
5.8
ns
t(Ø)
Static Phase Offset; NOTE 2, 4
PLL_SEL = 3.3V,
fREF  167MHz, Qx ÷ 1
-160
-10
140
ps
tsk(o)
Output Skew; NOTE 3, 4
PLL_SEL = 0V
40
ps
tjit(cc)
Cycle-to-Cycle Jitter; NOTE 4
fOUT > 40MHz
45
ps
tL
PLL Lock Time
1ms
tR / tF
Output Rise/Fall Time
20% to 80%
400
800
ps
odc
Output Duty Cycle
40
60
%
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
fMAX
Output Frequency
15.625
250
MHz
tPD
Propagation Delay; NOTE 1
PLL_SEL = 0V, f
 250MHz,
Qx ÷ 2
4.9
6.7
ns
t(Ø)
Static Phase Offset; NOTE 2, 4
PLL_SEL = 2.5V,
fREF  167MHz, Qx ÷ 1
-240
-65
110
ps
tsk(o)
Output Skew; NOTE 3, 4
PLL_SEL = 0V
35
ps
tjit(cc)
Cycle-to-Cycle Jitter; NOTE 4
fOUT > 40MHz
45
ps
tL
PLL Lock Time
1ms
tR / tF
Output Rise/Fall Time
20% to 80%
400
700
ps
odc
Output Duty Cycle
44
56
%


Similar Part No. - 87002-02

ManufacturerPart #DatasheetDescription
Renesas Technology Corp
Renesas Technology Corp
87002-02 RENESAS-87002-02 Datasheet
506Kb / 17P
   1:2, Differential-to-LVCMOS/LVTTL Zero 1:2, Differential-to-LVCMOS/LVTTL Zero
Rev C 7/13/15
More results

Similar Description - 87002-02

ManufacturerPart #DatasheetDescription
Integrated Device Technology
Integrated Device Techn...
ICS8745BI-21 IDT-ICS8745BI-21 Datasheet
898Kb / 21P
   Output frequency range
8705I IDT-8705I Datasheet
276Kb / 18P
   Output frequency range
86004 IDT-86004 Datasheet
219Kb / 13P
   Output frequency range
ICS8714004I IDT-ICS8714004I Datasheet
443Kb / 31P
   Output frequency range
ICS87004I IDT-ICS87004I Datasheet
765Kb / 15P
   Output frequency range
ICS8714008I IDT-ICS8714008I Datasheet
461Kb / 34P
   Output frequency range
Analog Devices
Analog Devices
HMC1161 AD-HMC1161 Datasheet
327Kb / 12P
   Dual output frequency range
HMC1165 AD-HMC1165 Datasheet
375Kb / 12P
   Dual output frequency range
Kyocera Kinseki Corpotation
Kyocera Kinseki Corpota...
TCXO-170 KSS-TCXO-170 Datasheet
137Kb / 1P
   Output 50廓 Wide frequency range
Integrated Device Technology
Integrated Device Techn...
XUH IDT-XUH Datasheet
255Kb / 12P
   Frequency range
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com