Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS570 Datasheet(PDF) 6 Page - Integrated Device Technology

Part # ICS570
Description  8-pin SOIC package
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS570 Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button ICS570 Datasheet HTML 2Page - Integrated Device Technology ICS570 Datasheet HTML 3Page - Integrated Device Technology ICS570 Datasheet HTML 4Page - Integrated Device Technology ICS570 Datasheet HTML 5Page - Integrated Device Technology ICS570 Datasheet HTML 6Page - Integrated Device Technology ICS570 Datasheet HTML 7Page - Integrated Device Technology ICS570 Datasheet HTML 8Page - Integrated Device Technology ICS570 Datasheet HTML 9Page - Integrated Device Technology ICS570 Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
ICS570
MULTIPLIER AND ZERO DELAY BUFFER
ZDB AND MULTIPLIER
IDT™ / ICS™ MULTIPLIER AND ZERO DELAY BUFFER
6
ICS570
REV K 073007
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the ICS570. These ratings, which are
standard values for IDT commercially rated parts, are stress ratings only. Functional operation of the device at these
or any other conditions above those indicated in the operational sections of the specifications is not implied.
Exposure to absolute maximum rating conditions for extended periods can affect product reliability. Electrical
parameters are guaranteed only over the recommended operating temperature range.
Recommended Operation Conditions
M
1
7.5
20x
±130
90
10x
±45
20
1
0
75
2x
±115
90
1x
±45
20
1
M
4.6875
32x
±130
90
16x
±50
20
1
1
37.5
4x
±110
70
2x
±60
20
Item
Rating
Supply Voltage, VDD
7 V
All Inputs and Outputs
-0.5 V to VDD+0.5 V
Ambient Operating Temperature, Commercial version
0 to +70
° C
Ambient Operating Temperature, Industrial version
-40 to +85
° C
Storage Temperature
-65 to +150
° C
Junction Temperature
125
° C
Soldering Temperature
260
° C
Parameter
Min.
Typ.
Max.
Units
Ambient Operating Temperature, Commercial version
0
70
° C
Ambient Operating Temperature, Industrial version
-40
+85
° C
Power Supply Voltage (measured in respect to GND)
+3.15
+3.3
+3.45
V


Similar Part No. - ICS570

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS570 ICST-ICS570 Datasheet
199Kb / 9P
   Multiplier and Zero Delay Buffer
logo
Integrated Device Techn...
ICS570-01 IDT-ICS570-01 Datasheet
164Kb / 7P
   MULTIPLIER AND ZERO DELAY BUFFER
logo
Integrated Circuit Syst...
ICS570A ICST-ICS570A Datasheet
85Kb / 6P
   Multiplier and Zero Delay Buffer
ICS570A ICST-ICS570A Datasheet
199Kb / 9P
   Multiplier and Zero Delay Buffer
ICS570AI ICST-ICS570AI Datasheet
85Kb / 6P
   Multiplier and Zero Delay Buffer
More results

Similar Description - ICS570

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
8SOIC SMSC-8SOIC Datasheet
295Kb / 1P
   8 PIN SOIC PACKAGE OUTLINE
logo
RFHIC
AE607 RFHIC-AE607 Datasheet
1Mb / 5P
   SOIC-8 SMD Type package
logo
Integrated Device Techn...
ICS180-51 IDT-ICS180-51 Datasheet
146Kb / 7P
   Packaged in 8-pin SOIC
ICS181-52 IDT-ICS181-52 Datasheet
147Kb / 7P
   Packaged in 8-pin SOIC
ICS571 IDT-ICS571 Datasheet
185Kb / 7P
   Packaged in 8-pin SOIC
ICS180-01 IDT-ICS180-01 Datasheet
154Kb / 9P
   Packaged in 8-pin SOIC
logo
Clare, Inc.
CPC2017N CLARE-CPC2017N Datasheet
116Kb / 5P
   8-Pin Dual SOIC OptoMOS짰 Relay
CPC2014N CLARE-CPC2014N Datasheet
117Kb / 5P
   8-Pin SOIC Dual OptoMOS짰 Relay
logo
HALO Electronics, Inc.
TG04-1006N1LF HALO-TG04-1006N1LF Datasheet
366Kb / 2P
   16 Pin SOIC Package 10BASE-T Transformers
logo
Central Semiconductor C...
CWDM305P CENTRAL-CWDM305P Datasheet
1Mb / 2P
   30V, MOSFETs in the SOIC-8 package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com