Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS670-02 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ICS670-02
Description  Packaged in 16-pin SOIC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS670-02 Datasheet(HTML) 1 Page - Integrated Device Technology

  ICS670-02 Datasheet HTML 1Page - Integrated Device Technology ICS670-02 Datasheet HTML 2Page - Integrated Device Technology ICS670-02 Datasheet HTML 3Page - Integrated Device Technology ICS670-02 Datasheet HTML 4Page - Integrated Device Technology ICS670-02 Datasheet HTML 5Page - Integrated Device Technology ICS670-02 Datasheet HTML 6Page - Integrated Device Technology ICS670-02 Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DATASHEET
LOW PHASE NOISE ZERO DELAY BUFFER AND MULTIPLIER
ICS670-02
IDT™ / ICS™ LOW PHASE NOISE ZERO DELAY BUFFER AND MULTIPLIER 1
ICS670-02
REV J 051310
Description
The ICS670-02 is a high speed, low phase noise, Zero
Delay Buffer (ZDB) which integrates IDT’s proprietary
analog/digital Phase Locked Loop (PLL) techniques. Part of
IDT’s ClockBlocksTM family, the part’s zero delay feature
means that the rising edge of the input clock aligns with the
rising edges of the outputs giving the appearance of no
delay through the device. There are two identical outputs on
the chip. The FBCLK should be used to connect to the
FBIN. Each output has its own output enable pin.
The ICS670-02 is ideal for synchronizing outputs in a large
variety of systems, from personal computers to data
communications to video. By allowing off-chip feedback
paths, the chip can eliminate the delay through other
devices. The 15 different on-chip multipliers work in a
variety of applications. For other multipliers, including
functional multipliers, see the ICS527.
Features
Packaged in 16-pin SOIC
Pb (lead) free package, RoHS compliant
Clock inputs from 5 to 160 MHz (see page 2)
Patented PLL with low phase noise
Output clocks up to 160 MHz at 3.3 V
15 selectable on-chip multipliers
Power down mode available
Low phase noise: -111 dBc/Hz at 10 kHz
Output enable function tri-states outputs
Low jitter 15 ps one sigma
Advanced, low power, sub-micron CMOS process
Operating voltage of 3.3 V or 5 V
Industrial temperature range available (-40 to +85°C)
Block Diagram
Divide by
N
Voltage
Controlled
Oscillator
FB C L K
OE 1
Phase
Detector,
Charge
Pump, and
Loop Filter
FB I N
S3 :S 0
IC L K
CL K2
4
OE 2
VDD
3
GND
3
E x te rn al Fe ed ba ck f r om FB C L K is r e com m e nd ed .


Similar Part No. - ICS670-02

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS670-02 ICST-ICS670-02 Datasheet
175Kb / 6P
   LOW PHASE NOISE, ZERO DELAY BUFFER AND MULTIPLIER
logo
Renesas Technology Corp
ICS670-02 RENESAS-ICS670-02 Datasheet
342Kb / 8P
   LOW PHASE NOISE ZERO DELAY BUFFER AND MULTIPLIER
REV J 051310
More results

Similar Description - ICS670-02

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS670-03 IDT-ICS670-03 Datasheet
202Kb / 7P
   Packaged in 16-pin SOIC
ICS670-01 IDT-ICS670-01 Datasheet
103Kb / 7P
   Packaged in 16-pin SOIC
ICS180-51 IDT-ICS180-51 Datasheet
146Kb / 7P
   Packaged in 8-pin SOIC
ICS181-52 IDT-ICS181-52 Datasheet
147Kb / 7P
   Packaged in 8-pin SOIC
ICS571 IDT-ICS571 Datasheet
185Kb / 7P
   Packaged in 8-pin SOIC
ICS180-01 IDT-ICS180-01 Datasheet
154Kb / 9P
   Packaged in 8-pin SOIC
ICS650-41 IDT-ICS650-41 Datasheet
228Kb / 11P
   Packaged in 16-pin TSSOP
ICS650-44 IDT-ICS650-44 Datasheet
227Kb / 11P
   Packaged in 16-pin TSSOP
logo
List of Unclassifed Man...
ICS502MILFT ETC2-ICS502MILFT Datasheet
182Kb / 7P
   Packaged as 8-pin SOIC or die
logo
E&E Magnetic Products L...
824-00036 EEMAGNETIC-824-00036 Datasheet
133Kb / 3P
   TRANSFORMER, 100BASE-T,SINGLE, SOIC, 16 PIN
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com