Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS853S012I Datasheet(PDF) 11 Page - Integrated Device Technology

Part # ICS853S012I
Description  Maximum output frequency
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS853S012I Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button ICS853S012I Datasheet HTML 7Page - Integrated Device Technology ICS853S012I Datasheet HTML 8Page - Integrated Device Technology ICS853S012I Datasheet HTML 9Page - Integrated Device Technology ICS853S012I Datasheet HTML 10Page - Integrated Device Technology ICS853S012I Datasheet HTML 11Page - Integrated Device Technology ICS853S012I Datasheet HTML 12Page - Integrated Device Technology ICS853S012I Datasheet HTML 13Page - Integrated Device Technology ICS853S012I Datasheet HTML 14Page - Integrated Device Technology ICS853S012I Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
ICS853S012I Data Sheet
12-:1, DIFFERENTIAL-TO-2.5V, 3.3V LVPECL CLOCK/DATA MULTIPLEXER
ICS853S0121AKI REVISION A SEPTEMBER 28, 2012
11
©2012 Integrated Device Technology, Inc.
3.3V Differential Clock Input Interface
The CLK /nCLK accepts LVDS, LVPECL, CML and other differential
signals. Both VSWING and VOH must meet the VPP and VCMR input
requirements. Figures 2A to 2E show interface examples for the
IN/nIN input with built-in 50
 terminations driven by the most
common driver types. The input interfaces suggested here are
examples only. If the driver is from another vendor, use their
termination recommendation. Please consult with the vendor of the
driver component to confirm the driver termination requirements.
Figure 2A. CLK/nCLK Input Driven by a
3.3V LVPECL Driver
Figure 2C. CLK/nCLK Input Driven by a
3.3V LVDS Driver
Figure 2E. CLK/nCLK Input Driven by an
IDT Open Collector CML Driver
Figure 2B. CLK/nCLK Input Driven by a
3.3V LVPECL Driver
Figure 2D. CLK/nCLK Input Driven by a
Built-In Pullup CML Driver
R3
125
Ω
R4
125
Ω
R1
84
Ω
R2
84
Ω
3.3V
Zo = 50
Ω
Zo = 50
Ω
CLK
nCLK
3.3V
3.3V
LVPECL
Differential
Input
3.3V
R1
100
Ω
LVDS
CLK
nCLK
3.3V
Receiver
Zo = 50
Ω
Zo = 50
Ω
CLK
nCLK
Differential
Input
CML
3.3V
Zo = 50
Ω
Zo = 50
Ω
3.3V
3.3V
R1
50
R2
50
CLK
nCLK
Differential
Input
LVPECL
3.3V
Zo = 50
Ω
Zo = 50
Ω
3.3V
R1
50
Ω
R2
50
Ω
R2
50
Ω
3.3V
R1
100
CML Built-In Pullup
CLK
nCLK
3.3V
Differential
Input
Zo = 50
Ω
Zo = 50
Ω


Similar Part No. - ICS853S012I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS853S012I IDT-ICS853S012I Datasheet
495Kb / 20P
   12:1, Different ial-to-3.3V, 2.5V LVPECL Clock/Data Mult iplexer
logo
Renesas Technology Corp
ICS853S012I RENESAS-ICS853S012I Datasheet
1Mb / 21P
   12:1, Differential-to-3.3V, 2.5V LVPECL Clock/Data Multiplexer
August 23, 2017
logo
Integrated Device Techn...
ICS853S012I IDT-ICS853S012I_17 Datasheet
495Kb / 20P
   12:1, Different ial-to-3.3V, 2.5V LVPECL Clock/Data Mult iplexer
More results

Similar Description - ICS853S012I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS853S12I IDT-ICS853S12I Datasheet
336Kb / 17P
   Maximum output frequency
83056 IDT-83056 Datasheet
167Kb / 15P
   Maximum output frequency
83947 IDT-83947 Datasheet
122Kb / 10P
   Maximum output frequency
ICS853S54I IDT-ICS853S54I Datasheet
478Kb / 21P
   Maximum output frequency
83054 IDT-83054 Datasheet
170Kb / 14P
   Maximum output frequency
ICS8530-01 IDT-ICS8530-01 Datasheet
149Kb / 17P
   Maximum output frequency
ICS859S0412I IDT-ICS859S0412I Datasheet
679Kb / 23P
   Maximum output frequency
logo
Analog Devices
AD9528 AD-AD9528 Datasheet
1Mb / 68P
   Maximum output frequency
logo
Integrated Device Techn...
83918 IDT-83918 Datasheet
266Kb / 19P
   Maximum output frequency
83940D IDT-83940D Datasheet
220Kb / 16P
   Maximum output frequency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com