Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLF8G20LS-260A Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BLF8G20LS-260A
Description  Power LDMOS transistor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF8G20LS-260A Datasheet(HTML) 5 Page - NXP Semiconductors

  BLF8G20LS-260A_15 Datasheet HTML 1Page - NXP Semiconductors BLF8G20LS-260A_15 Datasheet HTML 2Page - NXP Semiconductors BLF8G20LS-260A_15 Datasheet HTML 3Page - NXP Semiconductors BLF8G20LS-260A_15 Datasheet HTML 4Page - NXP Semiconductors BLF8G20LS-260A_15 Datasheet HTML 5Page - NXP Semiconductors BLF8G20LS-260A_15 Datasheet HTML 6Page - NXP Semiconductors BLF8G20LS-260A_15 Datasheet HTML 7Page - NXP Semiconductors BLF8G20LS-260A_15 Datasheet HTML 8Page - NXP Semiconductors BLF8G20LS-260A_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
BLF8G20LS-260A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 4 — 12 July 2013
5 of 15
NXP Semiconductors
BLF8G20LS-260A
Power LDMOS transistor
[1]
ZS and ZL defined in Figure 1.
[2]
at 3 dB gain compression.
7.3 Recommended impedances for Doherty design
[1]
ZS and ZL defined in Figure 1.
[2]
at 3 dB gain compression.
[3]
at PL(AV) = 47 dBm.
[1]
ZS and ZL defined in Figure 1.
[2]
at 3 dB gain compression.
[3]
at PL(AV) = 47 dBm.
Maximum drain efficiency load
1810
0.8
 j3.7
2.6
 j2.6
176
67
18.1
1840
0.7
 j3.9
2.4
 j2.4
162
66
18.3
1880
0.7
 j4.0
2.3
 j2.5
163
65
18.4
Fig 1.
Definition of transistor impedance
Table 10.
Typical impedance of peak device …continued
Measured load-pull data of peak device; IDq = 1200 mA (peak); VDS = 28 V.
f
ZS[1]
ZL[1]
PL[2]
D
[2]
Gp[2]
(MHz)
(
)
(
)
(W)
(%)
(dB)
001aaf059
drain
ZL
ZS
gate
Table 11.
Typical impedance of main device at 1 : 1 load
Measured load-pull data of main device; IDq = 750 mA (main); VDS = 28 V.
f
ZS[1]
ZL[1]
PL[2]
D
[3]
Gp[3]
(MHz)
(
)
(
)
(dBm)
(%)
(dB)
1810
1.0
 j3.7
1.4
 j4.1
52.38
33.8
18.0
1840
1.0
 j3.9
1.4
 j3.8
52.23
34.3
18.1
1880
1.1
 j4.0
1.3
 j3.6
52.08
35.0
18.3
Table 12.
Typical impedance of main device at 1 : 2.5 load
Measured load-pull data of main device; IDq = 750 mA (main); VDS = 28 V.
f
ZS[1]
ZL[1]
PL[2]
D
[3]
Gp[3]
(MHz)
(
)
(
)
(dBm)
(%)
(dB)
1810
1.0
 j3.7
2.4
 j2.6
50.83
47.3
20.2
1840
1.0
 j3.9
2.8
 j3.0
50.47
50.2
20.8
1880
1.1
 j4.0
3.1
 j2.7
50.25
50.9
21.2


Similar Part No. - BLF8G20LS-260A_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF8G20LS-260A NXP-BLF8G20LS-260A Datasheet
232Kb / 12P
   Power LDMOS transistor
Rev. 1-13 September 2012
More results

Similar Description - BLF8G20LS-260A_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF6G20-110 NXP-BLF6G20-110 Datasheet
74Kb / 9P
   Power LDMOS transistor
Rev. 01-28 January 2008
BLF7G22L-130 NXP-BLF7G22L-130 Datasheet
180Kb / 15P
   Power LDMOS transistor
Rev. 3-18 November 2010
BLF6G20-45 NXP-BLF6G20-45 Datasheet
88Kb / 12P
   Power LDMOS transistor
Rev. 02-25 August 2008
BLF6G20-110 NXP-BLF6G20-110_09 Datasheet
90Kb / 10P
   Power LDMOS transistor
Rev. 03-13 January 2009
BLF2425M7L140 NXP-BLF2425M7L140 Datasheet
299Kb / 11P
   Power LDMOS transistor
Rev. 3-6 September 2012
BLF188XR NXP-BLF188XR Datasheet
227Kb / 15P
   Power LDMOS transistor
Rev. 5-12 November 2013
BLF6G22LS-130 PHILIPS-BLF6G22LS-130_15 Datasheet
87Kb / 11P
   Power LDMOS transistor
Rev. 01-23 May 2008
BLF6G20LS-140 PHILIPS-BLF6G20LS-140_15 Datasheet
74Kb / 8P
   Power LDMOS transistor
Rev. 01-27 February 2009
BLF7G10L-250 PHILIPS-BLF7G10L-250_15 Datasheet
714Kb / 13P
   Power LDMOS transistor
Rev. 4-13 September 2012
BLA6G1011-200R PHILIPS-BLA6G1011-200R_15 Datasheet
185Kb / 13P
   Power LDMOS transistor
Rev. 5-17 March 2015
BLP8G20S-80P PHILIPS-BLP8G20S-80P_15 Datasheet
158Kb / 11P
   Power LDMOS transistor
Rev. 2-13 October 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com