Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2314ASDRBREP Datasheet(PDF) 10 Page - Texas Instruments

Part # OPA2314ASDRBREP
Description  3-MHz, LOW-POWER, LOW-NOISE, RRI/O, 1.8-V CMOS OPERATIONAL AMPLIFIER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2314ASDRBREP Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA2314ASDRBREP Datasheet HTML 6Page - Texas Instruments OPA2314ASDRBREP Datasheet HTML 7Page - Texas Instruments OPA2314ASDRBREP Datasheet HTML 8Page - Texas Instruments OPA2314ASDRBREP Datasheet HTML 9Page - Texas Instruments OPA2314ASDRBREP Datasheet HTML 10Page - Texas Instruments OPA2314ASDRBREP Datasheet HTML 11Page - Texas Instruments OPA2314ASDRBREP Datasheet HTML 12Page - Texas Instruments OPA2314ASDRBREP Datasheet HTML 13Page - Texas Instruments OPA2314ASDRBREP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
0.1
0.01
0.001
0.0001
0.01
0.1
1
10
Output Amplitude (
)
V
RMS
V = ±2.5 V
f = 1 kHz
BW = 80 kHz
G = +1 V/V
S
Load = 2 kW
Load = 10 kW
0.1
0.01
0.001
0.0001
0.01
0.1
1
10
Output Amplitude (
)
V
RMS
V = ±2.5 V
f = 1 kHz
BW = 80 kHz
G = 1 V/V
S
-
Load = 2 kW
Load = 10 kW
4
3
2
1
0
1
2
3
4
-
-
-
-
0
250
500
750
1000
Time (125 s/div)
m
V
V
IN
OUT
-
-
-
-
60
80
100
120
140
-
100
1k
10k
100k
1M
10M
Frequency (Hz)
V = 2.75 V
S
±
0
2
4
6
8
10
12
14
Time (2 s/div)
m
3
2.5
2
1.5
1
0.5
0
0.5
1
-
-
Input
Output
0
2
4
6
8
10
12
14
Time (2 s/div)
m
1
0.5
0
0.5
1
-
-
-
-
-
-
1.5
2
2.5
3
Input
Output
OPA2314-EP
SBOS597 – SEPTEMBER 2012
www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, RL = 10 kΩ connected to VS/2, VCM = VS/2, and VOUT = VS/2, unless otherwise noted.
POSITIVE OVERLOAD RECOVERY
NEGATIVE OVERLOAD RECOVERY
Figure 26.
Figure 27.
CHANNEL SEPARATION vs FREQUENCY
NO PHASE REVERSAL
OPA2314
Figure 28.
Figure 29.
THD+N vs OUTPUT AMPLITUDE
THD+N vs OUTPUT AMPLITUDE
(G = +1 V/V)
(G = –1 V/V)
Figure 30.
Figure 31.
10
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: OPA2314-EP


Similar Part No. - OPA2314ASDRBREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2314AID TI1-OPA2314AID Datasheet
1Mb / 31P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRI/O, 1.8-V CMOS OPERATIONAL AMPLIFIER
MARCH2012
OPA2314AID TI-OPA2314AID Datasheet
1Mb / 36P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA2314AID TI1-OPA2314AID Datasheet
1Mb / 45P
[Old version datasheet]   Operational Amplifier
OPA2314AIDGK TI1-OPA2314AIDGK Datasheet
1Mb / 31P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRI/O, 1.8-V CMOS OPERATIONAL AMPLIFIER
MARCH2012
OPA2314AIDGK TI-OPA2314AIDGK Datasheet
1Mb / 36P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
More results

Similar Description - OPA2314ASDRBREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA314 TI1-OPA314 Datasheet
1Mb / 31P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRI/O, 1.8-V CMOS OPERATIONAL AMPLIFIER
MARCH2012
OPA322-Q1 TI1-OPA322-Q1_17 Datasheet
1Mb / 39P
[Old version datasheet]   20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier
OPA322_1111 TI1-OPA322_1111 Datasheet
1Mb / 34P
[Old version datasheet]   20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier with Shutdown
NOVEMBER2011
OPA2322A-Q1 TI1-OPA2322A-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier With Shutdown
OPA322 TI1-OPA322 Datasheet
1Mb / 29P
[Old version datasheet]   20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier with Shutdown
JUNE2012
OPA314-Q1 TI1-OPA314-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA2314-Q1 TI1-OPA2314-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA4314AIPWR TI1-OPA4314AIPWR Datasheet
1Mb / 36P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA4314AIPWR TI-OPA4314AIPWR Datasheet
1Mb / 36P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA314 TI-OPA314_15 Datasheet
1Mb / 45P
[Old version datasheet]   OPAx314 3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com