Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA4171-Q1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # OPA4171-Q1
Description  OPAx171-Q1 36-V, Single-Supply, General-Purpose Operational Amplifier
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA4171-Q1 Datasheet(HTML) 3 Page - Texas Instruments

  OPA4171-Q1 Datasheet HTML 1Page - Texas Instruments OPA4171-Q1 Datasheet HTML 2Page - Texas Instruments OPA4171-Q1 Datasheet HTML 3Page - Texas Instruments OPA4171-Q1 Datasheet HTML 4Page - Texas Instruments OPA4171-Q1 Datasheet HTML 5Page - Texas Instruments OPA4171-Q1 Datasheet HTML 6Page - Texas Instruments OPA4171-Q1 Datasheet HTML 7Page - Texas Instruments OPA4171-Q1 Datasheet HTML 8Page - Texas Instruments OPA4171-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
1
2
3
4
8
7
6
5
V+
OUT B
–IN B
+IN B
OUT A
–IN A
+IN A
V–
1
2
3
5
4
V+
-
IN
OUT
V
-
+IN
OPA171-Q1, OPA2171-Q1, OPA4171-Q1
www.ti.com
SBOS556B – JUNE 2011 – REVISED DECEMBER 2014
5 Pin Configuration and Functions
DBV Package
D Package
5-Pin SOT23
8-Pin SOIC
OPA171-Q1 Top View
OPA2171-Q1 Top View
Pin Functions — DBV (5) and D (8) Packages
PIN
I/O
DESCRIPTION
OPA171-Q1
OPA2171-Q1
NAME
DBV (5)
D (8)
+IN
3
I
Noninverting input
+IN A
3
I
Noninverting input, channel A
+IN B
5
I
Noninverting input, channel B
–IN
4
I
Inverting input
–IN A
2
I
Inverting input, channel A
–IN B
6
I
Inverting input, channel B
OUT
1
O
Output
OUT A
1
O
Output, channel A
OUT B
7
O
Output, channel B
V+
5
7
Positive (highest) power supply
V–
2
4
Negative (lowest) power supply
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: OPA171-Q1 OPA2171-Q1 OPA4171-Q1


Similar Part No. - OPA4171-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4171-Q1 TI-OPA4171-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   OPAx171-Q1 36-V, Single-Supply, General-Purpose Operational Amplifier
More results

Similar Description - OPA4171-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA171-Q1 TI-OPA171-Q1_15 Datasheet
1Mb / 36P
[Old version datasheet]   OPAx171-Q1 36-V, Single-Supply, General-Purpose Operational Amplifier
OPA2171-EP TI1-OPA2171-EP_16 Datasheet
1Mb / 28P
[Old version datasheet]   36-V, Single-Supply, SOT553, General-Purpose Operational Amplifiers
OPA171-Q1 TI1-OPA171-Q1_15 Datasheet
1Mb / 37P
[Old version datasheet]   Single-Supply, General-Purpose Operational Amplifier
TLV171-Q1 TI1-TLV171-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   36-V, Single-Supply, General-Purpose Operational Amplifier for Cost-Sensitive Automotive Systems
OPA2171-EP TI-OPA2171-EP_15 Datasheet
1Mb / 28P
[Old version datasheet]   OPA2171-EP 36-V, Single-Supply, SOT553, General-Purpose Operational Amplifiers
OPA170-EP TI1-OPA170-EP Datasheet
1Mb / 20P
[Old version datasheet]   36-V, SINGLE-SUPPLY, LOW-POWER OPERATIONAL AMPLIFIER
OPA171-Q1 TI1-OPA171-Q1 Datasheet
767Kb / 18P
[Old version datasheet]   36V, SINGLE-SUPPLY, GENERAL-PURPOSE OPERATIONAL AMPLIFIER
logo
STMicroelectronics
UA741 STMICROELECTRONICS-UA741_01 Datasheet
88Kb / 5P
   GENERAL PURPOSE SINGLE OPERATIONAL AMPLIFIER
UA741MN STMICROELECTRONICS-UA741MN Datasheet
315Kb / 11P
   General-purpose single operational amplifier
logo
New Japan Radio
NJM741 NJRC-NJM741 Datasheet
174Kb / 5P
   SINGLE GENERAL PURPOSE OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com