Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLF7G20L-200 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BLF7G20L-200
Description  Power LDMOS transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF7G20L-200 Datasheet(HTML) 3 Page - NXP Semiconductors

  BLF7G20L-200_15 Datasheet HTML 1Page - NXP Semiconductors BLF7G20L-200_15 Datasheet HTML 2Page - NXP Semiconductors BLF7G20L-200_15 Datasheet HTML 3Page - NXP Semiconductors BLF7G20L-200_15 Datasheet HTML 4Page - NXP Semiconductors BLF7G20L-200_15 Datasheet HTML 5Page - NXP Semiconductors BLF7G20L-200_15 Datasheet HTML 6Page - NXP Semiconductors BLF7G20L-200_15 Datasheet HTML 7Page - NXP Semiconductors BLF7G20L-200_15 Datasheet HTML 8Page - NXP Semiconductors BLF7G20L-200_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
BLF7G20L-200_7G20LS-200
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 4 — 22 July 2011
3 of 13
NXP Semiconductors
BLF7G20L-200; BLF7G20LS-200
Power LDMOS transistor
6.
Characteristics
7.
Test information
7.1 Ruggedness in class-AB operation
The BLF7G20L-200 and BLF7G20LS-200 are capable of withstanding a load mismatch
corresponding to VSWR = 10 : 1 through all phases under the following conditions:
VDS =30V; IDq =1620mA; PL = 185 W (CW); f = 1805 MHz to 1880 MHz.
Table 6.
Characteristics
Tj = 25 C unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
V(BR)DSS drain-source breakdown voltage VGS =0V; ID =1.5 mA
65
-
-
V
VGS(th)
gate-source threshold voltage
VDS =10 V; ID = 150 mA
1.5
1.9
2.3
V
IDSS
drain leakage current
VGS =0V; VDS = 28 V
--4.2
A
IDSX
drain cut-off current
VGS =VGS(th) +3.75 V;
VDS =10V
42
50.6
-
A
IGSS
gate leakage current
VGS =11V; VDS =0V
420 2.44
420
nA
gfs
forward transconductance
VDS =10V; ID = 7.5 A
-
18.6
-
S
RDS(on)
drain-source on-state resistance VGS =VGS(th) + 3.75 V;
ID =5.25A
-0.093 -
Table 7.
Functional test information
Mode of operation: 2-carrier W-CDMA; PAR = 8.4 dB at 0.01 % probability on the CCDF; 3GPP test
model 1; 64 PDPCH; f1 = 1807.5 MHz; f2 = 1812.5 MHz; f3 = 1872.5 MHz; f4 = 1877.5 MHz;
RF performance at VDS =28V; IDq = 1620 mA; Tcase =25 C; unless otherwise specified; in a
class-AB production test circuit.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
PL(AV)
average output power
-
55
-
W
Gp
power gain
PL(AV) =55W
17
18
-
dB
RLin
input return loss
PL(AV) =55W
-
-
10
dB
D
drain efficiency
PL(AV) =55W
30
33
-
%
ACPR
adjacent channel power ratio
PL(AV) =55W
-
29
-
dBc


Similar Part No. - BLF7G20L-200_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF7G20L-200 NXP-BLF7G20L-200 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
More results

Similar Description - BLF7G20L-200_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF6G20-110 NXP-BLF6G20-110 Datasheet
74Kb / 9P
   Power LDMOS transistor
Rev. 01-28 January 2008
BLF7G22L-130 NXP-BLF7G22L-130 Datasheet
180Kb / 15P
   Power LDMOS transistor
Rev. 3-18 November 2010
BLF6G20-45 NXP-BLF6G20-45 Datasheet
88Kb / 12P
   Power LDMOS transistor
Rev. 02-25 August 2008
BLF6G20-110 NXP-BLF6G20-110_09 Datasheet
90Kb / 10P
   Power LDMOS transistor
Rev. 03-13 January 2009
BLF2425M7L140 NXP-BLF2425M7L140 Datasheet
299Kb / 11P
   Power LDMOS transistor
Rev. 3-6 September 2012
BLF188XR NXP-BLF188XR Datasheet
227Kb / 15P
   Power LDMOS transistor
Rev. 5-12 November 2013
BLF6G22LS-130 PHILIPS-BLF6G22LS-130_15 Datasheet
87Kb / 11P
   Power LDMOS transistor
Rev. 01-23 May 2008
BLF6G20LS-140 PHILIPS-BLF6G20LS-140_15 Datasheet
74Kb / 8P
   Power LDMOS transistor
Rev. 01-27 February 2009
BLF7G10L-250 PHILIPS-BLF7G10L-250_15 Datasheet
714Kb / 13P
   Power LDMOS transistor
Rev. 4-13 September 2012
BLA6G1011-200R PHILIPS-BLA6G1011-200R_15 Datasheet
185Kb / 13P
   Power LDMOS transistor
Rev. 5-17 March 2015
BLP8G20S-80P PHILIPS-BLP8G20S-80P_15 Datasheet
158Kb / 11P
   Power LDMOS transistor
Rev. 2-13 October 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com