Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SK540SB Datasheet(PDF) 7 Page - Cystech Electonics Corp.

Part # SK540SB
Description  5.0Amp. Surface Mount Schottky Barrier Diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

SK540SB Datasheet(HTML) 7 Page - Cystech Electonics Corp.

  SK540SB Datasheet HTML 1Page - Cystech Electonics Corp. SK540SB Datasheet HTML 2Page - Cystech Electonics Corp. SK540SB Datasheet HTML 3Page - Cystech Electonics Corp. SK540SB Datasheet HTML 4Page - Cystech Electonics Corp. SK540SB Datasheet HTML 5Page - Cystech Electonics Corp. SK540SB Datasheet HTML 6Page - Cystech Electonics Corp. SK540SB Datasheet HTML 7Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
CYStech Electronics Corp.
Spec. No. : C337SB
Issued Date : 2005.12.07
Revised Date :2014.04.30
Page No. : 7/7
SK520SB-SK5100SB
CYStek Product Specification
DO-214AA/SMB Dimension
*:Typical
DIM
Inches
Millimeters
DIM
Inches
Millimeters
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
A
0.076
0.082
1.93
2.08
E
0.006
0.012
0.15
0.31
B
0.137
0.147
3.48
3.73
F
0.004
0.008
0.10
0.20
C
0.167
0.187
4.25
4.75
G
0.035
0.056
0.90
1.41
D
0.078
0.103
1.99
2.61
H
0.207
0.215
5.26
5.46
Notes : 1.Controlling dimension : millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material :
• Lead : Pure tin plated.
• Mold Compound : Epoxy resin family, flammability solid burning class:UL94V-0.
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek.
• CYStek reserves the right to make changes to its products without notice.
• CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
DO-214AA/SMB Plastic
Surface Mounted Package
CYStek Package Code : SB
Marking Code :
SK520SB
SK530SB
SK540SB
SS52
SS53
SS54
SK550SB
SK560SB
SK580SB
SS55
SS56
SS58
SK5100SB
S510


Similar Part No. - SK540SB

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
SK540SC CYSTEKEC-SK540SC Datasheet
195Kb / 6P
   5.0Amp. Surface Mount Schottky Barrier Diodes
More results

Similar Description - SK540SB

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
SK560SC CYSTEKEC-SK560SC Datasheet
195Kb / 6P
   5.0Amp. Surface Mount Schottky Barrier Diodes
SK520SB CYSTEKEC-SK520SB Datasheet
209Kb / 7P
   5.0Amp. Surface Mount Schottky Barrier Diodes
SK560SB CYSTEKEC-SK560SB Datasheet
236Kb / 7P
   5.0Amp. Surface Mount Schottky Barrier Diodes
SK520SC CYSTEKEC-SK520SC Datasheet
151Kb / 5P
   5.0Amp. Surface Mount Schottky Barrier Diodes
CSMC520-5100SC CYSTEKEC-CSMC520-5100SC Datasheet
144Kb / 3P
   5.0Amp. Surface Mount Schottky Barrier Diodes
SK5100SB CYSTEKEC-SK5100SB Datasheet
236Kb / 7P
   5.0Amp. Surface Mount Schottky Barrier Diodes
SMB520-5100SB CYSTEKEC-SMB520-5100SB Datasheet
209Kb / 7P
   5.0Amp. Surface Mount Schottky Barrier Diodes
SK5100SC CYSTEKEC-SK5100SC Datasheet
195Kb / 6P
   5.0Amp. Surface Mount Schottky Barrier Diodes
SK5150SC CYSTEKEC-SK5150SC Datasheet
213Kb / 4P
   5.0Amp. Surface Mount Schottky Barrier Diodes
SK580SB CYSTEKEC-SK580SB Datasheet
236Kb / 7P
   5.0Amp. Surface Mount Schottky Barrier Diodes
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com