Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CNY17-3 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CNY17-3
Description  6-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CNY17-3 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CNY17-3 Datasheet HTML 1Page - List of Unclassifed Manufacturers CNY17-3 Datasheet HTML 2Page - List of Unclassifed Manufacturers CNY17-3 Datasheet HTML 3Page - List of Unclassifed Manufacturers CNY17-3 Datasheet HTML 4Page - List of Unclassifed Manufacturers CNY17-3 Datasheet HTML 5Page - List of Unclassifed Manufacturers CNY17-3 Datasheet HTML 6Page - List of Unclassifed Manufacturers CNY17-3 Datasheet HTML 7Page - List of Unclassifed Manufacturers CNY17-3 Datasheet HTML 8Page - List of Unclassifed Manufacturers CNY17-3 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
CNY17 & CNY17F
6-PIN DIP PHOTOTRANSISTOR
OPTOCOUPLER
Product: CNY17 & CNY17F
Date: February 1, 2011
Page 1 of 16
Version# 1.1
Feature:
 High Isolation voltage between input and output
(Viso = 5000V rms)
 Current transfer ratio
 CNY17-1, CNY17F-1: 40~80%
 CNY17-2, CNY17F-2: 63~125%
 CNY17-3, CNY17F-3: 100~200%
 CNY17-4, CNY17F-4: 160~320%
 Creepage distance > 7.6mm
 Operating temperature up to +100°C
 The CNY17F Series offers no external base
connection for minimum noise susceptibility
 Compact dual-in-line package
 Packed in tube or Tape and reel
 Conventional black housing package
Schematic:
Certification & Compliance:
 Pb free and RoHS Compliant
 UL recognized (File # E338132)
 VDE recognized (File # 40030457)


Similar Part No. - CNY17-3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY17-3 VISHAY-CNY17-3 Datasheet
192Kb / 10P
   Optocoupler, Phototransistor Output, With Base Connection
Rev. 1.5, 26-Oct-04
logo
ISOCOM COMPONENTS
CNY17-3 ISOCOM-CNY17-3 Datasheet
128Kb / 3P
   OPTICALLY COUPLED ISOLATOR
logo
Toshiba Semiconductor
CNY17-3 TOSHIBA-CNY17-3 Datasheet
323Kb / 6P
   IRED & PHOTO-TRANSISTOR (AC LINE/DIGITAL LOGIC ISOLATOR)
logo
Lite-On Technology Corp...
CNY17-3 LITEON-CNY17-3 Datasheet
170Kb / 9P
   LITE-ON TECHNOLOGY CORPORATION
logo
QT Optoelectronics
CNY17-3 QT-CNY17-3 Datasheet
546Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLERS
More results

Similar Description - CNY17-3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CNY17-1 ETC2-CNY17-1 Datasheet
522Kb / 16P
   6-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
TIL111 ETC1-TIL111 Datasheet
566Kb / 14P
   6-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
TIL111 ETC2-TIL111 Datasheet
566Kb / 14P
   6-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
Q825 ETC1-Q825 Datasheet
530Kb / 10P
   8-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
Q815 ETC1-Q815 Datasheet
464Kb / 12P
   4-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
logo
Unisonic Technologies
83CXXX UTC-83CXXX_15 Datasheet
163Kb / 5P
   4-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
logo
List of Unclassifed Man...
Q814 ETC1-Q814 Datasheet
502Kb / 13P
   4-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
Q827 ETC1-Q827 Datasheet
470Kb / 13P
   8-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
4N2X ETC2-4N2X Datasheet
654Kb / 17P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLER
4N2X ETC1-4N2X Datasheet
654Kb / 17P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com