Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LED40W-114-C0350-HL-XY-HV Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LED40W-114-C0350-HL-XY-HV
Description  Fixed Output and Dimmable Switch Mode LED Drivers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LED40W-114-C0350-HL-XY-HV Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LED40W-114-C0350-HL-XY-HV Datasheet HTML 1Page - List of Unclassifed Manufacturers LED40W-114-C0350-HL-XY-HV Datasheet HTML 2Page - List of Unclassifed Manufacturers LED40W-114-C0350-HL-XY-HV Datasheet HTML 3Page - List of Unclassifed Manufacturers LED40W-114-C0350-HL-XY-HV Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Specifications subject to change without notice.
Note:
LED drivers are designed and intended to operate LED loads only.
Non-LED loading may be outside the specified design limits of our
LED drivers, and therefore cannot be covered by any warranty.
If you desire to use our LED drivers to operate non-LED loads
please contact us to discuss compatibility.
Thomas Research Products • 1225 Bowes Rd • Elgin, IL 60123 • T 847-515-3057 • F 847-515-3047 • www.trpssl.com
LED-40W-HL-HV Series–
Hazardous Location, High Voltage Input Drivers
Fixed Output and Dimmable Switch Mode LED Drivers
Constant Current & Constant Voltage with Isolation
Black Magic Thermal Advantage™ Plastic Housing
Electrical Specifications
Input Voltage Range:
347-480 Vac Nom. (312-528 V Min/Max)
Frequency:
50/60 Hz Nom. (47-63 Hz Min/Max)
Power Factor:
>0.90 @ >60% load 347V, >80% load 480V
Inrush Current:
<30.0 Amps max @ 480Vac, full load, cold start 25ºC
Input Current:
0.14 Amps typical @ 347Vac, 60 Hz, full load
Maximum Power:
40W
Current Accuracy:
± 3% Over input line variation
Load Regulation:
± 4%
THD:
<_ 20% @ any load, 347V/480V
Leakage Current:
600 µA Typical
Hold Up Time:
Half Cycle
Output Protection:
Over-Voltage, Over-Current, Short Circuit (Auto Recovery)
Environmental Specifications
Maximum Case Temp.
90°C
Minimum Starting Temp: -30ºC
Storage Temperature:
-40ºC to +85ºC
Humidity:
5% to 95%
Cooling:
Convection
Vibration Frequency:
5 to 55 Hz/2g, 30 minutes
Sound Rating:
Class A
MTBF @ 40ºC:
482,000 Hours at full load, per MIL-217F Notice 2
EMC:
FCC 47CFR Part 15 Class B compliant
Weight:
12.9 oz (364 g)
Constant Current - Product Specifications
Model Number
Output Current
(mA ±5%)
Output Voltage
Range (Vdc)
Max Output
Power (W)
Typical
Efficiency
LED40W-130-C0300-HL-XY-HV
300
44-130
39.0
86%
LED40W-114-C0350-HL-XY-HV
350
38-114
39.9
86%
LED40W-100-C0400-HL-XY-HV
400
33-100
40
85%
LED40W-089-C0450-HL-XY-HV
450
30-89
40
85%
LED40W-072-C0550-HL-XY-HV
550
24-72
39.6
84%
LED40W-057-C0700-HL-XY-HV
700
20-57
40
83%
LED40W-048-C0830-HL-XY-HV
830
16-48
39.8
83%
LED40W-045-C0900-HL-XY-HV
900
16-45
40
83%
LED40W-040-C1000-HL-XY-HV
1000
13-40
40
82%
LED40W-036-C1100-HL-XY-HV
1100
12-36
39.6
82%
LED40W-030-C1400-HL-XY-HV
1400
10-30
42
82%
LED40W-024-C1670-HL-XY-HV
1670
8-24
40
82%
LED40W-022-C1820-HL-XY-HV
1820
7-22
40
82%
LED40W-018-C2200-HL-XY-HV
2200
6-18
39.6
81%
LED40W-015-C2680-HL-XY-HV
2680
5-15
40
81%
LED40W-013-C3080-HL-XY-HV
3080
4-13
40
81%
LED40W-012-C3330-HL-XY-HV
3330
4-12
40
81%
LED40W-010-C4000-HL-XY-HV
4000
3-10
40
81%
LED40W-009-C4450-HL-XY-HV
4450
3-9
40
80%
Constant Voltage - Product Specifications
Model Number
Output Voltage
(Vdc ±5%)
Output Current
Range (mA)
Max Output
Power (W)
Typical
Efficiency
LED40W-009-HL-X-HV
9
1113-4450
40
82%
LED40W-010-HL-X-HV
10
1000-4000
40
83%
LED40W-012-HL-X-HV
12
825-3330
40
83%
LED40W-013-HL-X-HV
13
770-3080
40
84%
LED40W-015-HL-X-HV
15
670-2680
40
84%
LED40W-018-HL-X-HV
18
550-2200
39.6
84%
LED40W-022-HL-X-HV
22
455-1820
40
85%
LED40W-024-HL-X-HV
24
418-1670
40
85%
LED40W-030-HL-X-HV
30
350-1400
42
85%
LED40W-036-HL-X-HV
36
275-1100
39.6
85%
LED40W-040-HL-X-HV
40
250-1000
40
85%
LED40W-045-HL-X-HV
45
225-900
40
85%
LED40W-048-HL-X-HV
48
208-830
39.8
85%
LED40W-057-HL-X-HV
57
175-700
40
85%
LED40W-072-HL-X-HV
72
138-550
39.6
85%
LED40W-089-HL-X-HV
89
113-450
40
86%
LED40W-100-HL-X-HV
100
100-400
40
86%
LED40W-114-HL-X-HV
114
75-350
39.9
86%
LED40W-130-HL-X-HV
130
75-300
39.0
87%
Class 2:
US/Canada
Ordering Options:
-D: Dimmable model dims 100-10%. Two extra wires on the output side: +Purple/-Gray. It offers
0-10V & Resistance dimming, compatible with most quality 0-10V dimmers. See page 3.
-P: PWM dimmable version dims 100-10%. Two extra wires on the output side: +Purple/-Gray.
It is PWM Dimmable via a positive duty cycle, 200Hz to 1KHz, 0-10V Pulse. See page 4.
-X indicates lead options. B for bottom leads, S for side leads.
-Y indicates dimming options are available. See options below. Blank = fixed current output
• Total Power: 40 Watts
• Input Voltage: 347-480 Vac Nom.
• UL Dry & Damp Location Rated
• IP66
• High Power Factor
• UL Type HL, with V5A Case and
internal thermal protection
• Rated for Hazardous Locations
Rev 8-26-15
E332160


Similar Part No. - LED40W-114-C0350-HL-XY-HV

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LED40W-114-C0350-HL-XY ETC2-LED40W-114-C0350-HL-XY Datasheet
780Kb / 4P
   Switch Mode LED Drivers
More results

Similar Description - LED40W-114-C0350-HL-XY-HV

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VLED40W-120-C0350-XX ETC2-VLED40W-120-C0350-XX Datasheet
722Kb / 4P
   Dimmable LED Drivers
TSC-075S035ST ETC2-TSC-075S035ST Datasheet
660Kb / 3P
   Dimmable LED Drivers
VLED25W-075-C0350-XX ETC2-VLED25W-075-C0350-XX Datasheet
892Kb / 4P
   Dimmable LED Drivers
VLED50W-149-C0350-XX ETC2-VLED50W-149-C0350-XX Datasheet
818Kb / 4P
   Dimmable LED Drivers
logo
Diodes Incorporated
AL1692 DIODES-AL1692 Datasheet
787Kb / 15P
   DIMMABLE LED CONTROLLER/DRIVERS
AL1692 DIODES-AL1692_17 Datasheet
424Kb / 15P
   DIMMABLE LED CONTROLLER/DRIVERS
logo
List of Unclassifed Man...
LED60W-170-C0350-XX ETC2-LED60W-170-C0350-XX Datasheet
727Kb / 4P
   Switch Mode LED Drivers
LED75W-257-C0300-XX ETC2-LED75W-257-C0300-XX Datasheet
730Kb / 4P
   Switch Mode LED Drivers
LEG-100W ETC2-LEG-100W Datasheet
550Kb / 3P
   Switch Mode LED Drivers
VLED150W-258-C0580-X-HV ETC2-VLED150W-258-C0580-X-HV Datasheet
657Kb / 4P
   Switch Mode LED Drivers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com