Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LED40W-045-C0900-XX-HV Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # LED40W-045-C0900-XX-HV
Description  Switch Mode LED Drivers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LED40W-045-C0900-XX-HV Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  LED40W-045-C0900-XX-HV Datasheet HTML 1Page - List of Unclassifed Manufacturers LED40W-045-C0900-XX-HV Datasheet HTML 2Page - List of Unclassifed Manufacturers LED40W-045-C0900-XX-HV Datasheet HTML 3Page - List of Unclassifed Manufacturers LED40W-045-C0900-XX-HV Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Thomas Research Products • 1225 Bowes Rd • Elgin, IL 60123 • T 847-515-3057 • F 847-515-3047 • www.trpssl.com
Pg 3 of 4
SSL Solutions Faster Than The Speed Of Light®
Notes:
1. D dimmable version comes with an extra two wires on the output side: +Purple/-Gray.
2. Compatible with most 0-10V dimmers. Recommended dimmer is Leviton IP710 or equivalent.
3. D & D3 dimmable versions are not intended to dim below about 5% @ 0V or 10% @ 1.0V.
4. Output will be 100% with Purple/Gray open and minimum with Purple/Gray Shorted.
Parameters
Minimum
Typical
Maximum
Source Current out of 0-10V Purple Wire
0 mA
—-
2 mA
Absolute Voltage Range on 0-10V (+) Purple Wire
-2.0 V
—-
+15 V
0V
1V
2V
3V
4V
5V
6V
7V
8V
9V
10V
Purple-to-Gray Voltage (Vdc)
Output Current / 0-10VDC Dimming Control Voltage
0
10
20
30
40
50
60
70
80
90
100
Dim (+) Purple
IP710
Wall Dimmer
“-D” Typical Dimming Circuit
LED40W-xxx-Cxxxx-HV-D
Dim (-) Gray
“-D3” 3-Wire Dimming Circuit
LED40W-xxx-Cxxxx-HV-D3
20K
Potentiometer
10V Output
(Yellow)
0-10V Input
(Purple)
Return (Gray)
(Dimmer must be current-sink type control)
“-D” and “-D3” Option: 0-10VDC and Resistance Dimming
LED40W-HV Series


Similar Part No. - LED40W-045-C0900-XX-HV

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LED40W-045-C0900-HL-XY-HV ETC2-LED40W-045-C0900-HL-XY-HV Datasheet
767Kb / 4P
   Fixed Output and Dimmable Switch Mode LED Drivers
More results

Similar Description - LED40W-045-C0900-XX-HV

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LED60W-170-C0350-XX ETC2-LED60W-170-C0350-XX Datasheet
727Kb / 4P
   Switch Mode LED Drivers
LED75W-257-C0300-XX ETC2-LED75W-257-C0300-XX Datasheet
730Kb / 4P
   Switch Mode LED Drivers
LEG-100W ETC2-LEG-100W Datasheet
550Kb / 3P
   Switch Mode LED Drivers
VLED150W-258-C0580-X-HV ETC2-VLED150W-258-C0580-X-HV Datasheet
657Kb / 4P
   Switch Mode LED Drivers
TRV-075 ETC2-TRV-075 Datasheet
561Kb / 2P
   Switch Mode LED Drivers
TRC-200S045DT ETC2-TRC-200S045DT Datasheet
610Kb / 3P
   Switch Mode LED Drivers
LED-100W ETC2-LED-100W Datasheet
694Kb / 4P
   Switch Mode LED Drivers
LEG120W-343-C0350 ETC2-LEG120W-343-C0350 Datasheet
634Kb / 3P
   Switch Mode LED Drivers
LED-30W ETC2-LED-30W Datasheet
865Kb / 3P
   Switch Mode LED Drivers
LED-100W ETC2-LED-100W_17 Datasheet
744Kb / 3P
   Switch Mode LED Drivers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com