Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LED60W-027-C2300-XX Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LED60W-027-C2300-XX
Description  Switch Mode LED Drivers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LED60W-027-C2300-XX Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LED60W-027-C2300-XX Datasheet HTML 1Page - List of Unclassifed Manufacturers LED60W-027-C2300-XX Datasheet HTML 2Page - List of Unclassifed Manufacturers LED60W-027-C2300-XX Datasheet HTML 3Page - List of Unclassifed Manufacturers LED60W-027-C2300-XX Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Thomas Research Products • 1225 Bowes Rd • Elgin, IL 60123 • T 847-515-3057 • F 847-515-3047 • www.trpssl.com
Pg 2 of 4
SSL Solutions Faster Than The Speed Of Light®
Dimensions - IN [mm]
OUTPUT
Red (+)
Blue (-)
INPUT
Black (L)
White (N)
Green (GND)
Dimming
Purple (+)
Gray (-)
WIRE SPECS:
Input Leads: 18 AWG, rated 600 V, 105C, min.
Output Leads: 18 AWG, rated 300 V, 105C, min.
Dimming Leads: 22 AWG, rated 300 V, 105C.
All wires are stranded with solder dipped ends.
2.24±0.12 [57.0±3]
2.24±0.12 [57.0±3]
6.81 [173.0]
6.42 [163.0]
7.25 [184.0]
5.91 Min [150 Min]
0.39±0.04 [10±1]
5.91 Min [150 Min]
0.39±0.04 [10±1]
Tc = 90°C max
0.24 [6]
0.90 [22.8]
3.21 [81.5]
UL Conditions of Acceptability
See website for additional information
50%
Load
Power Factor / Load
60%
70%
80%
90%
100%
50%
Load
THD / Load
60%
70%
80%
90%
100%
120Vac
277Vac
120Vac
277Vac
0.00
0.10
0.40
0.30
0.20
0.50
0.80
0.70
0.60
0.90
1.00
0%
20%
15%
10%
30%
25%
35%
40%
45%
50%
45
50
Case Hotspot Temperature (°C)
Lifetime / Case Temperature
(Full Load @ 120Vac)
0
125
225
250
175
200
150
275
300
325
50
25
75
100
350
55
60
65
70
75
80
85
90
LED60W Series
Note:
Life calculations are based on reliability with confidence using
a 90% confidence level and <5% failure rate. At a confidence
level of 90% it is expected that <5% of the parts will fail at
the rated life provided. (Failure is defined as a driver drifting
outside specification, rather than fail to operate)


Similar Part No. - LED60W-027-C2300-XX

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
LED600-03 ROITHNER-LED600-03 Datasheet
505Kb / 3P
   orange light emitting diode
logo
STMicroelectronics
LED6000 STMICROELECTRONICS-LED6000 Datasheet
2Mb / 49P
   3 A, 61 V monolithic current source with dimming capability
May 2015 Rev 2
LED6000PHR STMICROELECTRONICS-LED6000PHR Datasheet
2Mb / 49P
   3 A, 61 V monolithic current source with dimming capability
May 2015 Rev 2
LED6000PHTR STMICROELECTRONICS-LED6000PHTR Datasheet
2Mb / 49P
   3 A, 61 V monolithic current source with dimming capability
May 2015 Rev 2
LED6001 STMICROELECTRONICS-LED6001 Datasheet
559Kb / 26P
   PWM-dimmable single channel LED driver with integrated boost controlle
June 2014 Rev 3
More results

Similar Description - LED60W-027-C2300-XX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LED75W-257-C0300-XX ETC2-LED75W-257-C0300-XX Datasheet
730Kb / 4P
   Switch Mode LED Drivers
LEG-100W ETC2-LEG-100W Datasheet
550Kb / 3P
   Switch Mode LED Drivers
VLED150W-258-C0580-X-HV ETC2-VLED150W-258-C0580-X-HV Datasheet
657Kb / 4P
   Switch Mode LED Drivers
TRV-075 ETC2-TRV-075 Datasheet
561Kb / 2P
   Switch Mode LED Drivers
LED40W-130-C0300-XX-HV ETC2-LED40W-130-C0300-XX-HV Datasheet
762Kb / 4P
   Switch Mode LED Drivers
TRC-200S045DT ETC2-TRC-200S045DT Datasheet
610Kb / 3P
   Switch Mode LED Drivers
LED-100W ETC2-LED-100W Datasheet
694Kb / 4P
   Switch Mode LED Drivers
LEG120W-343-C0350 ETC2-LEG120W-343-C0350 Datasheet
634Kb / 3P
   Switch Mode LED Drivers
LED-30W ETC2-LED-30W Datasheet
865Kb / 3P
   Switch Mode LED Drivers
LED-100W ETC2-LED-100W_17 Datasheet
744Kb / 3P
   Switch Mode LED Drivers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com