Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLF640 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BLF640
Description  Broadband power LDMOS transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF640 Datasheet(HTML) 3 Page - NXP Semiconductors

  BLF640_15 Datasheet HTML 1Page - NXP Semiconductors BLF640_15 Datasheet HTML 2Page - NXP Semiconductors BLF640_15 Datasheet HTML 3Page - NXP Semiconductors BLF640_15 Datasheet HTML 4Page - NXP Semiconductors BLF640_15 Datasheet HTML 5Page - NXP Semiconductors BLF640_15 Datasheet HTML 6Page - NXP Semiconductors BLF640_15 Datasheet HTML 7Page - NXP Semiconductors BLF640_15 Datasheet HTML 8Page - NXP Semiconductors BLF640_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
BLF640
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 2 — 11 April 2013
3 of 12
NXP Semiconductors
BLF640
Broadband power LDMOS transistor
6.
Characteristics
7.
Test information
7.1 Ruggedness in class-AB operation
The BLF640 is capable of withstanding a load mismatch corresponding to VSWR = 10 : 1
through all phases under the following conditions: VDS = 28 V; f = 2140 MHz at PL =10W.
Table 6.
DC characteristics
Tj = 25 C unless otherwise specified
Symbol
Parameter
Conditions
Min Typ Max Unit
V(BR)DSS drain-source breakdown voltage
VGS =0V; ID =0.5 mA
65
-
-
V
VGS(th)
gate-source threshold voltage
VDS =10 V; ID = 18 mA
1.4
1.9
2.4
V
IDSS
drain leakage current
VGS =0V; VDS =28V
-
-
1.5
A
IDSX
drain cut-off current
VGS =VGS(th) +3.75 V;
VDS =10V
-3.1
-
A
IGSS
gate leakage current
VGS =11V; VDS = 0 V
-
-
150
nA
gfs
forward transconductance
VDS =10V; ID =0.9 A
-
0.5
-
S
RDS(on)
drain-source on-state resistance
VGS =VGS(th) +3.75 V;
ID = 0.625 A
-0.4
-
Table 7.
AC characteristics
Tj = 25 C unless otherwise specified
Symbol
Parameter
Conditions
Min Typ Max Unit
Crs
feedback capacitance
VGS =0V; VDS =28V;
f= 1MHz
-0.5
-
pF
Table 8.
RF characteristics
PAR 7.5 dB at 0.01 % probability on CCDF; 3GPP test model 1; 1-64 PDPCH; RF performance at VDS = 28 V; IDq = 100 mA;
Tcase = 25 C; unless otherwise specified; in a class-AB production test circuit.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Test signal: 2-carrier W-CDMA
f1 =2112.5MHz; f2 =2117.5MHz; f3 = 2162.5 MHz; f4 = 2167.5 MHz
Gp
power gain
PL(AV) = 0.7 W
-
18.5
-
dB
D
drain efficiency
PL(AV) = 0.7 W
-
15
-
%
ACPR
adjacent channel power ratio
PL(AV) = 0.7 W
-
50
-
dBc
Test signal: 1-carrier W-CDMA
f1 =2112.5MHz; f2 = 2167.5 MHz
Gp
power gain
PL(AV) = 2 W
17.3
19.3
-
dB
D
drain efficiency
PL(AV) = 2 W
29
31
-
%
ACPR
adjacent channel power ratio
PL(AV) = 2 W
-
39
36
dBc


Similar Part No. - BLF640_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF642 PHILIPS-BLF642 Datasheet
565Kb / 12P
   Broadband power LDMOS transistor
Rev. 2-22 July 2011
BLF642 NXP-BLF642 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
logo
Ampleon Netherlands B.V...
BLF642 AMPLEON-BLF642 Datasheet
1Mb / 12P
   Broadband power LDMOS transistor
Rev. 3 ??1 September 2015
logo
NXP Semiconductors
BLF642 PHILIPS-BLF642_15 Datasheet
565Kb / 12P
   Broadband power LDMOS transistor
Rev. 2-22 July 2011
logo
Ampleon Netherlands B.V...
BLF644P AMPLEON-BLF644P Datasheet
951Kb / 12P
   Broadband power LDMOS transistor
Rev. 3 ??1 September 2015
More results

Similar Description - BLF640_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF642 PHILIPS-BLF642_15 Datasheet
565Kb / 12P
   Broadband power LDMOS transistor
Rev. 2-22 July 2011
logo
Ampleon Netherlands B.V...
BLF642 AMPLEON-BLF642 Datasheet
1Mb / 12P
   Broadband power LDMOS transistor
Rev. 3 ??1 September 2015
logo
NXP Semiconductors
BLF645 NXP-BLF645 Datasheet
173Kb / 13P
   Broadband power LDMOS transistor
Rev. 01-27 January 2010
logo
Ampleon Netherlands B.V...
BLF645 AMPLEON-BLF645 Datasheet
1,022Kb / 14P
   Broadband power LDMOS transistor
Rev. 2 ??1 September 2015
logo
NXP Semiconductors
BLF647P PHILIPS-BLF647P_15 Datasheet
174Kb / 14P
   Broadband power LDMOS transistor
Rev. 2-12 April 2013
BLF642 PHILIPS-BLF642 Datasheet
565Kb / 12P
   Broadband power LDMOS transistor
Rev. 2-22 July 2011
logo
Ampleon Netherlands B.V...
BLF644P AMPLEON-BLF644P Datasheet
951Kb / 12P
   Broadband power LDMOS transistor
Rev. 3 ??1 September 2015
BLF647P AMPLEON-BLF647P Datasheet
1Mb / 14P
   Broadband power LDMOS transistor
Rev. 3 ??1 September 2015
BLF647PS AMPLEON-BLF647PS Datasheet
1,023Kb / 14P
   Broadband power LDMOS transistor
Rev. 3 ??1 September 2015
logo
NXP Semiconductors
BLF644P PHILIPS-BLF644P_15 Datasheet
166Kb / 12P
   Broadband power LDMOS transistor
Rev. 2-27 June 2014
BLF645 PHILIPS-BLF645_15 Datasheet
173Kb / 13P
   Broadband power LDMOS transistor
Rev. 01-27 January 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com