Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7A1633-Q1 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS7A1633-Q1
Description  TPS7A16xx-Q1 60-V, 5-?a IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS7A1633-Q1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS7A1633-Q1 Datasheet HTML 5Page - Texas Instruments TPS7A1633-Q1 Datasheet HTML 6Page - Texas Instruments TPS7A1633-Q1 Datasheet HTML 7Page - Texas Instruments TPS7A1633-Q1 Datasheet HTML 8Page - Texas Instruments TPS7A1633-Q1 Datasheet HTML 9Page - Texas Instruments TPS7A1633-Q1 Datasheet HTML 10Page - Texas Instruments TPS7A1633-Q1 Datasheet HTML 11Page - Texas Instruments TPS7A1633-Q1 Datasheet HTML 12Page - Texas Instruments TPS7A1633-Q1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
UVLO
Thermal
Shutdown
Current
Limit
Enable
Error
Amp
IN
EN
OUT
FB
Pass
Device
Power
Good
Control
DELAY
PG
TPS7A1601-Q1, TPS7A1633-Q1, TPS7A1650-Q1
www.ti.com
SBVS188C – MARCH 2012 – REVISED DECEMBER 2014
7 Detailed Description
7.1 Overview
The TPS7A16xx-Q1 family of devices is ultra low power, low-dropout (LDO) voltage regulators that offers the
benefits of ultra-low quiescent current, high input voltage, and miniaturized, high thermal-performance packaging.
TPS7A16xx-Q1 family also offers an enable pin (EN) and integrated open-drain active-high power-good output
(PG) with a user-programmable delay.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Enable (EN)
The enable terminal is a high-voltage-tolerant terminal. A high input on EN actives the device and turns on the
regulator. For self-bias applications, connect this input to the VIN terminal.
7.3.2 Regulated Output (VOUT)
The VOUT terminal is the regulated output based on the required voltage. The output has current limitation. During
initial power up, the regulator has a soft start incorporated to control the initial current through the pass element.
In the event that the regulator drops out of regulation, the output tracks the input minus a drop based on the load
current. When the input voltage drops below the UVLO threshold, the regulator shuts down until the input voltage
recovers above the minimum start-up level.
7.3.3 PG Delay Timer (DELAY)
The power-good delay time (tDELAY) is defined as the time period from when VOUT exceeds the PG trip threshold
voltage (VIT) to when the PG output is high. This power-good delay time is set by an external capacitor (CDELAY)
connected from the DELAY pin to GND; this capacitor is charged from 0 V to ~1.8 V by the DELAY pin current
(IDELAY) once VOUT exceeds the PG trip threshold (VIT).
Copyright © 2012–2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS7A1601-Q1 TPS7A1633-Q1 TPS7A1650-Q1


Similar Part No. - TPS7A1633-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A1633-Q1 TI-TPS7A1633-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   TPS7A16xx-Q1 60-V, 5-?a IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
TPS7A1633-Q1 TI1-TPS7A1633-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   60-V, 5-uA IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
More results

Similar Description - TPS7A1633-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A1650-Q1 TI-TPS7A1650-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   TPS7A16xx-Q1 60-V, 5-?a IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
TPS7A1601-Q1 TI-TPS7A1601-Q1_15 Datasheet
1Mb / 29P
[Old version datasheet]   TPS7A16xx-Q1 60-V, 5-?a IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
TPS7A1601-Q1 TI1-TPS7A1601-Q1 Datasheet
945Kb / 26P
[Old version datasheet]   60-V, 5-關A IQ, 100-mA, Low-Dropout VOLTAGE REGULATOR With Enable and Power-Good
TPS7A1601 TI1-TPS7A1601 Datasheet
765Kb / 22P
[Old version datasheet]   60-V, 5-關A IQ, 100-mA, Low-Dropout VOLTAGE REGULATOR with Enable and Power-Good
TPS7A1601-Q1 TI1-TPS7A1601-Q1_17 Datasheet
1Mb / 29P
[Old version datasheet]   60-V, 5-uA IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
TPS7A16A-Q1 TI1-TPS7A16A-Q1 Datasheet
540Kb / 24P
[Old version datasheet]   60-V, 5-uA IQ, 100-mA, low-dropout voltage regulator with enable and power-good
TPS7A16 TI-TPS7A16_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPS7A16 60-V, 5-關A IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
TPS7A16A TI-TPS7A16A Datasheet
1Mb / 25P
[Old version datasheet]   TPS7A16A 60-V, 5-μA IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
MAY 2022
TPS7A16 TI1-TPS7A16 Datasheet
765Kb / 22P
[Old version datasheet]   60-V, 5-關A IQ, 100-mA, Low-Dropout VOLTAGE REGULATOR
logo
ON Semiconductor
NCV4266-2C ONSEMI-NCV4266-2C Datasheet
86Kb / 11P
   150 mA Low Iq, Low-Dropout Voltage Regulator with Enable
March, 2015 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com