Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX478 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX478
Description  17關A Max, Dual/Quad, Single-Supply, Precision Op Amps
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX478 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX478 Datasheet HTML 1Page - Maxim Integrated Products MAX478 Datasheet HTML 2Page - Maxim Integrated Products MAX478 Datasheet HTML 3Page - Maxim Integrated Products MAX478 Datasheet HTML 4Page - Maxim Integrated Products MAX478 Datasheet HTML 5Page - Maxim Integrated Products MAX478 Datasheet HTML 6Page - Maxim Integrated Products MAX478 Datasheet HTML 7Page - Maxim Integrated Products MAX478 Datasheet HTML 8Page - Maxim Integrated Products MAX478 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
17µA Max, Dual/Quad, Single-Supply,
Precision Op Amps
_______________________________________________________________________________________
3
PARAMETER
SYMBOL
CONDITIONS
MAX478AC
MAX479AC
MIN
TYP
MAX
MAX478C/E
MAX479C/E
MIN
TYP
MAX
UNITS
Output Voltage Swing
VOUT
Output low, no load
6.5
9.0
6.5
9.0
mV
Output low, 2k
Ω to GND
0.2
0.6
0.2
0.6
Output low, ISINK = 100µA
120
160
120
160
4.2
4.4
V
Output high, 2k
Ω to GND
3.5
3.8
3.5
3.8
Slew Rate
SR
AV = +1, CL = 1pF (Note 1)
0.013 0.025
0.013 0.025
V/µs
Gain-Bandwidth Product
GBW
fO ≤ 5kHz
60
60
kHz
Channel Separation
∆V
IN = 3V, RL = 10kΩ
130
130
dB
Minimum Supply Voltage
VS
(Note 2)
2.0
2.2
2.0
2.2
V
IS
13
18
14
21
µA
Supply Current per
Amplifier
VS = ±1.5V, VO = 0V
12
17
13
20
Output high, no load
ELECTRICAL CHARACTERISTICS: 5V (continued)
(VS = 5V, 0V, VCM = 0.1V, VO = 1.4V, TA = +25°C, unless otherwise noted.)
4.2
4.4
ELECTRICAL CHARACTERISTICS: 5V
(VS = 5V, 0V, VCM = 0.1V, VO = 1.4V, TA = 0°C to +70°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MAX478AC
MAX479AC
MIN
TYP
MAX
MAX478C
MAX479C
MIN
TYP
MAX
UNITS
MAX479CS
130
400
Input Offset Voltage
VOS
MAX478ACP/CP
50
170
65
250
µV
MAX479ACP/CP
60
200
70
290
MAX478CS
120
300
Input Offset Voltage Drift
∆V
OS
∆T
MAX47_ACP/CP (Note 1)
0.5
2.2
0.6
3.0
µV/°C
MAX47_CS (Note 1)
0.8
4.5
Input Offset Current
IOS
0.06
0.35
0.06
0.50
nA
Input Bias Current
IB
36
37
nA
CMRR
VCM = 0V to 3.4V
90
101
86
100
dB
Power-Supply
Rejection Ratio
PSRR
VS = 2.5V to 12V
90
102
88
102
dB
Large-Signal
Voltage Gain
AVOL
105
500
80
500
V/mV
55
160
45
160
Output Voltage Swing
VOUT
Output low, no load
8
11
8
11
mV
Output low, ISINK = 100µA
140
190
140
190
Output high, no load
4.1
4.3
4.1
4.3
V
Output high, 2k
Ω to GND
3.3
3.8
3.3
3.8
Supply Current per Amplifier
IS
14
21
15
24
µA
Common-Mode
Rejection Ratio
VO = 0.05V to 4V, no load (Note 1)
VO = 0.05V to 3.5V, RL = 50kΩ


Similar Part No. - MAX478

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4780 MAXIM-MAX4780 Datasheet
349Kb / 13P
   0.7 M Low-Voltage, Quad 2:1 Analog Multiplexers
Rev 3; 12/04
MAX4780 MAXIM-MAX4780 Datasheet
155Kb / 11P
   0.7Ω, Low-Voltage, Quad 2:1 Analog Multiplexers
Rev 4; 3/09
MAX4780ETE MAXIM-MAX4780ETE Datasheet
349Kb / 13P
   0.7 M Low-Voltage, Quad 2:1 Analog Multiplexers
Rev 3; 12/04
MAX4780ETE MAXIM-MAX4780ETE Datasheet
155Kb / 11P
   0.7Ω, Low-Voltage, Quad 2:1 Analog Multiplexers
Rev 4; 3/09
MAX4780EUE MAXIM-MAX4780EUE Datasheet
349Kb / 13P
   0.7 M Low-Voltage, Quad 2:1 Analog Multiplexers
Rev 3; 12/04
More results

Similar Description - MAX478

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX406 MAXIM-MAX406 Datasheet
581Kb / 16P
   1.2關A Max, Single/Dual/Quad, Single-Supply Op Amps
19-4739; Rev 2; 7/93
MXL1178 MAXIM-MXL1178 Datasheet
265Kb / 8P
   17uA Max, Dual/Quad, Single-Supply, Precision Op Amps
19-0104; Rev 1; 8/94
logo
Linear Technology
LT2179 LINER-LT2179_15 Datasheet
216Kb / 12P
   17A Max, Dual and Quad, Single Supply, Precision Op Amps
logo
Linear Integrated Syste...
LT1178 LINEAR-LT1178_1 Datasheet
240Kb / 12P
   17uA Max, Dual and Quad, Single Supply, Precision Op Amps
logo
Linear Technology
LT2178 LINER-LT2178 Datasheet
305Kb / 12P
   17uA Max, Dual and Quad, Single Supply, Precision Op Amps
LT2178 LINER-LT2178_15 Datasheet
216Kb / 12P
   17A Max, Dual and Quad, Single Supply, Precision Op Amps
LT1178 LINER-LT1178 Datasheet
587Kb / 8P
   17uA Max, Dual and Quad, Single Supply, Precision Op Amps
LT1178 LINER-LT1178_15 Datasheet
246Kb / 12P
   17A Max, Dual and Quad, Single Supply, Precision Op Amps
LT1179 LINER-LT1179_15 Datasheet
246Kb / 12P
   17A Max, Dual and Quad, Single Supply, Precision Op Amps
logo
Maxim Integrated Produc...
MAX406 MAXIM-MAX406_08 Datasheet
6Mb / 17P
   1.2μA Max, Single/Dual/Quad, Single-Supply Op Amps
Rev 3; 10/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com