Electronic Components Datasheet Search |
|
TPS7B7702-Q1 Datasheet(PDF) 6 Page - Texas Instruments |
|
|
TPS7B7702-Q1 Datasheet(HTML) 6 Page - Texas Instruments |
6 / 23 page TPS7B7701-Q1, TPS7B7702-Q1 SLVSCE8A – JANUARY 2015 – REVISED MAY 2015 www.ti.com 6.4 Thermal Information TPS7B7701-Q1 TPS7B7702-Q1 THERMAL METRIC(1) PWP (HTSSOP) PWP (HTSSOP) UNIT 16 PINS 16 PINS RθJA Junction-to-ambient thermal resistance(2) 45.9 40.3 °C/W RθJC(top) Junction-to-case (top) thermal resistance 29.2 27.7 °C/W RθJB Junction-to-board thermal resistance 24.7 22.3 °C/W ψJT Junction-to-top characterization parameter 1.3 0.8 °C/W ψJB Junction-to-board characterization parameter 24.5 22 °C/W RθJC(bot) Junction-to-case (bottom) thermal resistance 3.7 2.7 °C/W (1) For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application report, SPRA953. (2) The thermal data is based on JEDEC standard high K profile – JESD 51-7. The copper pad is soldered to the thermal land pattern. Also correct attachment procedure must be incorporated 6.5 Electrical Characteristics VI = 14 V, TJ = –40ºC to +150ºC, unless otherwise stated PARAMETER TEST CONDITIONS MIN TYP MAX UNIT SUPPLY VOLTAGE AND CURRENT (IN) VI Input voltage 4.5 40 V TPS7B7701-Q1: VI = 4.5 to 40 V, V(EN) ≥ 2 V, 0.6 1 I(OUT) = 0.1 mA IQ Quiescent current mA TPS7B7702-Q1: VI = 4.5 to 40 V, V(EN1) and 0.6 1 V(EN2) ≥ 2 V, I(OUT1) and I(OUT2) = 0.1 mA TPS7B7701-Q1: EN = GND 5 I(shutdown) Shutdown current µA TPS7B7702-Q1: EN1 = EN2 = GND 5 TPS7B7701-Q1: V(EN) ≥ 2 V, I(OUT) ≤ 300 mA, 4.5 GND current Inom Operating current mA TPS7B7702-Q1: V(EN1) and V(EN2) ≥ 2 V, I(OUT1) 6 and I(OUT2) ≤ 300 mA, GND current V(BG) Bandgap Reference voltage for FB –2% 1.233 2% V V(UVLO) Undervoltage lockout falling Ramp IN down until the output turns off 4 V Vhys Hysteresis 0.4 V INPUT CONTROL PINS (EN, EN1, EN2, SENSE_EN, AND SENSE_SEL) For EN, EN1, EN2, SENSE_EN, and VIL Logic input low level 0 0.7 V SENSE_SEL For EN, EN1, EN2, SENSE_EN, and VIH Logic input high level 2 V SENSE_SEL II(SENSE_EN) SENSE_EN input current V(SENSE_EN) = 5 V, V(ENx) ≥ 2 V 10 µA II(SENSE_SEL) SENSE_SEL input current V(SENSE_EN) = 5 V, V(ENx) ≥ 2 V 10 µA II(EN) Enable input current V(ENx) ≤ 40 V 10 µA REGULATED OUTPUT (OUT, OUT1, AND OUT2) 40 V ≥ VI ≥ VO + 1.5 V and VI ≥ 4.5 V, IO = 1 to VO Regulated output –2% 2% 300 mA(1) VI = VO + 1.5 V to 40 V and VI ≥ 6 V, IO = 10 ΔVO(ΔVI) Line regulation 10 mV mA, voltage variation on FB pin IO = 1 mA to 200 mA, voltage variation on FB ΔVO(ΔIO) Load regulation 20 mV pin V(DROPOUT) Dropout voltage Measured between IN and OUTx, IO = 100 mA 500 mV IO Output current VO in regulation 0 300 mA PSRR Power supply ripple rejection(2) IO = 100 mA, CO = 2.2 µF, ƒ = 100 Hz 73 dB CURRENT SENSE AND CURRENT-LIMIT IO/ISENSE OUTx to SENSEx current ratio (IO / ISENSEx) VI = 4.5 V to 40 V, 5 mA ≤ IO ≤ 300 mA 198 (1) External feedback resistor is not considered. (2) Design information — not tested, ensured by characterization. 6 Submit Documentation Feedback Copyright © 2015, Texas Instruments Incorporated Product Folder Links: TPS7B7701-Q1 TPS7B7702-Q1 |
Similar Part No. - TPS7B7702-Q1 |
|
Similar Description - TPS7B7702-Q1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |