Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLF884P Datasheet(PDF) 9 Page - NXP Semiconductors

Part # BLF884P
Description  UHF power LDMOS transistor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF884P Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button BLF884P_15 Datasheet HTML 5Page - NXP Semiconductors BLF884P_15 Datasheet HTML 6Page - NXP Semiconductors BLF884P_15 Datasheet HTML 7Page - NXP Semiconductors BLF884P_15 Datasheet HTML 8Page - NXP Semiconductors BLF884P_15 Datasheet HTML 9Page - NXP Semiconductors BLF884P_15 Datasheet HTML 10Page - NXP Semiconductors BLF884P_15 Datasheet HTML 11Page - NXP Semiconductors BLF884P_15 Datasheet HTML 12Page - NXP Semiconductors BLF884P_15 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
BLF884P_BLF884PS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 16 December 2011
9 of 15
NXP Semiconductors
BLF884P; BLF884PS
UHF power LDMOS transistor
See Table 9 for a list of components.
Fig 6.
Component layout for class-AB common source amplifier
-
+
-
+
6.3 mm
4 mm
+VG2
+VD2
+VD1
+VG1
aaa-001709
R8
R7
R6
C37
C35
C34
C31 C30
C36
C17
C19
C20
C11
C12
C4
C24
C23
C1
C2 C3
C21
C21
C22
C18
R2
C15
C13
C14
C16
R1
C33
50 Ω
C10
50 Ω
R4
R3
R5
48 mm
30.5 mm
26 mm
45.7 mm


Similar Part No. - BLF884P_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF884P(S) NXP-BLF884P(S) Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BLF884PS PHILIPS-BLF884PS Datasheet
427Kb / 15P
   UHF power LDMOS transistor
Rev. 2-16 December 2011
BLF884PS NXP-BLF884PS Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
logo
Ampleon Netherlands B.V...
BLF884PS AMPLEON-BLF884PS Datasheet
1Mb / 15P
   UHF power LDMOS transistor
Rev. 3 ??1 September 2015
More results

Similar Description - BLF884P_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
BLC6G20-140 AD-BLC6G20-140 Datasheet
51Kb / 9P
   UHF power LDMOS transistor
logo
NXP Semiconductors
BLF881_1012 PHILIPS-BLF881_1012 Datasheet
202Kb / 18P
   UHF power LDMOS transistor
Rev. 3-7 December 2010
BLF3G21-6 NXP-BLF3G21-6 Datasheet
103Kb / 12P
   UHF power LDMOS transistor
Rev. 01-25 June 2008
BLF4G20LS-130 NXP-BLF4G20LS-130 Datasheet
85Kb / 11P
   UHF power LDMOS transistor
Rev. 01-1 June 2007
BLF4G22-130 NXP-BLF4G22-130 Datasheet
91Kb / 13P
   UHF power LDMOS transistor
Rev. 01-3 July 2007
BLF878 NXP-BLF878 Datasheet
147Kb / 18P
   UHF power LDMOS transistor
Rev. 01-15 December 2008
BLF647 PHILIPS-BLF647 Datasheet
127Kb / 16P
   UHF power LDMOS transistor
2001 Nov 27
BLF2047 PHILIPS-BLF2047 Datasheet
101Kb / 12P
   UHF power LDMOS transistor
1999 Dec 02
BLF2047L PHILIPS-BLF2047L Datasheet
103Kb / 12P
   UHF power LDMOS transistor
1999 Dec 06
BLF6G20-180P PHILIPS-BLF6G20-180P Datasheet
49Kb / 8P
   UHF power LDMOS transistor
Rev. 01-19 April 2006
BLF6G20-45 PHILIPS-BLF6G20-45 Datasheet
46Kb / 8P
   UHF power LDMOS transistor
Rev. 01-20 February 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com