Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLF888B Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BLF888B
Description  UHF power LDMOS transistor
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF888B Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BLF888B_15 Datasheet HTML 2Page - NXP Semiconductors BLF888B_15 Datasheet HTML 3Page - NXP Semiconductors BLF888B_15 Datasheet HTML 4Page - NXP Semiconductors BLF888B_15 Datasheet HTML 5Page - NXP Semiconductors BLF888B_15 Datasheet HTML 6Page - NXP Semiconductors BLF888B_15 Datasheet HTML 7Page - NXP Semiconductors BLF888B_15 Datasheet HTML 8Page - NXP Semiconductors BLF888B_15 Datasheet HTML 9Page - NXP Semiconductors BLF888B_15 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
BLF888B_BLF888BS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 2 — 12 July 2013
6 of 17
NXP Semiconductors
BLF888B; BLF888BS
UHF power LDMOS transistor
7.1.2 DVB-T
7.2 Broadband RF figures
7.2.1 DVB-T
VDS = 50 V; IDq = 1.3 A; measured in a common source
narrowband 860 MHz test circuit.
VDS = 50 V; IDq = 1.3 A; measured in a common source
narrowband 860 MHz test circuit.
Fig 4.
DVB-T power gain and intermodulation
distortion shoulder as function of load power;
typical values
Fig 5.
DVB-T peak-to-average ratio and drain
efficiency as function of load power;
typical values
PL(AV) (W)
0
100
400
200
300
001aao020
16
20
24
Gp
(dB)
12
18
22
14
IMDshldr
(dBc)
-40
-20
0
-60
-30
-10
-50
Gp
IMDshldr
PL(AV) (W)
0
100
400
200
300
001aao021
4
8
12
PAR
(dB)
0
6
10
2
ηD
(%)
20
40
60
0
30
50
10
PAR
ηD
PL(AV =120 W; VDS = 50 V; IDq = 1.3 A; measured in a
common source broadband test circuit as described in
Section 8.
PL(AV =120 W; VDS = 50 V; IDq = 1.3 A; measured in a
common source broadband test circuit as described in
Section 8.
Fig 6.
DVB-T power gain and intermodulation
distortion shoulder as function of frequency;
typical values
Fig 7.
DVB-T peak-to-average ratio and drain
efficiency as function of frequency;
typical values
f (MHz)
400
900
800
600
700
500
001aao022
16
12
20
24
Gp
(dB)
IMDshldr
(dBc)
8
-30
-40
-20
-10
-50
Gp
IMDshldr
f (MHz)
400
900
800
600
700
500
001aao023
7.5
6.5
8.5
9.5
PAR
(dB)
ηD
(%)
5.5
30
20
40
50
10
ηD
PAR


Similar Part No. - BLF888B_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF888B(S) NXP-BLF888B(S) Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BLF888BS NXP-BLF888BS Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
logo
Ampleon Netherlands B.V...
BLF888BS AMPLEON-BLF888BS Datasheet
1Mb / 17P
   UHF power LDMOS transistor
Rev. 3 ??1 September 2015
More results

Similar Description - BLF888B_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
BLC6G20-140 AD-BLC6G20-140 Datasheet
51Kb / 9P
   UHF power LDMOS transistor
logo
NXP Semiconductors
BLF881_1012 PHILIPS-BLF881_1012 Datasheet
202Kb / 18P
   UHF power LDMOS transistor
Rev. 3-7 December 2010
BLF3G21-6 NXP-BLF3G21-6 Datasheet
103Kb / 12P
   UHF power LDMOS transistor
Rev. 01-25 June 2008
BLF4G20LS-130 NXP-BLF4G20LS-130 Datasheet
85Kb / 11P
   UHF power LDMOS transistor
Rev. 01-1 June 2007
BLF4G22-130 NXP-BLF4G22-130 Datasheet
91Kb / 13P
   UHF power LDMOS transistor
Rev. 01-3 July 2007
BLF878 NXP-BLF878 Datasheet
147Kb / 18P
   UHF power LDMOS transistor
Rev. 01-15 December 2008
BLF647 PHILIPS-BLF647 Datasheet
127Kb / 16P
   UHF power LDMOS transistor
2001 Nov 27
BLF2047 PHILIPS-BLF2047 Datasheet
101Kb / 12P
   UHF power LDMOS transistor
1999 Dec 02
BLF2047L PHILIPS-BLF2047L Datasheet
103Kb / 12P
   UHF power LDMOS transistor
1999 Dec 06
BLF6G20-180P PHILIPS-BLF6G20-180P Datasheet
49Kb / 8P
   UHF power LDMOS transistor
Rev. 01-19 April 2006
BLF6G20-45 PHILIPS-BLF6G20-45 Datasheet
46Kb / 8P
   UHF power LDMOS transistor
Rev. 01-20 February 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com