Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLF888D Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BLF888D
Description  UHF power LDMOS transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF888D Datasheet(HTML) 4 Page - NXP Semiconductors

  BLF888D_15 Datasheet HTML 1Page - NXP Semiconductors BLF888D_15 Datasheet HTML 2Page - NXP Semiconductors BLF888D_15 Datasheet HTML 3Page - NXP Semiconductors BLF888D_15 Datasheet HTML 4Page - NXP Semiconductors BLF888D_15 Datasheet HTML 5Page - NXP Semiconductors BLF888D_15 Datasheet HTML 6Page - NXP Semiconductors BLF888D_15 Datasheet HTML 7Page - NXP Semiconductors BLF888D_15 Datasheet HTML 8Page - NXP Semiconductors BLF888D_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
BLF888D_BLF888DS
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 2 — 27 June 2014
4 of 12
NXP Semiconductors
BLF888D; BLF888DS
UHF power LDMOS transistor
7.
Test information
7.1 Ruggedness in Doherty operation
The BLF888D and BLF888DS are capable of withstanding a load mismatch
corresponding to VSWR
 40 : 1 through all phases under the following conditions:
VDS = 50 V; f = 810 MHz at rated load power.
7.2 Test circuit
Printed-Circuit Board (PCB): RF-35;
r = 3.5 F/m; thickness = 0.765 mm;
thickness copper plating = 35
m, gold plated.
See Table 9 for a list of components.
Fig 1.
Component layout for production RF test circuit
Table 9.
List of components
For test circuit see Figure 1.
Component
Description
Value
Remarks
C1
multilayer ceramic chip capacitor 12 pF
[1]
C2, C3, C4, C5, C6 multilayer ceramic chip capacitor 8.2 pF
[1]
C7
multilayer ceramic chip capacitor 6.8 pF
[2]
C8
multilayer ceramic chip capacitor 4.7 pF
[2]
C9, C12, C13
multilayer ceramic chip capacitor 100 pF
[1]
C10, C11
multilayer ceramic chip capacitor 10 pF
[1]
C14, C15
multilayer ceramic chip capacitor 4.7
F, 50 V
C16, C17
multilayer ceramic chip capacitor 3.6 pF
[2]
C18, C19
multilayer ceramic chip capacitor 4.7
F, 50 V
C20, C21
electrolytic capacitor
470
F, 63 V


Similar Part No. - BLF888D_15

ManufacturerPart #DatasheetDescription
logo
Ampleon Netherlands B.V...
BLF888DS AMPLEON-BLF888DS Datasheet
1Mb / 12P
   UHF power LDMOS transistor
Rev. 4 ??18 February 2016
More results

Similar Description - BLF888D_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
BLC6G20-140 AD-BLC6G20-140 Datasheet
51Kb / 9P
   UHF power LDMOS transistor
logo
NXP Semiconductors
BLF881_1012 PHILIPS-BLF881_1012 Datasheet
202Kb / 18P
   UHF power LDMOS transistor
Rev. 3-7 December 2010
BLF3G21-6 NXP-BLF3G21-6 Datasheet
103Kb / 12P
   UHF power LDMOS transistor
Rev. 01-25 June 2008
BLF4G20LS-130 NXP-BLF4G20LS-130 Datasheet
85Kb / 11P
   UHF power LDMOS transistor
Rev. 01-1 June 2007
BLF4G22-130 NXP-BLF4G22-130 Datasheet
91Kb / 13P
   UHF power LDMOS transistor
Rev. 01-3 July 2007
BLF878 NXP-BLF878 Datasheet
147Kb / 18P
   UHF power LDMOS transistor
Rev. 01-15 December 2008
BLF647 PHILIPS-BLF647 Datasheet
127Kb / 16P
   UHF power LDMOS transistor
2001 Nov 27
BLF2047 PHILIPS-BLF2047 Datasheet
101Kb / 12P
   UHF power LDMOS transistor
1999 Dec 02
BLF2047L PHILIPS-BLF2047L Datasheet
103Kb / 12P
   UHF power LDMOS transistor
1999 Dec 06
BLF6G20-180P PHILIPS-BLF6G20-180P Datasheet
49Kb / 8P
   UHF power LDMOS transistor
Rev. 01-19 April 2006
BLF6G20-45 PHILIPS-BLF6G20-45 Datasheet
46Kb / 8P
   UHF power LDMOS transistor
Rev. 01-20 February 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com