Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLL6H1214L Datasheet(PDF) 9 Page - NXP Semiconductors

Part # BLL6H1214L
Description  LDMOS L-band radar power transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLL6H1214L Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button BLL6H1214L_15 Datasheet HTML 5Page - NXP Semiconductors BLL6H1214L_15 Datasheet HTML 6Page - NXP Semiconductors BLL6H1214L_15 Datasheet HTML 7Page - NXP Semiconductors BLL6H1214L_15 Datasheet HTML 8Page - NXP Semiconductors BLL6H1214L_15 Datasheet HTML 9Page - NXP Semiconductors BLL6H1214L_15 Datasheet HTML 10Page - NXP Semiconductors BLL6H1214L_15 Datasheet HTML 11Page - NXP Semiconductors BLL6H1214L_15 Datasheet HTML 12Page - NXP Semiconductors BLL6H1214L_15 Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
BLL6H1214L-250_1214LS-250
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 3 — 14 July 2010
9 of 13
NXP Semiconductors
BLL6H1214L(S)-250
LDMOS L-band radar power transistor
Fig 9.
Package outline SOT502B
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOT502B
03-01-10
07-05-09
0
5
10 mm
scale
Earless flanged LDMOST ceramic package; 2 leads
SOT502B
A
F
b
D
U2
L
H
Q
c
1
3
2
D1
E
D
U1
D
E1
M
M
w2
UNIT
A
mm
D
b
12.83
12.57
0.15
0.08
20.02
19.61
9.53
9.25
19.94
18.92
9.91
9.65
4.72
3.43
c
U2
0.25
w2
F
1.14
0.89
U1
20.70
20.45
L
5.33
4.32
Q
1.70
1.45
EE1
9.50
9.30
inches
0.505
0.495
0.006
0.003
0.788
0.772
D1
19.96
19.66
0.786
0.774
0.375
0.364
0.785
0.745
0.390
0.380
0.186
0.135
0.010
0.045
0.035
0.815
0.805
0.210
0.170
0.067
0.057
0.374
0.366
H
DIMENSIONS (millimetre dimensions are derived from the original inch dimensions)


Similar Part No. - BLL6H1214L_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLL6H1214L(S)-250 NXP-BLL6H1214L(S)-250 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BLL6H1214L-250 NXP-BLL6H1214L-250 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BLL6H1214LS-250 NXP-BLL6H1214LS-250 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BLL6H1214LS-500 NXP-BLL6H1214LS-500 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
logo
Ampleon Netherlands B.V...
BLL6H1214LS-500 AMPLEON-BLL6H1214LS-500 Datasheet
1Mb / 21P
   LDMOS L-band radar power transistor
Rev. 4 ??1 September 2015
More results

Similar Description - BLL6H1214L_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLL8H1214L-250 PHILIPS-BLL8H1214L-250_15 Datasheet
160Kb / 13P
   LDMOS L-band radar power transistor
Rev. 2-13 January 2015
logo
Ampleon Netherlands B.V...
BLL8H1214L-250 AMPLEON-BLL8H1214L-250 Datasheet
941Kb / 13P
   LDMOS L-band radar power transistor
Rev. 3 ??1 September 2015
logo
NXP Semiconductors
BLL1214-250R NXP-BLL1214-250R Datasheet
142Kb / 12P
   LDMOS L-band radar power transistor
Rev. 01-4 February 2010
logo
Ampleon Netherlands B.V...
BLL6H1214-500 AMPLEON-BLL6H1214-500 Datasheet
1Mb / 21P
   LDMOS L-band radar power transistor
Rev. 4 ??1 September 2015
logo
NXP Semiconductors
BLL6H1214 PHILIPS-BLL6H1214_15 Datasheet
367Kb / 21P
   LDMOS L-band radar power transistor
Rev. 3-5 August 2013
BLL6H1214-500 NXP-BLL6H1214-500 Datasheet
201Kb / 20P
   LDMOS L-band radar power transistor
Rev. 02-1 April 2010
logo
Ampleon Netherlands B.V...
BLL6G1214L-250 AMPLEON-BLL6G1214L-250 Datasheet
1Mb / 13P
   LDMOS L-band radar power transistor
Rev. 3 ??28 January 2016
logo
NXP Semiconductors
BLL8H1214L-500 PHILIPS-BLL8H1214L-500_15 Datasheet
247Kb / 20P
   LDMOS L-band radar power transistor
Rev. 2-9 February 2015
logo
Ampleon Netherlands B.V...
BLL8H1214L-500 AMPLEON-BLL8H1214L-500 Datasheet
1Mb / 20P
   LDMOS L-band radar power transistor
Rev. 3 ??1 September 2015
BLL9G1214L-600 AMPLEON-BLL9G1214L-600 Datasheet
1Mb / 13P
   LDMOS L-band radar power transistor
Rev. 2 ??6 November 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com