Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTB09P04DFP Datasheet(PDF) 4 Page - Cystech Electonics Corp.

Part # MTB09P04DFP
Description  P-Channel Enhancement Mode Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB09P04DFP Datasheet(HTML) 4 Page - Cystech Electonics Corp.

  MTB09P04DFP Datasheet HTML 1Page - Cystech Electonics Corp. MTB09P04DFP Datasheet HTML 2Page - Cystech Electonics Corp. MTB09P04DFP Datasheet HTML 3Page - Cystech Electonics Corp. MTB09P04DFP Datasheet HTML 4Page - Cystech Electonics Corp. MTB09P04DFP Datasheet HTML 5Page - Cystech Electonics Corp. MTB09P04DFP Datasheet HTML 6Page - Cystech Electonics Corp. MTB09P04DFP Datasheet HTML 7Page - Cystech Electonics Corp. MTB09P04DFP Datasheet HTML 8Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
CYStech Electronics Corp.
Spec. No. : C877FP
Issued Date : 2015.07.06
Revised Date :
Page No. : 4/8
MTB09P04DFP
CYStek Product Specification
Typical Characteristics
Typical Output Characteristics
0
20
40
60
80
100
01
23
45
-VDS, Drain-Source Voltage(V)
-VGS=2V
10V,9V, 8V, 7V, 6V, 5V, 4V
3.5V
3V
2.5V
Brekdown Voltage vs Ambient Temperature
0.4
0.6
0.8
1
1.2
1.4
-75 -50 -25
0
25
50
75 100 125 150 175
Tj, Junction Temperature(°C)
ID=-250μA,
VGS=0V
Static Drain-Source On-State resistance vs Drain Current
1
10
100
0.01
0.1
1
10
100
-ID, Drain Current(A)
-10V
-3V
-4.5V
Reverse Drain Current vs Source-Drain Voltage
0.2
0.4
0.6
0.8
1
1.2
0
5
10
15
20
-IDR, Reverse Drain Current(A)
Tj=25°C
Tj=150°C
VGS=0V
Static Drain-Source On-State Resistance vs Gate-Source
Voltage
0
20
40
60
80
100
120
140
160
180
200
02
4
6
8
10
Drain-Source On-State Resistance vs Junction Tempearture
0
0.4
0.8
1.2
1.6
2
-75 -50 -25
0
25
50
75 100 125 150 175
Tj, Junction Temperature(°C)
VGS=-10V, ID=-25A
RDS(ON)@Tj=25°C : 6.1mΩ
-VGS, Gate-Source Voltage(V)
ID=-25A


Similar Part No. - MTB09P04DFP

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTB09P04DJ3 CYSTEKEC-MTB09P04DJ3 Datasheet
413Kb / 9P
   P-Channel Enhancement Mode Power MOSFET
MTB09P04DJ3-0-T3-G CYSTEKEC-MTB09P04DJ3-0-T3-G Datasheet
413Kb / 9P
   P-Channel Enhancement Mode Power MOSFET
More results

Similar Description - MTB09P04DFP

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G3401 GTM-G3401 Datasheet
308Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GP4953 GTM-GP4953 Datasheet
301Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4913 GTM-GSS4913 Datasheet
290Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4955 GTM-GSS4955 Datasheet
350Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com