Electronic Components Datasheet Search |
|
MAX1487EEPA Datasheet(PDF) 7 Page - Maxim Integrated Products |
|
MAX1487EEPA Datasheet(HTML) 7 Page - Maxim Integrated Products |
7 / 16 page ±15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers _______________________________________________________________________________________ 7 ______________________________________________________________Pin Description 1 2 Receiver Output: If A > B by 200mV, RO will be high; If A < B by 200mV, RO will be low. 2 — Receiver Output Enable. RO is enabled when – R — E – is low; RO is high impedance when – R — E – is high. 3 — Driver Output Enable. The driver outputs, Y and Z, are enabled by bringing DE high. They are high imped- ance when DE is low. If the driver outputs are enabled, the parts function as line drivers. While they are high impedance, they function as line receivers if – R — E – is low. 4 3 Driver Input. A low on DI forces output Y low and out- put Z high. Similarly, a high on DI forces output Y high and output Z low. 6 — Noninverting Receiver Input and Noninverting Driver Output — 6 Inverting Driver Output — 5 Noninverting Driver Output 5 4 Ground — — No Connect—not internally connected 8 1 Positive Supply: 4.75V ≤ VCC ≤ 5.25V — 7 Inverting Receiver Input 7 — Inverting Receiver Input and Inverting Driver Output — 8 Noninverting Receiver Input PIN 2 3 4 5 — 10 9 6, 7 1, 8, 13 14 11 — 12 RO – R — E – DE DI A Z Y GND N.C. VCC B B A FUNCTION MAX489E MAX491E NAME MAX488E MAX490E MAX481E/MAX483E MAX485E/MAX487E MAX1487E |
Similar Part No. - MAX1487EEPA |
|
Similar Description - MAX1487EEPA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |