Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS854S057BI Datasheet(PDF) 9 Page - Integrated Device Technology

Part # ICS854S057BI
Description  One LVDS output pair
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS854S057BI Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button ICS854S057BI Datasheet HTML 5Page - Integrated Device Technology ICS854S057BI Datasheet HTML 6Page - Integrated Device Technology ICS854S057BI Datasheet HTML 7Page - Integrated Device Technology ICS854S057BI Datasheet HTML 8Page - Integrated Device Technology ICS854S057BI Datasheet HTML 9Page - Integrated Device Technology ICS854S057BI Datasheet HTML 10Page - Integrated Device Technology ICS854S057BI Datasheet HTML 11Page - Integrated Device Technology ICS854S057BI Datasheet HTML 12Page - Integrated Device Technology ICS854S057BI Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
ICS854S057BI Data Sheet
4:1, OR 2:1 LVDS CLOCK MULTIPLEXER W/INTERNAL INPUT TERMINATION
ICS854S057BGI REVISION A MARCH 29, 2010
9
©2010 Integrated Device Technology, Inc.
2.5V LVPECL Input with Built-In 50Termination Interface
The PCLK /nPCLK with built-in 50
Ω terminations accept LVDS,
LVPECL, CML, SSTL and other differential signals. Both differential
signals must meet the VPP and VCMR input requirements. Figures 2A
to 2E show interface examples for the PCLK /nPCLK with built-in 50
termination input driven by the most common driver types. The input
interfaces suggested here are examples only. If the driver is from
another vendor, use their termination recommendation. Please
consult with the vendor of the driver component to confirm the driver
termination requirements.
Figure 2A. PCLK/nPCLK Input with
Built-In 50
Ω Driven by an LVDS Driver
Figure 2C. PCLK/nPCLK Input with
Built-In 50
Ω Driven by a CML Driver
Figure 2E. PCLK/nPCLK Input with
Built-In 50
Ω Driven by an SSTL Driver
Figure 2B. PCLK/nPCLK Input with
Built-In 50
Ω Driven by an LVPECL Driver
Figure 2D. PCLK/nPCLK Input with Built-In 50
Ω Driven
by a CML Driver with Built-In 50
Ω Pullup
PCLK
nPCLK
VT
Receiver
With
Built-In
50
LVDS
3.3V or 2.5V
2.5V
Zo = 50
Zo = 50
PCLK
nPCLK
VT
CML
Receiver
With
Built-In
50
2.5V
2.5V
Zo = 50
Zo = 50
SSTL
R1
25
R2
25
PCLK
nPCLK
VT
Receiver
With
Built-In
50
2.5V
2.5V
Zo = 50
Zo = 50
PCLK
nPCLK
VT
Receiver
With
Built-In
50
R1
18
LVPECL
2.5V
2.5V
Zo = 50
Zo = 50
CML - Built-in 50
Ω Pull-up
PCLK
nPCLK
VT
Receiver
With
Built-In
50
2.5V
2.5V
Zo = 50
Zo = 50


Similar Part No. - ICS854S057BI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS854S054I IDT-ICS854S054I Datasheet
1Mb / 14P
   One differential LVDS output pair
logo
Renesas Technology Corp
ICS854S054I RENESAS-ICS854S054I Datasheet
1Mb / 15P
   4:1 Differential-to-LVDS Clock Multiplexer
2019
logo
Integrated Device Techn...
ICS854S058I IDT-ICS854S058I Datasheet
450Kb / 16P
   One differential LVDS output pair
logo
Renesas Technology Corp
ICS854S058I RENESAS-ICS854S058I Datasheet
838Kb / 17P
   8:1 Differential-to-LVDS Clock Multiplexer
2019
More results

Similar Description - ICS854S057BI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS854S058I IDT-ICS854S058I Datasheet
450Kb / 16P
   One differential LVDS output pair
ICS854S054I IDT-ICS854S054I Datasheet
1Mb / 14P
   One differential LVDS output pair
ICS853S01I IDT-ICS853S01I Datasheet
484Kb / 23P
   One LVPECL output pair
ICS8N3PG10MBKI-062 IDT-ICS8N3PG10MBKI-062 Datasheet
270Kb / 20P
   One differential LVPECL output pair
logo
Assmann Electronics Inc...
AK579F-2-R ASSMANN-AK579F-2-R Datasheet
95Kb / 1P
   Twisted Pair and One by One
logo
Cypress Semiconductor
CY2XP22 CYPRESS-CY2XP22_11 Datasheet
281Kb / 10P
   Crystal to LVPECL Clock Generator One LVPECL output pair
CY2XP24 CYPRESS-CY2XP24_11 Datasheet
404Kb / 12P
   Crystal to LVPECL Clock Generator One LVPECL Output Pair
logo
List of Unclassifed Man...
CHLZ-A5BP ETC2-CHLZ-A5BP Datasheet
53Kb / 1P
   LVDS Oscillator LVDS Output
logo
Oscilent Corporation
920 OSCILENT-920 Datasheet
141Kb / 2P
   LVDS Output
logo
Integrated Device Techn...
ICS874S02I IDT-ICS874S02I Datasheet
3Mb / 16P
   One differential clock input pair
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com