Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5104 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX5104
Description  Low-Power, Dual, Voltage-Output, 12-Bit DAC with Serial Interface
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5104 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX5104 Datasheet HTML 4Page - Maxim Integrated Products MAX5104 Datasheet HTML 5Page - Maxim Integrated Products MAX5104 Datasheet HTML 6Page - Maxim Integrated Products MAX5104 Datasheet HTML 7Page - Maxim Integrated Products MAX5104 Datasheet HTML 8Page - Maxim Integrated Products MAX5104 Datasheet HTML 9Page - Maxim Integrated Products MAX5104 Datasheet HTML 10Page - Maxim Integrated Products MAX5104 Datasheet HTML 11Page - Maxim Integrated Products MAX5104 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Low-Power, Dual, Voltage-Output, 12-Bit DAC
with Serial Interface
______________________________________________________________________________________
11
VOUT = VREF [((2 · NB) / 4096) - 1]
where NB represents the numeric value of the DAC’s
binary input code. Table 3 shows digital codes and the
corresponding output voltage for Figure 11’s circuit.
Using an AC Reference
In applications where the reference has an AC signal
component, the MAX5104 has multiplying capabilities
within the reference input voltage range specifications.
Figure 12 shows a technique for applying a sinusoidal
input to REF_, where the AC signal is offset before
being applied to the reference input.
Harmonic Distortion and Noise
The total harmonic distortion plus noise (THD+N) is typ-
ically less than -78dB at full scale with a 1Vp-p input
swing at 5kHz.
Digital Calibration and
Threshold Selection
Figure 13 shows the MAX5104 in a digital calibration
application. With a bright-light value applied to the pho-
todiode (on), the DAC is digitally ramped until it trips
the comparator. The microprocessor (µP) stores this
“high” calibration value. Repeat the process with a dim
light (off) to obtain the dark current calibration.
Table 3. Bipolar Code Table
ANALOG OUTPUT
1111 1111 1 111 (0)
1000 0000 0 001 (0)
DAC CONTENTS
MSB
LSB
1000 0000 0 000 (0)
0V
0111 1111 1 111 (0)
0000 0000 0 000 (0)
0000 0000 0 001 (0)
+V
2047
2048
REF


+V
1
2048
REF


-V
1
2048
REF


+V
2047
4096
REF


2
-V
2048
2048
-V
REF
REF


=
AGND
DGND
R
R
MAX5104
DAC _
REF_
OS_
OUT_
10k
10k
10k
10k
V-
V+
VDD
VOUT
+5V/+3V
Figure 11. Bipolar Output Circuit
DAC_
OUT_
MAX5104
10k
26k
OS_
REF
R
R
VDD
DGND
AGND
+5V/
+3V
AC
REFERENCE
INPUT
500mVp-p
MAX495
+5V/+3V
Figure 12. AC Reference Input Circuit
AGND
DIN
µP
DGND
MAX5104
DAC _
REF_
OS_
OUT_
R
R
V-
V+
PHOTODIODE
V+
VDD
VOUT
RPULLDOWN
+5V/+3V
Figure 13. Digital Calibration
Note: ( ) are for the sub-bit.


Similar Part No. - MAX5104

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MAX5104XXXXX ZARLINK-MAX5104XXXXX Datasheet
262Kb / 12P
   RADIATION HARD 4096 x 1 BIT STATIC RAM
More results

Similar Description - MAX5104

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5722 MAXIM-MAX5722 Datasheet
686Kb / 14P
   12-Bit, Low-Power, Dual, Voltage-Output DAC with Serial Interface
Rev 2; 7/03
MAX5302 MAXIM-MAX5302 Datasheet
696Kb / 12P
   Low-Power, 12-Bit Voltage-Output DAC with Serial Interface
Rev 0; 10/99
MAX5742 MAXIM-MAX5742 Datasheet
676Kb / 15P
   12-Bit, Low-Power, Quad, Voltage-Output DAC with Serial Interface
Rev 2; 7/03
MAX525 MAXIM-MAX525 Datasheet
141Kb / 16P
   Low-Power, Quad, 12-Bit Voltage-Output DAC with Serial Interface
Rev 1; 12/96
logo
IC MICROSYSTEMS
ICM7722 ICMIC-ICM7722 Datasheet
137Kb / 10P
   12-Bit 1.2v Low Power Dual DAC With Serial Interface and Voltage Output
logo
Maxim Integrated Produc...
MAX5721 MAXIM-MAX5721 Datasheet
643Kb / 14P
   10-Bit, Low-Power, Dual, Voltage-Output DAC with Serial Interface
Rev 2; 7/03
logo
IC MICROSYSTEMS
ICM7712 ICMIC-ICM7712 Datasheet
333Kb / 9P
   12-Bit 1.2v Low Power Single DAC With Serial Interface and Voltage Output
logo
Maxim Integrated Produc...
MAX5154 MAXIM-MAX5154 Datasheet
184Kb / 16P
   Low-Power, Dual, 12-Bit Voltage-Output DACs with Serial Interface
Rev 1; 12/97
MAX5253 MAXIM-MAX5253 Datasheet
135Kb / 16P
   3V, Quad, 12-Bit Voltage-Output DAC with Serial Interface
Rev 0; 9/96
MAX5253 MAXIM-MAX5253_V01 Datasheet
695Kb / 16P
   3V, Quad, 12-Bit Voltage-Output DAC with Serial Interface
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com