Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET


MAX5104 Datasheet(HTML) 4 Page - Maxim Integrated Products

Part No. MAX5104
Description  Low-Power, Dual, Voltage-Output, 12-Bit DAC with Serial Interface
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX5104 Datasheet(HTML) 4 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 4 page
background image
Low-Power, Dual, Voltage-Output, 12-Bit DAC
with Serial Interface
4
_______________________________________________________________________________________
__________________________________________Typical Operating Characteristics
(VDD = +5V, RL = 10kΩ, CL = 100pF, OS_ pins connected to AGND, TA = +25°C, unless otherwise noted.)
-20
-16
-18
-12
-14
-8
-10
-6
-2
-4
0
1
370
740
1110
1480
1850
REFERENCE VOLTAGE INPUT
FREQUENCY RESPONSE
FREQUENCY (kHz)
VREF = +0.67Vp-p AT 2.5VDC
CODE = 1FFE (HEX)
400
450
550
500
650
600
700
-55
5
-15
-35
45
25
65
105
85
125
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (°C)
VREF = +2.048V
RL = ∞
CODE = 1FFE (HEX)
CODE = 0000 (HEX)
-30
-80
1
10
100
TOTAL HARMONIC DISTORTION
PLUS NOISE vs. FREQUENCY
-70
FREQUENCY (kHz)
-60
-50
-40
VREF = +1Vp-p AT 2.5VDC
CODE = 1FFE (HEX)
0
0.1
1
10
100
FULL-SCALE ERROR vs. RESISTIVE LOAD
-1.25
-1.00
-1.50
-0.75
-0.50
-0.25
0.25
0.50
RL (kΩ)
VREF = +2.048V
-100
-80
-90
-60
-70
-40
-50
0.5
1.6
2.7
3.8
4.9
6.0
-30
-10
-20
0
OUTPUT FFT PLOT
VREF = +2.45Vp-p AT 1.225VDC
f = 1kHz
CODE = 1FFE (HEX)
NOTE: RELATIVE TO FULL SCALE
FREQUENCY (kHz)
-150
-130
-140
-110
-120
-90
-100
-80
-60
-70
-50
0.5
1.5 2.0 2.5
1.0
3.0 3.5 4.0
5.0
4.5
5.5
REFERENCE FEEDTHROUGH AT 1kHz
FREQUENCY (kHz)
VREF = +3.6Vp-p AT 1.88VDC
CODE = 0000 (HEX)
0
1
2
3
4
5
6
-55
5
25
-15
-35
45
65
85 105 125
SHUTDOWN CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
VREF = +1V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn