Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET


MAX5104 Datasheet(HTML) 5 Page - Maxim Integrated Products

Part No. MAX5104
Description  Low-Power, Dual, Voltage-Output, 12-Bit DAC with Serial Interface
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX5104 Datasheet(HTML) 5 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 5 page
background image
Low-Power, Dual, Voltage-Output, 12-Bit DAC
with Serial Interface
_______________________________________________________________________________________
5
_____________________________Typical Operating Characteristics (continued)
(VDD = +5V, RL = 10kΩ, CL = 100pF, OS_ pins connected to AGND, TA = +25°C, unless otherwise noted.)
0.40
0.45
0.50
0.55
0.60
4.50
4.75
5.00
5.25
5.50
SUPPLY CURRENT vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
CODE = 1FFE (HEX)
CODE = OOOO (HEX)
OUTB
200
µV/div
AC-COUPLED
OUTA
5V/div
ANALOG CROSSTALK
VREF = +2.048V, GAIN = +2V/V, CODE = 1FFE HEX
250
µs/div
DIGITAL FEEDTHROUGH
OUTA
500
µV/div
AC-COUPLED
SCLK
5V/div
2.5
µs/div
5
µs/div
MAJOR-CARRY TRANSITION
TRANSITION FROM 1000 (HEX) TO 0FFE (HEX)
OUT_
50mV/div
AC-COUPLED
2V/div
CS
DYNAMIC RESPONSE RISE TIME
2
µs/div
OUT_
1V/div
5V/div
CS
VREF = +2.048V
2
µs/div
DYNAMIC RESPONSE FALL TIME
OUT_
1V/div
5V/div
CS
VREF = +2.048V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn