Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS8732-01 Datasheet(PDF) 10 Page - Integrated Device Technology

Part # ICS8732-01
Description  Maximum output frequency
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8732-01 Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button ICS8732-01 Datasheet HTML 6Page - Integrated Device Technology ICS8732-01 Datasheet HTML 7Page - Integrated Device Technology ICS8732-01 Datasheet HTML 8Page - Integrated Device Technology ICS8732-01 Datasheet HTML 9Page - Integrated Device Technology ICS8732-01 Datasheet HTML 10Page - Integrated Device Technology ICS8732-01 Datasheet HTML 11Page - Integrated Device Technology ICS8732-01 Datasheet HTML 12Page - Integrated Device Technology ICS8732-01 Datasheet HTML 13Page - Integrated Device Technology ICS8732-01 Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
8732AY-01
www.idt.com
REV. E MAY 2, 2013
10
ICS8732-01
LOW VOLTAGE, LOW SKEW
3.3V LVPECL CLOCK GENERATOR
C16
10uF
U1
ICS8732-01
14
15
16
17
18
19
20
21
22
23
24
25
26
52
51
50
49
48
47
46
45
44
43
42
41
40
DIV_SELA1
DIV_SELA0
VCC
VEE
CLK1
nCLK0
CLK0
CLK_SEL
VCCA
nc
DIV_SELB1
DIV_SELB0
VCC
VEE
FBDIV_SEL2
FBDIV_SEL1
FBDIV_SEL0
nFB_IN
FB_IN
VCC
VEE
nQFB0
QFB0
nQFB1
QFB1
VCCO
To Logic
Input
pins
R13
1K
C7
0.1uF
RD2
1K
R7
50
Logic Input Pin Examples
R14
1K
+
-
R7
10
DIV_SELA1
VCC
VCC
FBDIV_SEL2
C4
0.1uF
VCC=3.3V
R9
50
VCC
R12
50
+
-
R1
50
C5
0.1uF
VCCA
R6
50
(U1-1)
SP = Spare (i.e. not intstalled)
(U1-39)
Zo = 50
DIV_SELB1
R2
50
Zo = 50
VCC
Set Logic
Input to
'0'
Zo = 50
C3
0.1uF
Bypass capacitors located near the power pins
Zo = 50
Zo = 50
Zo = 50
To Logic
Input
pins
DIV_SELA0
FBDIV_SEL1
R11
50
RU2
SP
(U1-16)
C2
0.1uF
R8
50
DIV_SELB0
C8
0.1uF
Set Logic
Input to
'1'
FBDIV_SEL0
C6
0.1uF
RD1
SP
(U1-32)
C11
0.1uF
RU1
1K
(U1-26)
VCC
(U1-40)
VCC
R10
50
R3
50
(U1-46)
LVPECL
(U1-8)
C1
0.1uF
VCC
R5
50
R4
50
LAYOUT GUIDELINE
Figure 5 shows a schematic example of the ICS8732-01. In this
example, the CLK0/nCLK0 input is selected.The decoupling ca-
pacitors should be physically located near the power pin. For
ICS8732-01, the unused outputs can be left floating.
FIGURE 5. ICS8732-01 LVPECL BUFFER SCHEMATIC EXAMPLE


Similar Part No. - ICS8732-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS873033 ICST-ICS873033 Datasheet
260Kb / 16P
   HIGH SPEED, 첨4 DIFFERENTIAL-TO- 3.3V, 5V LVPECL/ECL CLOCK GENERATOR
ICS873033AG ICST-ICS873033AG Datasheet
260Kb / 16P
   HIGH SPEED, 첨4 DIFFERENTIAL-TO- 3.3V, 5V LVPECL/ECL CLOCK GENERATOR
ICS873033AGLF ICST-ICS873033AGLF Datasheet
260Kb / 16P
   HIGH SPEED, 첨4 DIFFERENTIAL-TO- 3.3V, 5V LVPECL/ECL CLOCK GENERATOR
ICS873033AGLFT ICST-ICS873033AGLFT Datasheet
260Kb / 16P
   HIGH SPEED, 첨4 DIFFERENTIAL-TO- 3.3V, 5V LVPECL/ECL CLOCK GENERATOR
ICS873033AGT ICST-ICS873033AGT Datasheet
260Kb / 16P
   HIGH SPEED, 첨4 DIFFERENTIAL-TO- 3.3V, 5V LVPECL/ECL CLOCK GENERATOR
More results

Similar Description - ICS8732-01

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS853S12I IDT-ICS853S12I Datasheet
336Kb / 17P
   Maximum output frequency
83056 IDT-83056 Datasheet
167Kb / 15P
   Maximum output frequency
83947 IDT-83947 Datasheet
122Kb / 10P
   Maximum output frequency
ICS853S54I IDT-ICS853S54I Datasheet
478Kb / 21P
   Maximum output frequency
83054 IDT-83054 Datasheet
170Kb / 14P
   Maximum output frequency
ICS8530-01 IDT-ICS8530-01 Datasheet
149Kb / 17P
   Maximum output frequency
ICS859S0412I IDT-ICS859S0412I Datasheet
679Kb / 23P
   Maximum output frequency
ICS853S012I IDT-ICS853S012I Datasheet
476Kb / 22P
   Maximum output frequency
logo
Analog Devices
AD9528 AD-AD9528 Datasheet
1Mb / 68P
   Maximum output frequency
logo
Integrated Device Techn...
83918 IDT-83918 Datasheet
266Kb / 19P
   Maximum output frequency
83940D IDT-83940D Datasheet
220Kb / 16P
   Maximum output frequency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com