Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS8745BI-21 Datasheet(PDF) 20 Page - Integrated Device Technology

Part # ICS8745BI-21
Description  Output frequency range
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8745BI-21 Datasheet(HTML) 20 Page - Integrated Device Technology

Back Button ICS8745BI-21 Datasheet HTML 13Page - Integrated Device Technology ICS8745BI-21 Datasheet HTML 14Page - Integrated Device Technology ICS8745BI-21 Datasheet HTML 15Page - Integrated Device Technology ICS8745BI-21 Datasheet HTML 16Page - Integrated Device Technology ICS8745BI-21 Datasheet HTML 17Page - Integrated Device Technology ICS8745BI-21 Datasheet HTML 18Page - Integrated Device Technology ICS8745BI-21 Datasheet HTML 19Page - Integrated Device Technology ICS8745BI-21 Datasheet HTML 20Page - Integrated Device Technology ICS8745BI-21 Datasheet HTML 21Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
ICS8745BMI-21 REVISION D JULY 28, 2010
20
©2010 Integrated Device Technology, Inc.
ICS8745BI-21 Data Sheet
1:1 DIFFERENTIAL-TO-LVDS ZERO DELAY CLOCK GENERATOR
Revision History Sheet
Rev
Table
Page
Description of Change
Date
B
T4D
5
LVDS DC Characteristics Table - modified VOS 0.90V min. to 1.05V min,
1.15V typical to 1.2V typical, and 1.4V max. to 1.35V max.
3/17/04
C
T6
7
12
15
AC Characteristics Table - changed tPD max limit from 3.9ns to 4.0ns.
Added Recommendations for Unused Input & Output Pins.
Added Power Considerations section.
Updated format throughout the datasheet.
4/17/07
C
T3A
T 3B
T4C
T6
T10
1
3
4
6
7
10
11
17
Pin Assignment - corrected lineup of pin names.
Control Input Function Table - deleted “z” from 1st row of SEL3 column.
PLL Bypass Function Table - deleted “z” from 1st row of SEL3 column
Differential DC Characteristics Table - updated NOTES.
AC Characteristics Table - added thermal note.
Power Supply Filtering Technique - updated paragraph.
Updated Differential Clock Input Interface.
Ordering Information Table - added “LF” marking. Deleted “ICS” prefix in Part/Order number
column.
Updated Header/Footer of datasheet.
1/25/10
D
T7B
T8B
T9B
T10
1
5
10
12
13
16
17
18
19
Added 32 Lead VFQFN proposed pin assignment.
Absolute Maximum Ratings - added 32 Lead VFQN Package Thermal Impedance.
Updated Wiring the Differential Input to Accept Single-ended Levels.
Updated LVDS Output Termination.
Added VFQFN EPad Thermal Release section.
Added proposed 32 Lead VFQFN Thermal Resistance table.
Added proposed 32 Lead VFQFN theta ja table.
Added proposed 32 Lead VFQFN Package Outline and Dimensions.
Ordering Information Table added proposed 32 Lead VFQFN ordering information.
7/28/10


Similar Part No. - ICS8745BI-21

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS8745BI IDT-ICS8745BI Datasheet
814Kb / 20P
   1:5 Differential-to-LVDS Zero Delay Clock Generator
logo
Renesas Technology Corp
ICS8745BI RENESAS-ICS8745BI Datasheet
880Kb / 21P
   1:5 Differential-to-LVDS Zero Delay Clock Generator
2019
More results

Similar Description - ICS8745BI-21

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS87004I IDT-ICS87004I Datasheet
765Kb / 15P
   Output frequency range
ICS8714008I IDT-ICS8714008I Datasheet
461Kb / 34P
   Output frequency range
8705I IDT-8705I Datasheet
276Kb / 18P
   Output frequency range
86004 IDT-86004 Datasheet
219Kb / 13P
   Output frequency range
87002-02 IDT-87002-02 Datasheet
312Kb / 16P
   Output frequency range
ICS8714004I IDT-ICS8714004I Datasheet
443Kb / 31P
   Output frequency range
logo
Analog Devices
HMC1161 AD-HMC1161 Datasheet
327Kb / 12P
   Dual output frequency range
HMC1165 AD-HMC1165 Datasheet
375Kb / 12P
   Dual output frequency range
logo
Kyocera Kinseki Corpota...
TCXO-170 KSS-TCXO-170 Datasheet
137Kb / 1P
   Output 50廓 Wide frequency range
logo
Integrated Device Techn...
XUH IDT-XUH Datasheet
255Kb / 12P
   Frequency range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com