Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS8745BI-21 Datasheet(PDF) 14 Page - Integrated Device Technology

Part # ICS8745BI-21
Description  Output frequency range
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8745BI-21 Datasheet(HTML) 14 Page - Integrated Device Technology

Back Button ICS8745BI-21 Datasheet HTML 10Page - Integrated Device Technology ICS8745BI-21 Datasheet HTML 11Page - Integrated Device Technology ICS8745BI-21 Datasheet HTML 12Page - Integrated Device Technology ICS8745BI-21 Datasheet HTML 13Page - Integrated Device Technology ICS8745BI-21 Datasheet HTML 14Page - Integrated Device Technology ICS8745BI-21 Datasheet HTML 15Page - Integrated Device Technology ICS8745BI-21 Datasheet HTML 16Page - Integrated Device Technology ICS8745BI-21 Datasheet HTML 17Page - Integrated Device Technology ICS8745BI-21 Datasheet HTML 18Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
ICS8745BMI-21 REVISION D JULY 28, 2010
14
©2010 Integrated Device Technology, Inc.
ICS8745BI-21 Data Sheet
1:1 DIFFERENTIAL-TO-LVDS ZERO DELAY CLOCK GENERATOR
Schematic Example
The schematic of the ICS8745BI-21 layout example is shown in
Figure 6A. The ICS8745BI-21 recommended PCB board layout for
this example is shown in Figure 6B. This layout example is used as a
general guideline. The layout in the actual system will depend on the
selected component types, the density of the components, the
density of the traces, and the stack up of the P.C. board.
Figure 6A. ICS8745BI-21 LVDS Zero Delay Buffer Schematic Example
SEL2
PLL_SEL
RD6
SP
RD4
SP
R4
100
VDD
RU3
1K
SP = Space (i.e. not intstalled)
SEL0
SEL3
RU4
1K
SEL[3:0] = 0101,
Divide by 2
R8
50
RD7
1K
(77.76 MHz)
VDDO
VDD
C1
0.1uF
Bypass capacitors located
near the power pins
RU5
SP
C16
10u
SEL3
VDDO
(U1-7)
Zo = 50 Ohm
VDDA
3.3V PECL Driver
SEL1
R9
50
VDD=3.3V
VDDO
R10
50
SEL0
Zo = 50 Ohm
RD5
1K
C11
0.01u
(U1-11)
C4
0.1uF
SEL2
(155.52 MHz)
LVDS_input
+
-
Zo = 100 Ohm Differential
R2
100
SEL1
RU7
SP
C2
0.1uF
R7
10
PLL_SEL
U1
ICS8745B-21
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
20
19
18
17
CLK
nCLK
MR
nFB_IN
FB_IN
SEL2
VDDO
nQFB
QFB
GND
VDDO
nQ
Q
GND
SEL3
VDDA
SEL1
SEL0
VDDI
PLL_SEL
RD3
SP
VDD
VDDO=3.3V
RU6
1K
3.3V


Similar Part No. - ICS8745BI-21

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS8745BI IDT-ICS8745BI Datasheet
814Kb / 20P
   1:5 Differential-to-LVDS Zero Delay Clock Generator
logo
Renesas Technology Corp
ICS8745BI RENESAS-ICS8745BI Datasheet
880Kb / 21P
   1:5 Differential-to-LVDS Zero Delay Clock Generator
2019
More results

Similar Description - ICS8745BI-21

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS87004I IDT-ICS87004I Datasheet
765Kb / 15P
   Output frequency range
ICS8714008I IDT-ICS8714008I Datasheet
461Kb / 34P
   Output frequency range
8705I IDT-8705I Datasheet
276Kb / 18P
   Output frequency range
86004 IDT-86004 Datasheet
219Kb / 13P
   Output frequency range
87002-02 IDT-87002-02 Datasheet
312Kb / 16P
   Output frequency range
ICS8714004I IDT-ICS8714004I Datasheet
443Kb / 31P
   Output frequency range
logo
Analog Devices
HMC1161 AD-HMC1161 Datasheet
327Kb / 12P
   Dual output frequency range
HMC1165 AD-HMC1165 Datasheet
375Kb / 12P
   Dual output frequency range
logo
Kyocera Kinseki Corpota...
TCXO-170 KSS-TCXO-170 Datasheet
137Kb / 1P
   Output 50廓 Wide frequency range
logo
Integrated Device Techn...
XUH IDT-XUH Datasheet
255Kb / 12P
   Frequency range
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com