Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS8745BI-21 Datasheet(PDF) 15 Page - Integrated Device Technology

Part # ICS8745BI-21
Description  Output frequency range
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8745BI-21 Datasheet(HTML) 15 Page - Integrated Device Technology

Back Button ICS8745BI-21 Datasheet HTML 11Page - Integrated Device Technology ICS8745BI-21 Datasheet HTML 12Page - Integrated Device Technology ICS8745BI-21 Datasheet HTML 13Page - Integrated Device Technology ICS8745BI-21 Datasheet HTML 14Page - Integrated Device Technology ICS8745BI-21 Datasheet HTML 15Page - Integrated Device Technology ICS8745BI-21 Datasheet HTML 16Page - Integrated Device Technology ICS8745BI-21 Datasheet HTML 17Page - Integrated Device Technology ICS8745BI-21 Datasheet HTML 18Page - Integrated Device Technology ICS8745BI-21 Datasheet HTML 19Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
ICS8745BMI-21 REVISION D JULY 28, 2010
15
©2010 Integrated Device Technology, Inc.
ICS8745BI-21 Data Sheet
1:1 DIFFERENTIAL-TO-LVDS ZERO DELAY CLOCK GENERATOR
The following component footprints are used in this layout example.
All the resistors and capacitors are size 0603.
Power and Grounding
Place the decoupling capacitors as close as possible to the power
pins. If space allows, placement of the decoupling capacitor on the
component side is preferred. This can reduce unwanted inductance
between the decoupling capacitor and the power pin caused by the
via.
Maximize the power and ground pad sizes and number of vias
capacitors. This can reduce the inductance between the power and
ground planes and the component power and ground pins.
The RC filter consisting of R7, C11, and C16 should be placed as
close to the VDDA pin as possible.
Clock Traces and Termination
Poor signal integrity can degrade the system performance or cause
system failure. In synchronous high-speed digital systems, the clock
signal is less tolerant to poor signal integrity than other signals. Any
ringing on the rising or falling edge or excessive ring back can cause
system failure. The shape of the trace and the trace delay might be
restricted by the available space on the board and the component
location. While routing the traces, the clock signal traces should be
routed first and should be locked prior to routing other signal traces.
• The differential 50
Ω output traces should have the same length.
• Avoid sharp angles on the clock trace. Sharp angle turns cause
the characteristic impedance to change on the transmission
lines.
• Keep the clock traces on the same layer. Whenever
possible, avoid placing vias on the clock traces.
Placement of vias on the traces can affect the trace
characteristic impedance and hence degrade signal
integrity.
• To prevent cross talk, avoid routing other signal traces in
parallel with the clock traces. If running parallel traces is
unavoidable, allow a separation of at least three trace
widths between the differential clock trace and the other
signal trace.
• Make sure no other signal traces are routed between the clock
trace pair.
• The matching termination resistors should be located as close
to the receiver input pins as possible.
Figure 6B. PCB Board Layout for ICS8745BI-21
100 Ohm
Differential
Traces
VDDA
VDD
C2
U1
R7
C16
VDDO
GND
C4
C1
ICS8745B-21
VIA
C11


Similar Part No. - ICS8745BI-21

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS8745BI IDT-ICS8745BI Datasheet
814Kb / 20P
   1:5 Differential-to-LVDS Zero Delay Clock Generator
logo
Renesas Technology Corp
ICS8745BI RENESAS-ICS8745BI Datasheet
880Kb / 21P
   1:5 Differential-to-LVDS Zero Delay Clock Generator
2019
More results

Similar Description - ICS8745BI-21

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS87004I IDT-ICS87004I Datasheet
765Kb / 15P
   Output frequency range
ICS8714008I IDT-ICS8714008I Datasheet
461Kb / 34P
   Output frequency range
8705I IDT-8705I Datasheet
276Kb / 18P
   Output frequency range
86004 IDT-86004 Datasheet
219Kb / 13P
   Output frequency range
87002-02 IDT-87002-02 Datasheet
312Kb / 16P
   Output frequency range
ICS8714004I IDT-ICS8714004I Datasheet
443Kb / 31P
   Output frequency range
logo
Analog Devices
HMC1161 AD-HMC1161 Datasheet
327Kb / 12P
   Dual output frequency range
HMC1165 AD-HMC1165 Datasheet
375Kb / 12P
   Dual output frequency range
logo
Kyocera Kinseki Corpota...
TCXO-170 KSS-TCXO-170 Datasheet
137Kb / 1P
   Output 50廓 Wide frequency range
logo
Integrated Device Techn...
XUH IDT-XUH Datasheet
255Kb / 12P
   Frequency range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com