Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1301730037 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1301730037
Description  Aero-Motive Light Industrial Duty Retractor, Weight Range 0.5-0.9kg
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

1301730037 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1301730037 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 09/14/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1301730037
Status:
Active
Overview:
Aero-Motive® Retractors
Description:
Aero-Motive® Light Industrial Duty Retractor, Weight Range 0.5-0.9kg (1.0-2.0 lb),
3.05m (10.0') Travel
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Tool Supports
Series
130173
Cable Length
3.05m (10.0')
Duty
Light
Overview
Aero-Motive® Retractors
Product Name
Aero-Motive®
Type
Retractors
UPC
78678858864
Woodhead
Yes
Physical
Cable Diameter
N/A
Cable Movement
Constant Retraction
Drum Lock
None
Material - Housing
ABS
Mounting Style
Hanging
Packaging Type
Carton
Travel Distance
3.05m (10.0')
Weight Range
0.5-0.9kg (1.0-2.0 lb)
Wire/Cable Type
Nylon Cord
Material Info
Old Part Number
RB210
Reference - Drawing Numbers
Sales Drawing
SD-130173-001
Series image - Reference only
EU ELV
Not Reviewed
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Reviewed
Search Parts in this Series
130173 Series
This document was generated on 09/14/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 1301730037

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1301730037 MOLEX2-1301730037 Datasheet
288Kb / 2P
   RB SERIES OF RETRACTORS
More results

Similar Description - 1301730037

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130173-0043 MOLEX11-130173-0043 Datasheet
28Kb / 1P
   Aero-Motive Light Industrial Duty Retractor, Weight Range 0.0-0.9kg
1301730043 MOLEX11-1301730043 Datasheet
28Kb / 1P
   Aero-Motive Light Industrial Duty Retractor, Weight Range 0.0-0.9kg
130173-0037 MOLEX11-130173-0037 Datasheet
28Kb / 1P
   Aero-Motive Light Industrial Duty Retractor, Weight Range 0.5-0.9kg (1.0-2.0 lb),
1301730048 MOLEX11-1301730048 Datasheet
28Kb / 1P
   Aero-Motive Light Industrial Duty Retractor, Weight Range 0.9-1.8kg
1301730057 MOLEX11-1301730057 Datasheet
28Kb / 1P
   Aero-Motive Light Industrial Duty Retractor, Weight Range 21.8-2.7kg
1301730050 MOLEX11-1301730050 Datasheet
28Kb / 1P
   Aero-Motive Light Industrial Duty Retractor, Weight Range 0.9-1.8kg
1301730055 MOLEX11-1301730055 Datasheet
28Kb / 1P
   Aero-Motive Light Industrial Duty Retractor, Weight Range 1.8-2.7kg
1301730061 MOLEX11-1301730061 Datasheet
28Kb / 1P
   Aero-Motive Light Industrial Duty Retractor, Weight Range 2.7-3.6kg
1301750014 MOLEX11-1301750014 Datasheet
28Kb / 1P
   Aero-Motive Retractor, Weight Range 0.5-2.3kg
130173-0057 MOLEX11-130173-0057 Datasheet
28Kb / 1P
   Aero-Motive Light Industrial Duty Retractor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com